Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQ60120ETA17xyz-G Datasheet(PDF) 2 Page - SynQor Worldwide Headquarters

Part # SQ60120ETA17xyz-G
Description  Output current limit and short circuit protection
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

SQ60120ETA17xyz-G Datasheet(HTML) 2 Page - SynQor Worldwide Headquarters

  SQ60120ETA17xyz-G Datasheet HTML 1Page - SynQor Worldwide Headquarters SQ60120ETA17xyz-G Datasheet HTML 2Page - SynQor Worldwide Headquarters SQ60120ETA17xyz-G Datasheet HTML 3Page - SynQor Worldwide Headquarters SQ60120ETA17xyz-G Datasheet HTML 4Page - SynQor Worldwide Headquarters SQ60120ETA17xyz-G Datasheet HTML 5Page - SynQor Worldwide Headquarters SQ60120ETA17xyz-G Datasheet HTML 6Page - SynQor Worldwide Headquarters SQ60120ETA17xyz-G Datasheet HTML 7Page - SynQor Worldwide Headquarters SQ60120ETA17xyz-G Datasheet HTML 8Page - SynQor Worldwide Headquarters SQ60120ETA17xyz-G Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Product # SQ60120ETA17
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005067 Rev. J
10/13/2015
Page 2
Input:36-75V
Output:12V
Current:17A
Part No.:SQ60120ETA17
Open Frame Mechanical Diagram
Open Frame Mechanical Diagram
PIN DESIGNATIONS
Pin
Name
Function
1
Vin(+)
Positive Input Voltage
2
ON/OFF
TTL input to turn converter
on and off, referenced to
Vin (-) with internal pull up
3
Vin(-)
Negative input voltage
4
Vout(-)
Negative output voltage
5
Vout(+)
Positive output voltage
NOTES
1) PINS 1-3 ARE 0.040" (1.02mm) DIA. WITH
0.080" (2.03mm) DIA. STANDOFF SHOULDERS
2) PINS 4 & 5 ARE 0.062" (1.57mm) DIA. WITH 0.100"
(2.54mm) DIA. STANDOFF SHOULDERS
3) OTHER PIN EXTENSION LENGTHS AVAILABLE
4) ALL PINS: MATERIAL: COPPER ALLOY
FINISH: MATTE TIN OVER NICKEL PLATE
5) UNDIMENSIONED COMPONENTS ARE SHOWN FOR VISUAL
REFERENCE ONLY
6) ALL DIMENSIONS IN INCHES(mm)
TOLERANCES: X.XXIN +/-0.02 (X.Xmm +/-0.5mm)
X.XXXIN +/-0.010 (X.XXmm +/-0.25mm)
7) MAXIMUM AREA THAT THE THERMAL TRANSFER MATERIAL IS
DEPOSITED
8) WEIGHT: 1.25 OZ (35 G) TYPICAL
9) WORKMANSHIP: MEETS OR EXCEEDS IPC-A-610C CLASS II
10) UL/TUV STANDARDS REQUIRE A CLEARANCE OF 0.04” (1.02MM)
AROUND PRIMARY AREAS OF THE MODULE.
.600
[15,24]
.90
[22,9]
.15 [3,8]
.14
[3,6]
2.000
[50,8]
2.30
[58,4]
.300 [7,62]
.600 [15,24]
.180 [4,57]
SEE NOTE 3
.498 ±.032
[12,65 ±0,81]
OVERALL HEIGHT
.033 ±.030
[0,84 ±0,76]
BOTTOMSIDE
CLEARANCE
1
2
3
4
5


Similar Part No. - SQ60120ETA17xyz-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
SQ60120ETA20 SYNQOR-SQ60120ETA20 Datasheet
2Mb / 14P
   Industry standard eighth-brick pin-out configuration
SQ60120ETA20xyz-G SYNQOR-SQ60120ETA20xyz-G Datasheet
2Mb / 14P
   Industry standard eighth-brick pin-out configuration
More results

Similar Description - SQ60120ETA17xyz-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60033SMX15 SYNQOR-PQ60033SMX15 Datasheet
909Kb / 15P
   Output current limit and short circuit protection
SQ60120EPB25 SYNQOR-SQ60120EPB25 Datasheet
2Mb / 14P
   Output current limit and short circuit protection
PQ60150SMX03 SYNQOR-PQ60150SMX03 Datasheet
904Kb / 15P
   Output current limit and short circuit protection
MQME-28E-T SYNQOR-MQME-28E-T Datasheet
6Mb / 17P
   Output current limit for short-circuit protection
logo
Texas Instruments
PT4244N TI-PT4244N Datasheet
386Kb / 9P
[Old version datasheet]   10W Output Power, Short-Circuit Protection, Output Current Limit
logo
Sparkle Power Inc.
FSP200-63DL12V SPI-FSP200-63DL12V Datasheet
48Kb / 1P
   Output over voltage, short circuit, and over current protection
logo
Texas Instruments
TPD3S716-Q1 TI1-TPD3S716-Q1 Datasheet
2Mb / 32P
[Old version datasheet]   Automotive USB 2.0 Interface Protection with Adjustable Current Limit and Short-to-Battery, Short-Circuit Protection
logo
Vincotech
20-PB06IPB010RC-P955A40Y VINCOTECH-20-PB06IPB010RC-P955A40Y Datasheet
2Mb / 30P
   Over current and short circuit protection
logo
Delta Electronics, Inc.
IPM24S0C0 DELTA-IPM24S0C0 Datasheet
690Kb / 12P
   Output short circuit protection
IPM12C0A0R DELTA-IPM12C0A0R Datasheet
769Kb / 15P
   Output short circuit protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com