Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQ60120EPB25 Datasheet(PDF) 12 Page - SynQor Worldwide Headquarters

Part # SQ60120EPB25
Description  Output current limit and short circuit protection
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

SQ60120EPB25 Datasheet(HTML) 12 Page - SynQor Worldwide Headquarters

Back Button SQ60120EPB25 Datasheet HTML 6Page - SynQor Worldwide Headquarters SQ60120EPB25 Datasheet HTML 7Page - SynQor Worldwide Headquarters SQ60120EPB25 Datasheet HTML 8Page - SynQor Worldwide Headquarters SQ60120EPB25 Datasheet HTML 9Page - SynQor Worldwide Headquarters SQ60120EPB25 Datasheet HTML 10Page - SynQor Worldwide Headquarters SQ60120EPB25 Datasheet HTML 11Page - SynQor Worldwide Headquarters SQ60120EPB25 Datasheet HTML 12Page - SynQor Worldwide Headquarters SQ60120EPB25 Datasheet HTML 13Page - SynQor Worldwide Headquarters SQ60120EPB25 Datasheet HTML 14Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Product #SQ60120EPB25
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0006514 Rev. F
10/13/2015
Page 12
Input:
36-75V
Output:
12
Current:
25A
Package:
Eighth-brick
Input:36-75V
Output:12V
Current:25A
Part No.:SQ60120EPB25
Applications Section
35A
peak
200ms
20ms
APPLICATION CONSIDERATIONS
Startup Inhibit Period: Figure E details the Start-Up
Inhibit Period for the BusQor module when Vin is applied
with the On/Off pin asserted (enabled). Before time t
1,
when the input voltage Off pin asserted (enabled). Before
time t
1, when the input voltage is below the UVL threshold,
the unit is disabled by the Input Under-Voltage Lockout
feature. When the input voltage rises above the UVL
threshold, the Input Under-Voltage Lockout is released, and
a typical Startup Inhibit Period of 8ms from a Vin start-up.
Once the module recognizes it should be on it waits an
additional 4ms before it starts. When starting from an on/
off event the module has an inhibit time of 200ms like our
standard products. The output builds up to 90% or higher
of the nominal voltage and stabilizes to its nominal output
voltage in a total time of 15ms typical.
At time t
2, when the On/Off pin is de-asserted (disabled),
the BusQor module stops switching immediately. Fall time
from 12V to 0V is dependent on output capacitance load
current, and any parasitic trace inductance in the output
load circuit.
At time t
3, when the On/Off pin is re-asserted (enabled),
the BusQor module output begins to build up after the
inhibit period of 200ms typical.
Refer to the Control Features section of the data sheet for
details on enabling and disabling methods for N and P logic
type modules.
Vin
UVLO
On/Off
(N logic)
OFF
ON
t0
Vout
Fault Inhibit
Start-up
Inhibit
t
t1
t2
t3
Time
Start-Up
12V
12 ms
200 ms
15 ms
Figure E: Power Up/Down Diagram (not to scale) showing Start-Up Inhibit Period.


Similar Part No. - SQ60120EPB25

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
SQ60120ETA17 SYNQOR-SQ60120ETA17 Datasheet
2Mb / 14P
   Output current limit and short circuit protection
SQ60120ETA17xyz-G SYNQOR-SQ60120ETA17xyz-G Datasheet
2Mb / 14P
   Output current limit and short circuit protection
SQ60120ETA20 SYNQOR-SQ60120ETA20 Datasheet
2Mb / 14P
   Industry standard eighth-brick pin-out configuration
SQ60120ETA20xyz-G SYNQOR-SQ60120ETA20xyz-G Datasheet
2Mb / 14P
   Industry standard eighth-brick pin-out configuration
More results

Similar Description - SQ60120EPB25

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60033SMX15 SYNQOR-PQ60033SMX15 Datasheet
909Kb / 15P
   Output current limit and short circuit protection
SQ60120ETA17 SYNQOR-SQ60120ETA17 Datasheet
2Mb / 14P
   Output current limit and short circuit protection
PQ60150SMX03 SYNQOR-PQ60150SMX03 Datasheet
904Kb / 15P
   Output current limit and short circuit protection
MQME-28E-T SYNQOR-MQME-28E-T Datasheet
6Mb / 17P
   Output current limit for short-circuit protection
logo
Texas Instruments
PT4244N TI-PT4244N Datasheet
386Kb / 9P
[Old version datasheet]   10W Output Power, Short-Circuit Protection, Output Current Limit
logo
Sparkle Power Inc.
FSP200-63DL12V SPI-FSP200-63DL12V Datasheet
48Kb / 1P
   Output over voltage, short circuit, and over current protection
logo
Texas Instruments
TPD3S716-Q1 TI1-TPD3S716-Q1 Datasheet
2Mb / 32P
[Old version datasheet]   Automotive USB 2.0 Interface Protection with Adjustable Current Limit and Short-to-Battery, Short-Circuit Protection
logo
Vincotech
20-PB06IPB010RC-P955A40Y VINCOTECH-20-PB06IPB010RC-P955A40Y Datasheet
2Mb / 30P
   Over current and short circuit protection
logo
Delta Electronics, Inc.
IPM24S0C0 DELTA-IPM24S0C0 Datasheet
690Kb / 12P
   Output short circuit protection
IPM12C0A0R DELTA-IPM12C0A0R Datasheet
769Kb / 15P
   Output short circuit protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com