Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PQ60120QZB33 Datasheet(PDF) 7 Page - SynQor Worldwide Headquarters

Part # PQ60120QZB33
Description  Protection from permanent damage and hazardous conditions
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60120QZB33 Datasheet(HTML) 7 Page - SynQor Worldwide Headquarters

Back Button PQ60120QZB33 Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ60120QZB33 Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ60120QZB33 Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60120QZB33 Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60120QZB33 Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60120QZB33 Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60120QZB33 Datasheet HTML 9Page - SynQor Worldwide Headquarters PQ60120QZB33 Datasheet HTML 10Page - SynQor Worldwide Headquarters PQ60120QZB33 Datasheet HTML 11Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Input:
35-75V
Output:
12V
Current:
33A
Package:
Quarter-brick
Product # PQ60120QZB33
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005586 Rev. G
02/04/15
Page 7
Input:
35-75V
Output:
12V
Current:
33A
Package:
Quarter-brick
Input:35-75V
Output:12V
Current:33A
Part No.:PQ60120QZB33
Technical Figures
source
impedance
DC-DC
Converter
Input
Terminal
Ripple
Current
Input
Reflected
Ripple
Current
Output
Voltage
Ripple
ceramic
capacitor capacitor
electrolytic
electrolytic
capacitor
VSOURCE
VOUT
i
S
i
C
Figure 7: Output Voltage Response to Step-Change in Load Current (50%-
75%-50% of Iout(max): dI/dt = 5 A/μ s; 1 ms/div). Load cap: 470 μF electrolitic
capacitor. Top trace: Vout (500 mV/div). Bottom trace: Iout (35 A/div).
Figure 8: Test Set-up Diagram showing measurement points for Input Terminal
Ripple Current (Fig 9), Input Reflected Ripple Current (Fig 10) and Output
Voltage Ripple (Fig 11).
Figure 9: Input Terminal Ripple Current, ic, at full rated output current and
nominal input voltage with 4.7μH source impedance and 100μF electrolytic
capacitor (50mA/div; 2μs/div). See Figure 8.
Figure 10: Input Reflected Ripple Current, is, through a 4.7μH source inductor,
using a 220μF input capacitor, at nominal input voltage and rated load current
(20mA/div; 2μs/div). See Figure 8.
Figure 11: Output Ripple voltage at nominal input voltage and rated load
current (20mV/div; 4 μs/div). Load capacitance: 1μF ceramic capacitor and
10μF tantalum capacitor. Bandwidth: 20MHz. See Figure 8.
Figure 12: Output Short Load Current (10A/div) as a function of time when the
converter attempts to turn on into a 1mW short circuit. Top trace at 200ms/div.
Bottom trace at 20ms/div


Similar Part No. - PQ60120QZB33

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60120QEA17 SYNQOR-PQ60120QEA17 Datasheet
1Mb / 14P
   Quarter-brick DC-DC Converter
PQ60120QEA17NKS SYNQOR-PQ60120QEA17NKS Datasheet
1Mb / 14P
   Quarter-brick DC-DC Converter
PQ60120QEA17NNS SYNQOR-PQ60120QEA17NNS Datasheet
1Mb / 14P
   Quarter-brick DC-DC Converter
PQ60120QEA17NRS SYNQOR-PQ60120QEA17NRS Datasheet
1Mb / 14P
   Quarter-brick DC-DC Converter
PQ60120QEA17NYS SYNQOR-PQ60120QEA17NYS Datasheet
1Mb / 14P
   Quarter-brick DC-DC Converter
More results

Similar Description - PQ60120QZB33

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60025EGL25 SYNQOR-PQ60025EGL25 Datasheet
2Mb / 14P
   Protection from permanent damage and hazardous conditions
logo
ATMEL Corporation
AT34C02D ATMEL-AT34C02D_14 Datasheet
756Kb / 25P
   Permanent and Reversible Software Write Protection
logo
Rohm
RDS070N03 ROHM-RDS070N03 Datasheet
41Kb / 4P
   Excellent Resistance to damage from static electricity
logo
Laird Tech Smart Techno...
FG8960 LSTD-FG8960 Datasheet
587Kb / 1P
   Special UV protection coating resist sun damage
logo
Endress+Hauser Group Se...
CM42 EH-CM42 Datasheet
4Mb / 48P
   Two-wire transmitter for hazardous and non-hazardous areas
2020-02-29
logo
SynQor Worldwide Headqu...
PQ60015EGL20 SYNQOR-PQ60015EGL20 Datasheet
599Kb / 13P
   Thermal shutdown protects converter from abnormal environmental conditions
PQ60150EKXXX SYNQOR-PQ60150EKXXX Datasheet
844Kb / 15P
   Thermal shutdown protects converter from abnormal environmental conditions
logo
Linx Technologies
ANT-1.4-CW-HW LINX-ANT-1.4-CW-HW Datasheet
324Kb / 2P
   Rugged & damage-resistant
4/28/14
logo
SynQor Worldwide Headqu...
PQ60010EGL20 SYNQOR-PQ60010EGL20 Datasheet
534Kb / 13P
   Thermal shutdown protects converter from abnormal environmental conditions
logo
List of Unclassifed Man...
IB2-06 ETC2-IB2-06 Datasheet
168Kb / 3P
   Protection from electrical shock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com