Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PQ60120EKX04 Datasheet(PDF) 10 Page - SynQor Worldwide Headquarters

Part No. PQ60120EKX04
Description  Output voltage trim permits custom voltages and voltage margining
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60120EKX04 Datasheet(HTML) 10 Page - SynQor Worldwide Headquarters

Back Button PQ60120EKX04 Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60120EKX04 Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60120EKX04 Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60120EKX04 Datasheet HTML 9Page - SynQor Worldwide Headquarters PQ60120EKX04 Datasheet HTML 10Page - SynQor Worldwide Headquarters PQ60120EKX04 Datasheet HTML 11Page - SynQor Worldwide Headquarters PQ60120EKX04 Datasheet HTML 12Page - SynQor Worldwide Headquarters PQ60120EKX04 Datasheet HTML 13Page - SynQor Worldwide Headquarters PQ60120EKX04 Datasheet HTML 14Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
35-75V
12V
4A
PQ60120EKx04
Product # PQ60120EKx04
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005190 Rev. A
07/13/09
Page 10
Input:
Output:
Current:
Part No.:
35-75V
12V
4A
PQ60120EKx04
Technical Specification
0.0001
0.001
0.01
0.1
1
10
100
1,000
10,000
100,000
Hz
35 Vin
48 Vin
75 Vin
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
100
1,000
10,000
100,000
Hz
35 Vin
48 Vin
75 Vin
-55
-45
-35
-25
-15
-5
5
10
100
1,000
10,000
100,000
Hz
35 Vin
48 Vin
75 Vin
0.1
1
10
100
1000
10
100
1,000
10,000
100,000
Hz
35 Vin
48 Vin
75 Vin
0
5
10
15
0
2
4
6
8
Load Current (A)
35 Vin
48 Vin
75 Vin
Figure 19: Magnitude of incremental output impedance (Zout = Vout/Iout) for
minimum, nominal, and maximum input voltage at full rated power.
Figure 20: Magnitude of incremental forward transmission (FT = Vout/Vin)
for minimum, nominal, and maximum input voltage at full rated power.
Figure 21: Magnitude of incremental reverse transmission (RT = Iin/Iout) for
minimum, nominal, and maximum input voltage at full rated power.
Figure 22: Magnitude of incremental input impedance (Zin = Vin/Iin) for
minimum, nominal, and maximum input voltage at full rated power.
Figure 23: Output voltage vs. load current showing typical current limit
curves and converter shutdown points


Similar Part No. - PQ60120EKX04

ManufacturerPart No.DatasheetDescription
SynQor Worldwide Headquarters
SynQor Worldwide Headqu...
PQ60120EGA07NKS SYNQOR-PQ60120EGA07NKS Datasheet
526Kb / 13P
   Eighth-brick DC/DC Converter
PQ60120EGA07NNS SYNQOR-PQ60120EGA07NNS Datasheet
526Kb / 13P
   Eighth-brick DC/DC Converter
PQ60120EGA07NRS SYNQOR-PQ60120EGA07NRS Datasheet
526Kb / 13P
   Eighth-brick DC/DC Converter
PQ60120EGA07NYS SYNQOR-PQ60120EGA07NYS Datasheet
526Kb / 13P
   Eighth-brick DC/DC Converter
PQ60120EGA07PKS SYNQOR-PQ60120EGA07PKS Datasheet
526Kb / 13P
   Eighth-brick DC/DC Converter
More results

Similar Description - PQ60120EKX04

ManufacturerPart No.DatasheetDescription
SynQor Worldwide Headquarters
SynQor Worldwide Headqu...
PQ60015EKX25 SYNQOR-PQ60015EKX25 Datasheet
1Mb / 15P
   Output voltage trim permits custom voltages and voltage margining
PQ50050HPB50 SYNQOR-PQ50050HPB50 Datasheet
1Mb / 14P
   Output voltage trim permits custom voltages and voltage margining
Lineage Power Corporation
Lineage Power Corporati...
AN04-005 LINEAGEPOWER-AN04-005 Datasheet
187Kb / 4P
   Margining and Voltage Programming
Delta Electronics, Inc.
Delta Electronics, Inc.
DCS DELTA-DCS Datasheet
1Mb / 20P
   Voltage and resistor-based trim
NC15 DELTA-NC15 Datasheet
1Mb / 14P
   Voltage and resistor-based trim
DNM04SIP10 DELTA-DNM04SIP10 Datasheet
843Kb / 16P
   Voltage and resistor-based trim
DNK12SIP DELTA-DNK12SIP Datasheet
1,008Kb / 15P
   Voltage and resistor-based trim
DNS04SMD06 DELTA-DNS04SMD06 Datasheet
931Kb / 17P
   Voltage and resistor-based trim
DNS10SIP06 DELTA-DNS10SIP06 Datasheet
706Kb / 15P
   Voltage and resistor-based trim
NC06 DELTA-NC06 Datasheet
867Kb / 14P
   Voltage and resistor-based trim
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz