Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PQ60120EKX04 Datasheet(PDF) 1 Page - SynQor Worldwide Headquarters

Part No. PQ60120EKX04
Description  Output voltage trim permits custom voltages and voltage margining
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60120EKX04 Datasheet(HTML) 1 Page - SynQor Worldwide Headquarters

  PQ60120EKX04 Datasheet HTML 1Page - SynQor Worldwide Headquarters PQ60120EKX04 Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ60120EKX04 Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ60120EKX04 Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ60120EKX04 Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60120EKX04 Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60120EKX04 Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60120EKX04 Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60120EKX04 Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Technical
Specification
PQ60120EKx04
Product # PQ60120EKx04
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005190 Rev. A
07/13/09
Page 1
PQ60120EKA04
Module
48V
100V
12V
4A
2000Vdc
Eighth-brick
Input
Transient Input
Output
Current
Isolation
DC-DC Converter
The PowerQor
® Eighth-brick series is composed of next
generation, board-mountable, isolated, fixed switching
frequency dc/dc converters that use synchronous
rectification to achieve extremely high power conversion
efficiency. The power dissipated by the converter is
so low that a heatsink is not required, which saves
cost, weight, height, and application effort. All of
the power and control components are mounted to
the multi-layer PCB substrate with high-yield surface
mount technology. Since the PowerQor converter has
no explicit thermal interfaces, it is extremely reliable.
RoHS Compliant (See page 15).
Operational Features
• High efficiency, 87% at full rated load current
• Delivers up to 48W of output power with minimal derating -
no heatsink required
• Operating input voltage range: 35V-75Vdc, with 100V, 100ms input
voltage transient capability
• Fixed frequency switching provides predictable EMI performance
• No minimum load requirement means no preload resistors required
Mechanical Features
• Industry standard eighth-brick pin-out configuration
• Size: 0.9” x 2.3” (22.9 x 58.4mm)
• Low Profile total height only 0.340” (8.64mm), permits better airflow
and smaller card pitch
• Total weight: 0.85oz (24g)
• Flanged pins designed to permit surface mount soldering (avoid wave
solder) using FPiP technique
Protection Features
• Input under-voltage lockout disables converter at low input
voltage conditions
• Output current limit and short circuit protection protects converter and
load from permanent damage and consequent hazardous conditions
• Active back bias limit prevents damage to converter from external load
induced pre-bias
• Output over-voltage protection protects load from damaging voltages
• Thermal shutdown protects converter from abnormal
environmental conditions
Control Features
• On/Off control referenced to input side (positive and negative logic
options are available)
• Remote sense for the output voltage compensates for output
distribution drops
• Output voltage trim permits custom voltages and voltage margining
Safety Features
• 2000V, 30MΩ input-to-output isolation provides input/output
ground separation
• UL 60950-1 recognized (US & Canada),basic insulation rating
• TUV certified to EN60950-1
• Board and plastic components meet UL94V-0 flammability requirements
CONTENTS
Page No.
Mechanical Drawing - Open frame - EKA & EKL (low Profile). . . . . . . . . 2
Mechanical Drawing - Encased . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
PQ60120EKx04 Electrical Characteristics . . . . . . . . . . . . . . . . . . . . . . 4-5
PQ60-EK Standards and Qualifications. . . . . . . . . . . . . . . . . . . . . . . . . 6
PQ60-EK Figures . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7-10
Application Section . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11-14
Ordering Information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15


Similar Part No. - PQ60120EKX04

ManufacturerPart No.DatasheetDescription
SynQor Worldwide Headquarters
SynQor Worldwide Headqu...
PQ60120EGA07NKS SYNQOR-PQ60120EGA07NKS Datasheet
526Kb / 13P
   Eighth-brick DC/DC Converter
PQ60120EGA07NNS SYNQOR-PQ60120EGA07NNS Datasheet
526Kb / 13P
   Eighth-brick DC/DC Converter
PQ60120EGA07NRS SYNQOR-PQ60120EGA07NRS Datasheet
526Kb / 13P
   Eighth-brick DC/DC Converter
PQ60120EGA07NYS SYNQOR-PQ60120EGA07NYS Datasheet
526Kb / 13P
   Eighth-brick DC/DC Converter
PQ60120EGA07PKS SYNQOR-PQ60120EGA07PKS Datasheet
526Kb / 13P
   Eighth-brick DC/DC Converter
More results

Similar Description - PQ60120EKX04

ManufacturerPart No.DatasheetDescription
SynQor Worldwide Headquarters
SynQor Worldwide Headqu...
PQ60015EKX25 SYNQOR-PQ60015EKX25 Datasheet
1Mb / 15P
   Output voltage trim permits custom voltages and voltage margining
PQ50050HPB50 SYNQOR-PQ50050HPB50 Datasheet
1Mb / 14P
   Output voltage trim permits custom voltages and voltage margining
Lineage Power Corporation
Lineage Power Corporati...
AN04-005 LINEAGEPOWER-AN04-005 Datasheet
187Kb / 4P
   Margining and Voltage Programming
Delta Electronics, Inc.
Delta Electronics, Inc.
DCS DELTA-DCS Datasheet
1Mb / 20P
   Voltage and resistor-based trim
NC15 DELTA-NC15 Datasheet
1Mb / 14P
   Voltage and resistor-based trim
DNM04SIP10 DELTA-DNM04SIP10 Datasheet
843Kb / 16P
   Voltage and resistor-based trim
DNK12SIP DELTA-DNK12SIP Datasheet
1,008Kb / 15P
   Voltage and resistor-based trim
DNS04SMD06 DELTA-DNS04SMD06 Datasheet
931Kb / 17P
   Voltage and resistor-based trim
DNS10SIP06 DELTA-DNS10SIP06 Datasheet
706Kb / 15P
   Voltage and resistor-based trim
NC06 DELTA-NC06 Datasheet
867Kb / 14P
   Voltage and resistor-based trim
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz