Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IQXV-110 Datasheet(PDF) 2 Page - IQD Frequency Products Ltd

Part # IQXV-110
Description  VCXO Specification
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IQD [IQD Frequency Products Ltd]
Direct Link  http://www.iqdfrequencyproducts.com/
Logo IQD - IQD Frequency Products Ltd

IQXV-110 Datasheet(HTML) 2 Page - IQD Frequency Products Ltd

  IQXV-110 Datasheet HTML 1Page - IQD Frequency Products Ltd IQXV-110 Datasheet HTML 2Page - IQD Frequency Products Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
IQXV-110
VCXO Specification
Ordering Information
Minimum data needed to open an enquiry:-
Frequency
Model
Supply Voltage
Frequency Stability (over operating temperature range)
Operating Temperature Range
Pullability
Compliance
Compliant
RoHS Status (2011/65/EU)
Compliant
REACh Status
MSL Rating (JDEC-STD-033):
Not Applicable
Packaging Details
Tape & reel in accordance with EIA-481-D
Pack Style: Reel
Pack Size: 600
Supplied tube or box packaging
Pack Style: Bulk
Pack Size: 1
Electrical Specification - maximum limiting values 0.0V
Frequency
Min
Frequency
Max
Temperature
Range
Stability
(Min)
Current
Draw
Rise and Fall
Time
Duty Cycle
°C
ppm
mA
ns
%
-10 to 60
1.0MHz
800.0MHz
±15.0
-
-
-
-20 to 70
±20.0
-
-
-
-40 to 85
±30.0
-
-
-
This document was correct at the time of printing; please contact your local sales office for the latest version.
Click to view latest version on our website.
Printed on 26 Apr 16 15:33 using Model Data Sheet V1.2550
Page 2 of 2
Sales Office Contact Details:
USA: +1.760.318.2824
France: 0800 901 383
UK: +44 (0)1460 270200
Germany: 0800 1808 443
Email: info@iqdfrequencyproducts.com
Web: www.iqdfrequencyproducts.com


Similar Part No. - IQXV-110

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
IQXV-100 IQD-IQXV-100 Datasheet
295Kb / 2P
   VCXO Specification
IQXV-120 IQD-IQXV-120 Datasheet
477Kb / 2P
   VCXO Specification
IQXV-190 IQD-IQXV-190 Datasheet
128Kb / 2P
   VCXO Specification
More results

Similar Description - IQXV-110

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
IQXV-41 IQD-IQXV-41 Datasheet
300Kb / 2P
   VCXO Specification
IQXV-50 IQD-IQXV-50 Datasheet
290Kb / 2P
   VCXO Specification
IQXV-93 IQD-IQXV-93 Datasheet
158Kb / 3P
   VCXO Specification
CFPV-44 IQD-CFPV-44 Datasheet
820Kb / 2P
   VCXO Specification
IQXV-84 IQD-IQXV-84 Datasheet
194Kb / 3P
   VCXO Specification
IQXV-30 IQD-IQXV-30 Datasheet
314Kb / 2P
   VCXO Specification
IQXV-52 IQD-IQXV-52 Datasheet
290Kb / 2P
   VCXO Specification
CFPV-41 IQD-CFPV-41 Datasheet
819Kb / 2P
   VCXO Specification
CFPV-43 IQD-CFPV-43 Datasheet
807Kb / 2P
   VCXO Specification
CFPV-59 IQD-CFPV-59 Datasheet
392Kb / 2P
   VCXO Specification
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com