Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PQ60015SMX25 Datasheet(PDF) 4 Page - SynQor Worldwide Headquarters

Part No. PQ60015SMX25
Description  Delivers up to 37W of output power with minimal derating
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SYNQOR [SynQor Worldwide Headquarters]
Homepage  http://www.synqor.com
Logo 

PQ60015SMX25 Datasheet(HTML) 4 Page - SynQor Worldwide Headquarters

 
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Technical
Specification
PQ60015SMx25
Product # PQ60015SMx25
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005218 Rev. C
06/28/11
Page 4
PQ60015SMx25 Electrical Characteristics
Ta = 25 °C, airflow rate = 300 LFM, Vin = 48V dc unless otherwise noted; full operating temperature range is -40 °C to +100 °C ambient temperature
with appropriate power derating. Specifications subject to change without notice.
Parameter
Min.
Typ.
Max. Units Notes & Conditions
ABSOLUTE MAXIMUM RATINGS
Input Voltage
Non-Operating
100
V
Continuous
Operating
80
V
Continuous
Operating Transient Protection
100
V
100ms transient
Isolation Voltage
Input to Output
2250
V dc
Input to output
Operating Temperature
-40
100
°C
Storage Temperature
-55
125
°C
Voltage at ON/OFF input pin
-2
8
V
INPUT CHARACTERISTICS
Operating Input Voltage Range
35
48
75
V
Input Under-Voltage Lockout
Turn-On Voltage Threshold
31.2
32.5
33.8
V
Turn-Off Voltage Threshold
28.9
30.5
32.2
V
Lockout Voltage Hysteresis
2.0
V
Maximum Input Current
1.4
A
100% Load, Vin min, nominal Vout
No-Load Input Current
48
60
mA
Disabled Input Current
10
14
mA
Response to Input Transient
50
mV
1000V/ms input transient
Input Reflected Ripple Current
3
mA
RMS thru 10μH inductor; Figures 13 & 15
Input Terminal Ripple Current
35
mA
RMS; Figures 13 & 14
Recommended Input Fuse
20
A
Recommended External Input Capacitance
100
µF
Typical ESR 0.1-0.2 Ω
Input Filter Component Values (L\C)
1.0/2.35
µH/µF Internal values; see Figure E
OUTPUT CHARACTERISTICS
Output Voltage Set Point
1.485
1.5
1.515
V
Output Voltage Regulation
Over Line
±0.1/1.5
+0.3/3.5
%mV
Over Load
±0.1/1.5
+0.3/3.5
%mV
Over Temperature
-23
23
mV
Total Output Voltage Range
1.463
1.538
V
Over sample, line, load, temperature & life
Output Voltage Ripple and Noise
20 MHz bandwidth; Figures 13 & 16; see Note 1
Peak-to-Peak
25
50
mV
Full load
RMS
6
10
mV
Full load
Operating Output Current Range
0
25
A
Subject to thermal derating; Figures 5 - 8
Output DC Current-Limit Inception
27.5
30
32l.5
A
Figure 17
Back-Drive Current Limit while Enabled
1.5
A
Negative current drawn from output
Back-Drive Current Limit while Disabled
2
mA
Negative current drawn from output
Maximum Output Capacitance
10
mF
Vout nominal at full load (resistive load); See Note 2
EFFICIENCY
100% Load
83
%
See Figure 1 for efficiency curve
50% Load
82
%
See Figure 1 for efficiency curve
Note 1: For applications requiring reduced output voltage ripple and noise, consult SynQor applications support (email: support@synqor.com)
Note 2: Recommended minimum output capacitance is 100uF


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn