Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PQ60015SMX25 Datasheet(PDF) 2 Page - SynQor Worldwide Headquarters

Part No. PQ60015SMX25
Description  Delivers up to 37W of output power with minimal derating
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SYNQOR [SynQor Worldwide Headquarters]
Homepage  http://www.synqor.com
Logo 

PQ60015SMX25 Datasheet(HTML) 2 Page - SynQor Worldwide Headquarters

 
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Technical
Specification
PQ60015SMx25
Product # PQ60015SMx25
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005218 Rev. C
06/28/11
Page 2
.95 [24.1]
.150 [3.81]
.300 [7.62]
.450 [11.43]
.600 [15.24]
1.35
[34.3]
1.10
[27.9]
.100
[2.54]
4
5
6
7
8
TOP VIEW
1
2
3
.18 [4.4]
.300 [7.62]
.600 [15.24]
.027 ±.015 [0.69 ±0.38]
BOTTOMSIDE CLEARANCE
SIDE VIEW
.145
[3.68]
Low Profile
Low Profile
.327 [8.31]
OVERALL HEIGHT
PIN DESIGNATIONS
Pin
Name
Function
1
Vin(+)
Positive input voltage
2
ON/OFF
TTL input to turn converter on and off, referenced to
Vin(–), with internal pull up.
3
Vin(–)
Negative input voltage
4
Vout(–)
Negative output voltage
5
SENSE(–) Negative remote sense(see note 1)
6
TRIM
Output voltage trim (see note 2)
7
SENSE(+) Positive remote sense (see note 3)
8
Vout(+)
Positive output voltage
Notes:
1)
SENSE(–) should be connected to Vout(–) either remotely or at
the converter.
2)
Leave TRIM pin open for nominal output voltage.
3)
SENSE(+) should be connected to Vout(+) either remotely or at
the converter.
NOTES
1)
Pins 1-3, 5-7 are 0.040” (1.02mm) diameter, with 0.080”
(2.03mm) diameter standoff shoulders.
2)
Pins 4 and 8 are 0.062” (1.57 mm) diameter with 0.100" (2.54
mm) diameter standoff shoulders.
3)
Other pin extension lengths available. Recommended pin length is
0.03” (0.76mm) greater than the PCB thickness.
4)
All Pins: Material - Copper Alloy- Finish (RoHS 6/6) - Matte Tin
over Nickel plate
5)
Undimensioned components are shown for visual reference only.
6)
All dimensions in inches (mm) Tolerances: x.xx +/-0.02 in. (x.x
+/-0.5mm) x.xxx +/-0.010 in. (x.xx +/-0.25mm)
7)
Weight: .476oz (13.5g)
8)
Workmanship: Meets or exceeds IPC-A-610C Class II
9)
Open frame units have flanged pins are designed to permit surface
mount soldering (avoid wave solder) using PiP technique.
PQ60 SMA & SML Mechanical Drawing


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn