Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PQ60015SMX25 Datasheet(PDF) 15 Page - SynQor Worldwide Headquarters

Part No. PQ60015SMX25
Description  Delivers up to 37W of output power with minimal derating
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SYNQOR [SynQor Worldwide Headquarters]
Homepage  http://www.synqor.com
Logo 

PQ60015SMX25 Datasheet(HTML) 15 Page - SynQor Worldwide Headquarters

 
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
Technical
Specification
PQ60015SMx25
Product # PQ60015SMx25
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005218 Rev. C
06/28/11
Page 15
PART NUMBERING SYSTEM
The part numbering system for SynQor’s dc-dc converters
follows the format shown in the example below.
The first 12 characters comprise the base part number and
the last 3 characters indicate available options. The “-G”
suffix indicates 6/6 RoHS compliance.
Application Notes
A variety of application notes and technical white papers can
be downloaded in pdf format from our website.
RoHS Compliance: The EU led RoHS (Restriction of Hazardous
Substances) Directive bans the use of Lead, Cadmium,
Hexavalent Chromium, Mercury, Polybrominated Biphenyls
(PBB), and Polybrominated Diphenyl Ether (PBDE) in Electrical
and Electronic Equipment. This SynQor product is 6/6 RoHS
compliant.
For more information please refer to SynQor’s
RoHS addendum available at our RoHS Compliance / Lead Free
Initiative web page or e-mail us at rohs@synqor.com.
ORDERING INFORMATION
The tables below show the valid model numbers and ordering
options for converters in this product family. When ordering
SynQor converters, please ensure that you use the complete
15 character part number consisting of the 12 character
base part number and the additional characters for options.
Add “-G” to the model number for 6/6 RoHS compliance.
The following options must be included in place of the
w x y z
spaces in the model numbers listed above.
Not all combinations make valid part numbers, please contact
SynQor for availability. See the Product Summary web page for
more options.
PATENTS
SynQor holds the following patents, one or more of which
might apply to this product:
5,999,417
6,222,742
6,545,890
6,577,109
6,594,159
6,731,520
6,894,468
6,896,526
6,927,987
7,050,309
7,072,190
7,085,146
7,119,524
7,269,034
7,272,021
7,272,023
Warranty
SynQor offers a two (2) year limited warranty. Complete warranty
information is listed on our website or is available upon request
from SynQor.
Information furnished by SynQor is believed to be accurate and reliable.
However, no responsibility is assumed by SynQor for its use, nor for any
infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any
patent or patent rights of SynQor.
Product Family
Package Size
Performance Level
Thermal Design
Output Current
6/6 RoHS
Options (see
Ordering Information)
Input Voltage
Output Voltage
Contact SynQor for further information:
Phone:
978-849-0600
Toll Free: 888-567-9596
Fax:
978-849-0602
E-mail:
power@synqor.com
Web:
www.synqor.com
Address: 155 Swanson Road
Boxborough, MA 01719
USA
PQ 60 015 S M L 25 N R S - G
Model Number
Input Voltage
Output
Voltage
Max Output
Current
PQ60015SMw25yzS
35-75V
1.5V
25A
Options Description: w x y z
Thermal Design
Enable Logic
Pin Style
Feature Set
A - Open Frame
L - Low Profile
C - Encased with
Threaded Baseplate
N - Negative
P - Positive
K - 0.110"
N - 0.145"
R - 0.180"
Y - 0.250"
S - Standard


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn