Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PQ60015SMX25 Datasheet(PDF) 14 Page - SynQor Worldwide Headquarters

Part No. PQ60015SMX25
Description  Delivers up to 37W of output power with minimal derating
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SYNQOR [SynQor Worldwide Headquarters]
Homepage  http://www.synqor.com
Logo 

PQ60015SMX25 Datasheet(HTML) 14 Page - SynQor Worldwide Headquarters

 
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
Technical
Specification
PQ60015SMx25
Product # PQ60015SMx25
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005218 Rev. C
06/28/11
Page 14
Figure F shows three turn-on scenarios, where a Startup Inhibit
Period is initiated at t0, t1, and t2:
Before time t0, when the input voltage is below the UVLO
threshold, the unit is disabled by the Input Under-Voltage Lockout
feature. When the input voltage rises above the UVLO threshold,
the Input Under-Voltage Lockout is released, and a Startup Inhibit
Period is initiated. At the end of this delay, the ON/OFF pin is
evaluated, and since it is active, the unit turns on.
At time t1, the unit is disabled by the ON/OFF pin, and it cannot
be enabled again until the Startup Inhibit Period has elapsed.
When the ON/OFF pin goes high after t2, the Startup Inhibit
Period has elapsed, and the output turns on within the typical
Turn-On Time.
Figure F: Startup Inhibit Period (turn-on time not to scale)
Under-Voltage
Lockout
Turn-On
Threshold
ON/OFF
(neg logic)
V
out
V
in
200ms
200ms
2ms
(typical power-up
inhibit period)
t
0
t
1
t
2
t
35ms(typical
turn on time)
ON
ON
ON
OFF
OFF
Application Section


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn