Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PQ60015SMX25 Datasheet(PDF) 11 Page - SynQor Worldwide Headquarters

Part No. PQ60015SMX25
Description  Delivers up to 37W of output power with minimal derating
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SYNQOR [SynQor Worldwide Headquarters]
Homepage  http://www.synqor.com
Logo 

PQ60015SMX25 Datasheet(HTML) 11 Page - SynQor Worldwide Headquarters

 
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Technical
Specification
PQ60015SMx25
Product # PQ60015SMx25
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005218 Rev. C
06/28/11
Page 11
BASIC OPERATION AND FEATURES
This converter switches at a fixed frequency for predictable
EMI performance. Rectification of the transformer’s output is
accomplished with synchronous rectifiers. These devices, which
are MOSFETs with a very low on-state resistance, dissipate far
less energy than Schottky diodes. This is the primary reason
that the converter has such high efficiency, even at very low
output voltages and very high output currents.
These converters are offered totally encased to withstand harsh
environments and thermally demanding applications. Dissipation
throughout the converter is so low that it does not require a
heatsink for operation in many applications; however, adding
a heatsink provides improved thermal derating performance in
extreme situations.
This series of converters uses the industry standard footprint
and pin-out configuration.
CONTROL FEATURES
REMOTE ON/OFF (Pin 2): The ON/OFF input, Pin 2, permits
the user to control when the converter is on or off. This input
is referenced to the return terminal of the input bus, Vin(-).
The ON/OFF signal is active low (meaning that a low turns the
converter on). Figure A details four possible circuits for driving
the ON/OFF pin. Figure B is a detailed look of the internal ON/
OFF circuitry.
REMOTE SENSE(+) (Pins 7 and 5): The SENSE(+) inputs
correct for voltage drops along the conductors that connect the
converter’s output pins to the load.
Pin 7 should be connected to Vout(+) and Pin 5 should be
connected to Vout(-) at the point on the board where regulation
is desired. A remote connection at the load can adjust for a
voltage drop only as large as that specified in this datasheet,
that is
[Vout(+) - Vout(-)] [Vsense(+) - Vsense(-)] <
Sense Range % x Vout
Pins 7 and 5 must be connected for proper regulation of
the output voltage. If these connections are not made, the
converter will deliver an output voltage that is slightly higher
than its specified value.
Note: the output over-voltage protection circuit senses the
voltage across the output (pins 8 and 4) to determine when
it should trigger, not the voltage across the converter’s sense
leads (pins 7 and 5). Therefore, the resistive drop on the board
should be small enough so that output OVP does not trigger,
even during load transients.
Figure B: Internal ON/OFF pin circuitry
Figure A: Various circuits for driving the ON/OFF pin.
Open Collector Enable Circuit
Remote Enable Circuit
Direct Logic Drive
Negative Logic
(Permanently Enabled)
ON/OFF
Vin(_
)
ON/OFF
ON/OFF
Vin(_
)
ON/OFF
5V
TTL/
CMOS
Vin(_
)
Vin(_
)
TTL
5V
50k
10k
ON/OFF
Vin(_)
1000pF
Application Section


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn