Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PQ60015SMX25 Datasheet(PDF) 10 Page - SynQor Worldwide Headquarters

Part # PQ60015SMX25
Description  Delivers up to 37W of output power with minimal derating
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60015SMX25 Datasheet(HTML) 10 Page - SynQor Worldwide Headquarters

Back Button PQ60015SMX25 Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60015SMX25 Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60015SMX25 Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60015SMX25 Datasheet HTML 9Page - SynQor Worldwide Headquarters PQ60015SMX25 Datasheet HTML 10Page - SynQor Worldwide Headquarters PQ60015SMX25 Datasheet HTML 11Page - SynQor Worldwide Headquarters PQ60015SMX25 Datasheet HTML 12Page - SynQor Worldwide Headquarters PQ60015SMX25 Datasheet HTML 13Page - SynQor Worldwide Headquarters PQ60015SMX25 Datasheet HTML 14Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Product # PQ60015SMx25
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005218 Rev. C
06/28/11
Page 10
Technical Specification
Input:
Output:
Current:
48V
1.5V
25A
0
2
4
6
8
10
12
34
34.5
35
35.5
36
Input Voltage (V)
+85°C
+25°C
-40°C
1
10
100
1000
10000
10
100
1,000
10,000
100,000
Hz
35Vin
48Vin
75Vin
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
10
100
1,000
10,000
100,000
Hz
35Vin
48Vin
75Vin
-120
-100
-80
-60
-40
-20
0
10
100
1,000
10,000
100,000
Hz
35Vin
48Vin
75Vin
0.0001
0.001
0.01
0.1
1
10
100
1,000
10,000
100,000
Hz
35Vin
48Vin
75Vin
Figure 19: Magnitude of incremental output impedance (Zout = vout/iout) for
minimum, nominal, and maximum input voltage at full rated power.
Figure 20: Magnitude of incremental forward transmission (FT = vout/vin) for
minimum, nominal, and maximum input voltage at full rated power.
Figure 21: Magnitude of incremental reverse transmission (RT = iin/iout) for
minimum, nominal, and maximum input voltage at full rated power.
Figure 22: Magnitude of incremental input impedance (Zin = vin/iin) for
minimum, nominal, and maximum input voltage at full rated power.
Figure 23: Achievable trim-up percentage vs. input voltage at +85°C, +25°C,
and -40°C (all at full load). Full trim-up percentage is achieved at loads of
50% or less across full temperature and input voltage range.


Similar Part No. - PQ60015SMX25

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60015EGL20 SYNQOR-PQ60015EGL20 Datasheet
599Kb / 13P
   Thermal shutdown protects converter from abnormal environmental conditions
PQ60015EGL25 SYNQOR-PQ60015EGL25 Datasheet
539Kb / 13P
   No minimum load requirement means no preload resistors required
PQ60015EGw20xy SYNQOR-PQ60015EGw20xy Datasheet
539Kb / 13P
   No minimum load requirement means no preload resistors required
PQ60015EGw20xyS SYNQOR-PQ60015EGw20xyS Datasheet
534Kb / 13P
   Thermal shutdown protects converter from abnormal environmental conditions
PQ60015EGw20xyS SYNQOR-PQ60015EGw20xyS Datasheet
544Kb / 13P
   Industry standard eighth-brick pin-out configuration
More results

Similar Description - PQ60015SMX25

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ50180HTB10 SYNQOR-PQ50180HTB10 Datasheet
1Mb / 14P
   Delivers up to 180W of output power with minimal derating
logo
Bel Fuse Inc.
SQE48T20033 BEL-SQE48T20033 Datasheet
1Mb / 13P
   Delivers 20 A with no derating up to 70 째C
logo
SynQor Worldwide Headqu...
PQ50120HZB55 SYNQOR-PQ50120HZB55 Datasheet
1Mb / 14P
   Delivers up to 55A of output current (660W)
logo
Emerson Network Power
AVE360-48S12 EMERSON-NETWORKPOWER-AVE360-48S12 Datasheet
552Kb / 19P
   Delivers up to 30A output current
logo
Maxim Integrated Produc...
MAX20079EVKIT MAXIM-MAX20079EVKIT Datasheet
1Mb / 10P
   Delivers Up to 3.5A Output Current
Rev 0; 10/18
logo
Emerson Network Power
ALQ25 EMERSON-NETWORKPOWER-ALQ25 Datasheet
104Kb / 2P
   Delivers up to 25 A output current
logo
Bel Fuse Inc.
YS05S16 BEL-YS05S16 Datasheet
722Kb / 21P
   Delivers up to 16 A (58 W)
logo
New Jersey Semi-Conduct...
2N6040 NJSEMI-2N6040 Datasheet
241Kb / 2P
   POWER DERATING
logo
Bel Fuse Inc.
YS05S10 BEL-YS05S10 Datasheet
713Kb / 20P
   Delivers up to 10 A (36 W)
YNV12T16 BEL-YNV12T16 Datasheet
881Kb / 21P
   Delivers up to 16 A (88 W)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com