Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PQ60015SMX25 Datasheet(PDF) 1 Page - SynQor Worldwide Headquarters

Part No. PQ60015SMX25
Description  Delivers up to 37W of output power with minimal derating
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SYNQOR [SynQor Worldwide Headquarters]
Homepage  http://www.synqor.com
Logo 

PQ60015SMX25 Datasheet(HTML) 1 Page - SynQor Worldwide Headquarters

 
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Technical
Specification
PQ60015SMx25
Product # PQ60015SMx25
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005218 Rev. C
06/28/11
Page 1
Safety Features
Pending
• 2250V input-to-output isolation
• UL 60950-1:2003
• CAN/CSA-C22.2 No. 60950-1:2003
• EN60950-1:2001
• Needle Flame Test (IEC 695-2-2)
• IEC 61000-4-2
• RoHS compliant (see page 15)
Contents
Page No.
PQ60 SMA & SML Mechanical Drawing. . . . . . . . . . . . . . . . . . . . . . . . 2
PQ60 SMC Mechanical Drawing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
PQ60015SMx25 Electrical Characteristics . . . . . . . . . . . . . . . . . . . . . 4-5
PQ60015SMx25 Standards & Qualification Testing . . . . . . . . . . . . . . . 6
PQ60015SMx25 Figures . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7-10
Application Section. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11-14
Ordering Information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
The PQ60015SMx25 PowerQor® Mega sixteenth brick
converter is a next-generation, board-mountable,
isolated, fixed switching frequency DC/DC converter
that uses synchronous rectification to achieve
extremely high conversion efficiency.
The power
dissipated by the converter is so low that a heatsink
is not required, which saves cost, weight, height,
and application effort. All of the power and control
components are mounted to the multi-layer PCB
substrate with high-yield surface mount technology.
Since the PowerQor converter has no explicit thermal
interfaces, it is extremely reliable. RoHS compliant
(see last page).
Mechanical Features
• Industry standard sixteenth-brick pin-out configuration
• Size: 0.95" x 1.35" (24.1 x 34.3 mm)
• Height: .327" (8.3mm) low profile and .397" (10.1mm) standard
• Weight: .476oz (13.5g)
PQ60015SML25 Module
Operational Features
• High efficiency, 83% at full rated load current
• Delivers up to 37W of output power with minimal derating
• Operating input voltage range: 35-75Vdc, with 100V for 100ms input
transient capability
• Fixed frequency switching provides predictable EMI
• No minimum load requirement
Control Features
• On/Off control referenced to input side (positive and negative logic
options are available)
• Remote sense for the output voltage compensates for output
distribution drops
• Output voltage trim permits custom voltages and voltage margining
Protection Features
• Input under-voltage lockout
• Output current limit and short circuit protection
• Active back bias limit
• Output over-voltage protection
• Thermal shutdown
35-75V
100V
1.5V
2250V dc
Sixteenth-Brick
Input
Transient Input
Output
Isolation
DC-DC Converter


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn