Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PQ60015SMX25 Datasheet(PDF) 9 Page - SynQor Worldwide Headquarters

Part No. PQ60015SMX25
Description  Delivers up to 37W of output power with minimal derating
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SYNQOR [SynQor Worldwide Headquarters]
Homepage  http://www.synqor.com
Logo 

PQ60015SMX25 Datasheet(HTML) 9 Page - SynQor Worldwide Headquarters

Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Product # PQ60015SMx25
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005218 Rev. C
06/28/11
Page 9
Technical Specification
Input:
Output:
Current:
48V
1.5V
25A
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
10
20
30
40
Load Current (A)
35 Vin
48Vin
75 Vin
See
Fig.
14
See
Fig.
16
See
Fig.
15
Vsource
Vout
10µH
source
impedance
100µF
< 1
Ω ESR
electrolytic
capacitor
1µF
ceramic
capacitor
100µF
100m
Ω
ESR
electrolytic
capacitor
DC/DC
Converter
Figure 13: Test set-up diagram showing measurement points for Input
Terminal Ripple Current (Figure 14), Input Reflected Ripple Current (Figure
15) and Output Voltage Ripple (Figure 16).
Figure 14: Input Terminal Ripple Current, ic, at full rated output current and
nominal input voltage with 10µH source impedance and 100µF electrolytic
capacitor (Ch2 100mA/div). (See Figure 13).
Figure 15: Input reflected ripple current, is, through a 10 µH source inductor
at nominal input voltage and rated load current (5 mA/div). (See Figure 13).
Figure 16: Output voltage ripple at nominal input voltage and rated load
current (20 mV/div). Load capacitance: one 1.0µF ceramic capacitor and one
100µF electrolytic capacitor. Bandwidth: 20 MHz. (See Figure 13).
Figure 17: Output voltage vs. load current showing typical current limit
curves and converter shutdown points.
Figure 18: Load current (20A/div) as a function of time when the converter
attempts to turn on into a 1 m
Ω short circuit. Top trace (100ms/div) is an
expansion of the on-time portion of the bottom trace.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn