Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PQ60015SMX25 Datasheet(PDF) 7 Page - SynQor Worldwide Headquarters

Part No. PQ60015SMX25
Description  Delivers up to 37W of output power with minimal derating
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SYNQOR [SynQor Worldwide Headquarters]
Homepage  http://www.synqor.com
Logo 

PQ60015SMX25 Datasheet(HTML) 7 Page - SynQor Worldwide Headquarters

Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Product # PQ60015SMx25
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005218 Rev. C
06/28/11
Page 7
Technical Specification
Input:
Output:
Current:
48V
1.5V
25A
0
5
10
15
20
25
30
25
40
55
70
85
Ambient Air Temperature(°C)
400LFM(2.0m/s)
300LFM(1.5m/s)
200LFM(1.0m/s)
100LFM(0.5 m/S)
1
2
3
4
5
6
7
100
200
300
400
Air Flow (LFM)
25º C
40º C
55º C
0
2
4
6
8
10
0
5
10
15
20
25
Load Current (A)
35Vin
48 Vin
75 Vin
80
81
82
83
84
85
86
100
200
300
400
Air Flow (LFM)
25º C
40º C
55º C
60
65
70
75
80
85
90
95
100
0
5
10
15
20
25
Load Current (A)
35Vin
48 Vin
75 Vin
PQ60015SMx25 Figures
Figure 1: Efficiency at nominal output voltage vs. load current for minimum,
nominal, and maximum input voltage at 25°C.
Figure 2: Efficiency at nominal output voltage and 60% rated power vs.
airflow rate for ambient air temperatures of 25°C, 40°C, and 55°C (nominal
input voltage).
Figure 3: Power dissipation at nominal output voltage vs. load current for
minimum, nominal, and maximum input voltage at 25°C.
Figure 4: Power dissipation at nominal output voltage and 60% rated power
vs. airflow rate for ambient air temperatures of 25°C, 40°C, and 55°C
(nominal input voltage).
Figure 5: Maximum output power derating curves vs. ambient air temperature
for airflow rates of 100 LFM through 400 LFM with air flowing from pin 3 to
pin 1 (nominal input voltage).
Figure 6: Thermal plot of converter at 25.0 amp load current (37.5W) with
55°C air flowing at the rate of 200 LFM. Air is flowing from pin 3 to pin 1
(nominal input voltage).


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn