Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PQ60015SMX25 Datasheet(PDF) 5 Page - SynQor Worldwide Headquarters

Part No. PQ60015SMX25
Description  Delivers up to 37W of output power with minimal derating
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SYNQOR [SynQor Worldwide Headquarters]
Homepage  http://www.synqor.com
Logo 

PQ60015SMX25 Datasheet(HTML) 5 Page - SynQor Worldwide Headquarters

 
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Product # PQ60015SMx25
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005218 Rev. C
06/28/11
Page 5
Technical Specification
Input:
Output:
Current:
48V
1.5V
25A
PQ60015SMx25 Electrical Characteristics (continued)
Ta = 25 °C, airflow rate = 300 LFM, Vin = 48V dc unless otherwise noted; full operating temperature range is -40 °C to +100 °C ambient temperature
with appropriate power derating. Specifications subject to change without notice.
Parameter
Min.
Typ.
Max. Units Notes & Conditions
DYNAMIC CHARACTERISTICS
Input Voltage Ripple Rejection
70
dB
120 Hz; Figure 20
Output Voltage during Load Current Transient
Step Change in Output Current (0.1 A/µs)
50
mV
50% to 75% to 50% Iout max; Figure 11
Step Change in Output Current (2 A/µs)
50
mV
50% to 75% to 50% Iout max; Figure 12
Settling Time
150
µs
To within 1% Vout nom
Turn-On Transient
Turn-On Time
35
ms
Full load, Vout=90% nom.
Start-Up Inhibit Time
180
200
250
ms
Figure F; See Note 1
Power-Up Inhibit Time
2
ms
Figure F
Output Voltage Overshoot
0
%
Max output capacitance and full load
ISOLATION CHARACTERISTICS
Isolation Voltage (dielectric strength)
2250
Isolation Resistance
30
Isolation Capacitance (input to output)
1000
pF
See Note 2
TEMPERATURE LIMITS FOR POWER DERATING CURVES
Semiconductor Junction Temperature
125
°C
Package rated to 150 °C
Board Temperature
125
°C
UL rated max operating temp 130 °C
Transformer Temperature
125
°C
See Figure 2 for derating curve
FEATURE CHARACTERISTICS
Switching Frequency
315
350
385
kHz
ON/OFF Control (Option P)
On-State Voltage
2.4
8
V
Off-State Voltage
-2
0.8
V
ON/OFF Control (Option N)
On-State Voltage
-2
0.8
V
Off-State Voltage
2.4
8
V
ON/OFF Control (Either option)
Figures A & B
Pull-Up Voltage
4.5
5
5.5
V
Pull-Up Resistance
10
Output Voltage Trim Range
-10
10
%
Measured across Pins 8 & 4; Figure C
Output Voltage Remote Sense Range
10
%
Measured across Pins 8 & 4
Output Over-Voltage Protection
1.7
1.9
2.1
V
Over full temp range
Over-Temperature Shutdown OTP Trip Point
125
°C
Average PCB Temperature; Auto Recovery
Over-Temperature Shutdown Restart Hysteresis
10
°C
RELIABILITY CHARACTERISTICS
Calculated MTBF (Telcordia) TR-NWT-000332
3.9
106 Hrs.
Calculated MTBF (MIL-217) MIL-HDBK-217F
3.5
106 Hrs.
Field Demonstrated MTBF
106 Hrs. See our website for details
Note 1: Maximum value is 400ms for DC current limit and short circuit fault conditions
Note 2: Higher values of isolation capacitance can be added external to the module.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn