Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PQ60015EKX25 Datasheet(PDF) 4 Page - SynQor Worldwide Headquarters

Part No. PQ60015EKX25
Description  Output voltage trim permits custom voltages and voltage margining
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60015EKX25 Datasheet(HTML) 4 Page - SynQor Worldwide Headquarters

  PQ60015EKX25 Datasheet HTML 1Page - SynQor Worldwide Headquarters PQ60015EKX25 Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ60015EKX25 Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ60015EKX25 Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ60015EKX25 Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60015EKX25 Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60015EKX25 Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60015EKX25 Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60015EKX25 Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Product # PQ60015EKx25
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005264 Rev. A
07/13/09
Page 4
Input:
Output:
Current:
Part No.:
35-75V
1.5V
25A
PQ60015EKx25
Technical Specification
PQ60015EKx25 ELECTRICAL CHARACTERISTICS
Ta = 25 °C, airflow rate = 300 LFM, Vin = 48V dc unless otherwise noted; full operating temperature range is -40 °C to +100 °C baseplate temperature
with appropriate power derating. Specifications subject to change without notice.
Parameter
Min.
Typ.
Max. Units Notes & Conditions
ABSOLUTE MAXIMUM RATINGS
Input Voltage
Non-Operating
100
V
Continuous
Operating
35
75
V
Continuous
Operating Transient Protection
100
V
100ms transient,square wave
Isolation Voltage
Input to Output
2000
V dc
Basic Insulation
Operating Temperature
-40
100
°C
Storage Temperature
-55
125
°C
Voltage at ON/OFF input pin
0
13.5
V
INPUT CHARACTERISTICS
Operating Input Voltage Range
35
48
75
V
Input Under-Voltage Lockout
Turn-On Voltage Threshold
33.0
34.0
35.0
V
Turn-Off Voltage Threshold
31.5
32.3
33.5
V
See Note 1
Lockout Voltage Hysteresis
1.2
1.7
2.2
V
Maximum Input Current
1.4
A
100% Load, 35V Vin, nominal Vout
No-Load Input Current
66
mA
Disabled Input Current
7.7
mA
Inrush Current Transient Rating
0.03
A2s
Response to Input Transient
20
mV
1000V/ms input transient
Input Reflected Ripple Current
2.5
mA
RMS thru 10μH inductor; Figures 13 & 15
Input Terminal Ripple Current
55
mA
RMS; Figures 13 & 14
Recommended Input Fuse
20
A
Fast acting external fuse recommended
Recommended External Input Capacitance
47
µF
Typical ESR 0.1-0.2 Ω; Figure 13
Input Filter Component Values (L\C)
1/2.35
µH/µF Internal values; see Figure E
OUTPUT CHARACTERISTICS
Output Voltage Set Point
1.485
1.5
1.515
V
Output Voltage Regulation
Over Line
±0.1/1.5
%/mV
Over Load
±0.2/3
%/mV
Over Temperature
±10
mV
Total Output Voltage Range
1.47
1.5
1.53
V
Over sample, line, load, temperature & life
Output Voltage Ripple and Noise
20 MHz bandwidth; see Note 2
Peak-to-Peak
80
mV
Full load;see Figure 13 & 16
RMS
25
mV
Full load;see Figure 13 & 16
Operating Output Current Range
0.0
10.0
A
Subject to thermal derating; Figures 5 - 8
Output DC Current-Limit Inception
25.5
27
A
Vin=48V
Output DC Current-Limit Shutdown Voltage
1.4
V
Back-Drive Current Limit while Enabled
16
A
Negative current drawn from output
Back-Drive Current Limit while Disabled
0.6
mA
Negative current drawn from output
Maximum Output Capacitance Electrolytic
10
mF
Nominal Vout at full load (resistive load)
EFFICIENCY
100% Load
82
%
Figures 1 - 4
50% Load
82
%
Figures 1 - 4


Similar Part No. - PQ60015EKX25

ManufacturerPart No.DatasheetDescription
SynQor Worldwide Headquarters
SynQor Worldwide Headqu...
PQ60015EGL20 SYNQOR-PQ60015EGL20 Datasheet
599Kb / 13P
   Thermal shutdown protects converter from abnormal environmental conditions
PQ60015EGL25 SYNQOR-PQ60015EGL25 Datasheet
539Kb / 13P
   No minimum load requirement means no preload resistors required
PQ60015EGw20xy SYNQOR-PQ60015EGw20xy Datasheet
539Kb / 13P
   No minimum load requirement means no preload resistors required
PQ60015EGw20xyS SYNQOR-PQ60015EGw20xyS Datasheet
534Kb / 13P
   Thermal shutdown protects converter from abnormal environmental conditions
PQ60015EGw20xyS SYNQOR-PQ60015EGw20xyS Datasheet
544Kb / 13P
   Industry standard eighth-brick pin-out configuration
More results

Similar Description - PQ60015EKX25

ManufacturerPart No.DatasheetDescription
SynQor Worldwide Headquarters
SynQor Worldwide Headqu...
PQ60120EKX04 SYNQOR-PQ60120EKX04 Datasheet
1Mb / 15P
   Output voltage trim permits custom voltages and voltage margining
PQ50050HPB50 SYNQOR-PQ50050HPB50 Datasheet
1Mb / 14P
   Output voltage trim permits custom voltages and voltage margining
Lineage Power Corporation
Lineage Power Corporati...
AN04-005 LINEAGEPOWER-AN04-005 Datasheet
187Kb / 4P
   Margining and Voltage Programming
Delta Electronics, Inc.
Delta Electronics, Inc.
DCS DELTA-DCS Datasheet
1Mb / 20P
   Voltage and resistor-based trim
NC15 DELTA-NC15 Datasheet
1Mb / 14P
   Voltage and resistor-based trim
DNM04SIP10 DELTA-DNM04SIP10 Datasheet
843Kb / 16P
   Voltage and resistor-based trim
DNK12SIP DELTA-DNK12SIP Datasheet
1,008Kb / 15P
   Voltage and resistor-based trim
DNS04SMD06 DELTA-DNS04SMD06 Datasheet
931Kb / 17P
   Voltage and resistor-based trim
DNS10SIP06 DELTA-DNS10SIP06 Datasheet
706Kb / 15P
   Voltage and resistor-based trim
NC06 DELTA-NC06 Datasheet
867Kb / 14P
   Voltage and resistor-based trim
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz