Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PQ60015EKX25 Datasheet(PDF) 2 Page - SynQor Worldwide Headquarters

Part No. PQ60015EKX25
Description  Output voltage trim permits custom voltages and voltage margining
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60015EKX25 Datasheet(HTML) 2 Page - SynQor Worldwide Headquarters

  PQ60015EKX25 Datasheet HTML 1Page - SynQor Worldwide Headquarters PQ60015EKX25 Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ60015EKX25 Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ60015EKX25 Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ60015EKX25 Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60015EKX25 Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60015EKX25 Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60015EKX25 Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60015EKX25 Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Technical
Specification
PQ60-EK Family
Product # PQ60015EKx25
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005264 Rev. A
07/13/09
Page 2
NOTES
1)
Pins 1-3, 5-7 are 0.040” (1.02mm) diameter, with 0.080” (2.03mm)
diameter standoff shoulders.
2)
Pins 4 and 8 are 0.062” (1.57 mm) diameter with 0.100" (2.54 mm)
diameter standoff shoulders.
3)
Other pin extension lengths available. Recommended pin length is
0.03” (0.76mm) greater than the PCB thickness.
4)
All Pins: Material - Copper Alloy- Finish (RoHS 6/6) - Matte Tin over
Nickel plate
5)
Undimensioned components are shown for visual reference only.
6)
All dimensions in inches (mm) Tolerances: x.xx +/-0.02 in. (x.x
+/-0.5mm) x.xxx +/-0.010 in. (x.xx +/-0.25mm)
7)
Weight: 0.85 oz (24 g) typical
8)
Workmanship: Meets or exceeds IPC-A-610C Class II
9)
The flanged pins are designed to permit surface mount soldering
(allowing to avoid the wave soldering process) through the use of the
flanged pin-in-paste technique.
10)
UL/TUV standards require a clearance greater than 0.04” (1.02mm)
between input and output for Basic insulation. This issue should be
considered if any copper traces are on the top side of the user’s
board. Note that the ferrite core shown at left above is considered
part of the input/primary circuit.
PIN DESIGNATIONS
Pin
Name
Function
1
Vin(+)
Positive input voltage
2
ON/OFF
TTL input to turn converter on
and off, referenced to Vin(–), with
internal pull up.
3
Vin(–)
Negative input voltage
4
Vout(–)
Negative output voltage
5
SENSE(–) Negative remote sense1
6
TRIM
Output voltage trim2
7
SENSE(+) Positive remote sense3
8
Vout(+)
Positive output voltage
Notes:
1) SENSE(–) should be connected to Vout(–)
either remotely or at the converter.
2) Leave TRIM pin open for nominal output voltage.
3) SENSE(+) should be connected to Vout(+)
either remotely or at the converter.
2.30
[58.4 ]
2.00
[50.8 ]
.900
[22.86 ]
.150
[3.81 ]
.300
[7.62 ]
.450
[11.43 ]
.600
[15.24 ]
4
5
6
7
8
TOP
.14
[3.6 ]
.15 [3.8 ]
.300
[7.62 ]
.600
[15.24 ]
1
2
3
.410
.014
[10.41
0.35]
OVERALL HEIGHT
.145
[3.68 ]
SIDE
EKL SIDE
EKA SIDE
.121
.017
[3.07
0.43]
BOTTOMSIDE
CLEARANCE
.340
.014
[8.64
0.35]
OVERALL HEIGHT
.145
[3.68 ]
0.051
.017
[1.3 0.43]
BOTTOMSIDE
CLEARANCE
MECHANICAL DRAWING - OPEN FRAME - EKA & EKL (LOW PROFILE)


Similar Part No. - PQ60015EKX25

ManufacturerPart No.DatasheetDescription
SynQor Worldwide Headquarters
SynQor Worldwide Headqu...
PQ60015EGL20 SYNQOR-PQ60015EGL20 Datasheet
599Kb / 13P
   Thermal shutdown protects converter from abnormal environmental conditions
PQ60015EGL25 SYNQOR-PQ60015EGL25 Datasheet
539Kb / 13P
   No minimum load requirement means no preload resistors required
PQ60015EGw20xy SYNQOR-PQ60015EGw20xy Datasheet
539Kb / 13P
   No minimum load requirement means no preload resistors required
PQ60015EGw20xyS SYNQOR-PQ60015EGw20xyS Datasheet
534Kb / 13P
   Thermal shutdown protects converter from abnormal environmental conditions
PQ60015EGw20xyS SYNQOR-PQ60015EGw20xyS Datasheet
544Kb / 13P
   Industry standard eighth-brick pin-out configuration
More results

Similar Description - PQ60015EKX25

ManufacturerPart No.DatasheetDescription
SynQor Worldwide Headquarters
SynQor Worldwide Headqu...
PQ60120EKX04 SYNQOR-PQ60120EKX04 Datasheet
1Mb / 15P
   Output voltage trim permits custom voltages and voltage margining
PQ50050HPB50 SYNQOR-PQ50050HPB50 Datasheet
1Mb / 14P
   Output voltage trim permits custom voltages and voltage margining
Lineage Power Corporation
Lineage Power Corporati...
AN04-005 LINEAGEPOWER-AN04-005 Datasheet
187Kb / 4P
   Margining and Voltage Programming
Delta Electronics, Inc.
Delta Electronics, Inc.
DCS DELTA-DCS Datasheet
1Mb / 20P
   Voltage and resistor-based trim
NC15 DELTA-NC15 Datasheet
1Mb / 14P
   Voltage and resistor-based trim
DNM04SIP10 DELTA-DNM04SIP10 Datasheet
843Kb / 16P
   Voltage and resistor-based trim
DNK12SIP DELTA-DNK12SIP Datasheet
1,008Kb / 15P
   Voltage and resistor-based trim
DNS04SMD06 DELTA-DNS04SMD06 Datasheet
931Kb / 17P
   Voltage and resistor-based trim
DNS10SIP06 DELTA-DNS10SIP06 Datasheet
706Kb / 15P
   Voltage and resistor-based trim
NC06 DELTA-NC06 Datasheet
867Kb / 14P
   Voltage and resistor-based trim
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz