Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PQ60015EKX25 Datasheet(PDF) 12 Page - SynQor Worldwide Headquarters

Part No. PQ60015EKX25
Description  Output voltage trim permits custom voltages and voltage margining
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60015EKX25 Datasheet(HTML) 12 Page - SynQor Worldwide Headquarters

Back Button PQ60015EKX25 Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60015EKX25 Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60015EKX25 Datasheet HTML 9Page - SynQor Worldwide Headquarters PQ60015EKX25 Datasheet HTML 10Page - SynQor Worldwide Headquarters PQ60015EKX25 Datasheet HTML 11Page - SynQor Worldwide Headquarters PQ60015EKX25 Datasheet HTML 12Page - SynQor Worldwide Headquarters PQ60015EKX25 Datasheet HTML 13Page - SynQor Worldwide Headquarters PQ60015EKX25 Datasheet HTML 14Page - SynQor Worldwide Headquarters PQ60015EKX25 Datasheet HTML 15Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Product # PQ60015EKx25
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005264 Rev. A
07/13/09
Page 12
Input:
Output:
Current:
Part No.:
35-75V
1.5V
25A
PQ60015EKx25
Technical Specification
APPLICATION CONSIDERATIONS
Input System Instability: This condition can occur because
any DC/DC converter appears incrementally as a negative
resistance load. A detailed application note titled “Input System
Instability” is available on the SynQor website which provides
an understanding of why this instability arises, and shows the
preferred solution for correcting it.
Application Circuits: Figure D below provides a typical circuit
diagram which details the input filtering and voltage trimming.
Input Filtering and External Capacitance: Figure E below
provides a diagram showing the internal input filter components.
This filter dramatically reduces input terminal ripple current,
which otherwise could exceed the rating of an external
input electrolytic capacitor. The recommended external input
capacitance is specified in the “Input Characteristics” section.
More detailed information is available in the application note
titled “EMI Characteristics” on the SynQor website.
Startup Inhibit Period: The Startup Inhibit Period ensures
that the converter will remain off for approximately 200ms
when it is shut down for any reason. In all, there are five ways
that the converter can be shut down, initiating a Startup Inhibit
Period:
• Input Under-Voltage Lockout
• Output Over-Voltage Protection
• Over Temperature Shutdown
• Current Limit
• Turned off by the ON/OFF input
Vin
External
Input
Filter
Trim
Vin(+)
Iload
Cload
L
C
Vout(+)
Rtrim-up
or
Rtrim-down
Vsense(+)
ON/OFF
Vin(_)
Vin(+)
Vin(_)
Vout(_)
Vsense(_)
Figure D:
Typical application circuit (negative logic unit, permanently enabled).
Figure E: Internal Input Filter Diagram
(component values listed on the specifications page).
Electrolytic
Capacitor
47µF


Similar Part No. - PQ60015EKX25

ManufacturerPart No.DatasheetDescription
SynQor Worldwide Headquarters
SynQor Worldwide Headqu...
PQ60015EGL20 SYNQOR-PQ60015EGL20 Datasheet
599Kb / 13P
   Thermal shutdown protects converter from abnormal environmental conditions
PQ60015EGL25 SYNQOR-PQ60015EGL25 Datasheet
539Kb / 13P
   No minimum load requirement means no preload resistors required
PQ60015EGw20xy SYNQOR-PQ60015EGw20xy Datasheet
539Kb / 13P
   No minimum load requirement means no preload resistors required
PQ60015EGw20xyS SYNQOR-PQ60015EGw20xyS Datasheet
534Kb / 13P
   Thermal shutdown protects converter from abnormal environmental conditions
PQ60015EGw20xyS SYNQOR-PQ60015EGw20xyS Datasheet
544Kb / 13P
   Industry standard eighth-brick pin-out configuration
More results

Similar Description - PQ60015EKX25

ManufacturerPart No.DatasheetDescription
SynQor Worldwide Headquarters
SynQor Worldwide Headqu...
PQ60120EKX04 SYNQOR-PQ60120EKX04 Datasheet
1Mb / 15P
   Output voltage trim permits custom voltages and voltage margining
PQ50050HPB50 SYNQOR-PQ50050HPB50 Datasheet
1Mb / 14P
   Output voltage trim permits custom voltages and voltage margining
Lineage Power Corporation
Lineage Power Corporati...
AN04-005 LINEAGEPOWER-AN04-005 Datasheet
187Kb / 4P
   Margining and Voltage Programming
Delta Electronics, Inc.
Delta Electronics, Inc.
DCS DELTA-DCS Datasheet
1Mb / 20P
   Voltage and resistor-based trim
NC15 DELTA-NC15 Datasheet
1Mb / 14P
   Voltage and resistor-based trim
DNM04SIP10 DELTA-DNM04SIP10 Datasheet
843Kb / 16P
   Voltage and resistor-based trim
DNK12SIP DELTA-DNK12SIP Datasheet
1,008Kb / 15P
   Voltage and resistor-based trim
DNS04SMD06 DELTA-DNS04SMD06 Datasheet
931Kb / 17P
   Voltage and resistor-based trim
DNS10SIP06 DELTA-DNS10SIP06 Datasheet
706Kb / 15P
   Voltage and resistor-based trim
NC06 DELTA-NC06 Datasheet
867Kb / 14P
   Voltage and resistor-based trim
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz