Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PQ60015EKX25 Datasheet(PDF) 8 Page - SynQor Worldwide Headquarters

Part # PQ60015EKX25
Description  Output voltage trim permits custom voltages and voltage margining
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60015EKX25 Datasheet(HTML) 8 Page - SynQor Worldwide Headquarters

Back Button PQ60015EKX25 Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ60015EKX25 Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60015EKX25 Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60015EKX25 Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60015EKX25 Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60015EKX25 Datasheet HTML 9Page - SynQor Worldwide Headquarters PQ60015EKX25 Datasheet HTML 10Page - SynQor Worldwide Headquarters PQ60015EKX25 Datasheet HTML 11Page - SynQor Worldwide Headquarters PQ60015EKX25 Datasheet HTML 12Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Product # PQ60015EKx25
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005264 Rev. A
07/13/09
Page 8
Input:
Output:
Current:
Part No.:
35-75V
1.5V
25A
PQ60015EKx25
Technical Specification
0
1
2
3
4
5
6
7
8
9
10
11
12
40.0
39.5
39.0
38.5
38.0
37.5
37.0
36.6
36.0
35.5
35.0
Input Voltage (V)
100% Load
50% Load
0% Load
10 µH
source
impedance
DC/DC
Converter
See Fig. 15
See Fig. 14
See Fig. 16
1 µF
ceramic
capacitor
15 µF,
100mW ESR
tantalum
capacitor
47 µF,
<1W ESR
electrolytic
capacitor
VSOURCE
iS
iC
VOUT
Figure 13: Test set-up diagram showing measurement points for Input Terminal
Ripple Current (Figure 14), Input Reflected Ripple Current (Figure 15) and
Output Voltage Ripple (Figure 16).
Figure 14: Input Terminal Ripple Current, ic, at full rated output current and
nominal input voltage with 10µH source impedance and 47µF electrolytic
capacitor (100 mA/div). See Figure 13.
Figure 15: Input reflected ripple current, is, through a 10 µH source inductor,
using a 47µF electrolytic input capacitor (5mA/div). See Figure 13.
Figure 16: Output voltage ripple at nominal input voltage and rated load current
(50 mV/div). Load capacitance: 1µF ceramic capacitor and 15µF tantalum
capacitor. Bandwidth: 20 MHz. See Figure 13.
Figure 17: Output voltage response to step-change in input voltage(48V to 75V),
at 4A load current. Load cap: 15uF tantalum capacitor and 1uf ceramic cap.
Ch1:Vout(50V/div),Ch2: Vin (100mV/div)
Figure 18: Achievable trim-up percentage vs. input voltage at 0%, 50% and full
load. Vin=35-40V.


Similar Part No. - PQ60015EKX25

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60015EGL20 SYNQOR-PQ60015EGL20 Datasheet
599Kb / 13P
   Thermal shutdown protects converter from abnormal environmental conditions
PQ60015EGL25 SYNQOR-PQ60015EGL25 Datasheet
539Kb / 13P
   No minimum load requirement means no preload resistors required
PQ60015EGw20xy SYNQOR-PQ60015EGw20xy Datasheet
539Kb / 13P
   No minimum load requirement means no preload resistors required
PQ60015EGw20xyS SYNQOR-PQ60015EGw20xyS Datasheet
534Kb / 13P
   Thermal shutdown protects converter from abnormal environmental conditions
PQ60015EGw20xyS SYNQOR-PQ60015EGw20xyS Datasheet
544Kb / 13P
   Industry standard eighth-brick pin-out configuration
More results

Similar Description - PQ60015EKX25

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60120EKX04 SYNQOR-PQ60120EKX04 Datasheet
1Mb / 15P
   Output voltage trim permits custom voltages and voltage margining
PQ50050HPB50 SYNQOR-PQ50050HPB50 Datasheet
1Mb / 14P
   Output voltage trim permits custom voltages and voltage margining
logo
Lineage Power Corporati...
AN04-005 LINEAGEPOWER-AN04-005 Datasheet
187Kb / 4P
   Margining and Voltage Programming
logo
Delta Electronics, Inc.
DCS DELTA-DCS Datasheet
1Mb / 20P
   Voltage and resistor-based trim
NC15 DELTA-NC15 Datasheet
1Mb / 14P
   Voltage and resistor-based trim
DNM04SIP10 DELTA-DNM04SIP10 Datasheet
843Kb / 16P
   Voltage and resistor-based trim
DNS10SIP06 DELTA-DNS10SIP06 Datasheet
706Kb / 15P
   Voltage and resistor-based trim
DNK12SIP DELTA-DNK12SIP Datasheet
1,008Kb / 15P
   Voltage and resistor-based trim
DNS04SMD06 DELTA-DNS04SMD06 Datasheet
931Kb / 17P
   Voltage and resistor-based trim
DNL04SIP16A DELTA-DNL04SIP16A Datasheet
940Kb / 16P
   Voltage and resistor-based trim
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com