Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PQ60015EKX25 Datasheet(PDF) 5 Page - SynQor Worldwide Headquarters

Part No. PQ60015EKX25
Description  Output voltage trim permits custom voltages and voltage margining
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60015EKX25 Datasheet(HTML) 5 Page - SynQor Worldwide Headquarters

  PQ60015EKX25 Datasheet HTML 1Page - SynQor Worldwide Headquarters PQ60015EKX25 Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ60015EKX25 Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ60015EKX25 Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ60015EKX25 Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60015EKX25 Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60015EKX25 Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60015EKX25 Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60015EKX25 Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
35-75V
1.5V
25A
PQ60015EKx25
Product # PQ60015EKx25
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005264 Rev. A
07/13/09
Page 5
Input:
Output:
Current:
Part No.:
35-75V
1.5V
25A
PQ60015EKx25
Technical Specification
PQ60015EKx25 ELECTRICAL CHARACTERISTICS
Ta = 25 °C, airflow rate = 300 LFM, Vin = 48V dc unless otherwise noted; full operating temperature range is -40 °C to +100 °C baseplate temperature
with appropriate power derating. Specifications subject to change without notice.
Parameter
Min.
Typ.
Max. Units Notes & Conditions
DYNAMIC CHARACTERISTICS
Input Voltage Ripple Rejection
77
dB
120 Hz
Output Voltage during Load Current Transient
See Note 3
Step Change in Output Current (0.1 A/µs)
62
mV
50% to 75% to 50% Iout max; Figure 11
Step Change in Output Current (1 A/µs)
150
mV
50% to 75% to 50% Iout max; Figure 12
Settling time
180
µs
To within 1% Vout nom
Turn-On Transient
Turn-On Time
22
ms
Full load, Vout=90% nom; Figures 9 & 10
Start-Up Inhibit Time
180
200
240
ms
-40°C to 125°C; Figure F
Output Voltage Overshoot
0
%
Maximum Output Capacitance,Iout=0A
ISOLATION CHARACTERISTICS
Isolation Voltage (dielectric strength)
2000
V
See Absolute Maximum Ratings
Isolation Resistance
30
Isolation Capacitance (input to output)
1000
pF
See Note 4
TEMPERATURE LIMITS FOR POWER DERATING CURVES
Semiconductor Junction Temperature
125
°C
Package rated to 150 °C
Board Temperature
125
°C
UL rated max operating temp 130 °C
Transformer Temperature
125
°C
FEATURE CHARACTERISTICS
Switching Frequency
270
300
330
kHz
ON/OFF Control (Option P)
Off-State Voltage
0
0.8
V
On-State Voltage
2
13.5
V
ON/OFF Control (Option N)
Off-State Voltage
2
13.5
V
On-State Voltage
0
0.8
V
ON/OFF Control (Either Option)
Application notes; Figures A & B
Pull-Up Voltage
5
6
V
Pull-Up Resistance
10
Output Voltage Trim Range
-10
10
%
Measured across Pins 8 & 4; Figure C
Output Voltage Remote Sense Range
10
%
Measured across Pins 8 & 4
Output Over-Voltage Protection
140
%
No load; % of nominal Vout
Over-Temperature Shutdown
125
°C
Average PCB Temperature
Over-Temperature Shutdown Restart Hysteresis
10
°C
RELIABILITY CHARACTERISTICS
Calculated MTBF (Telcordia)
2.5
106 Hrs. TR-NWT-000332; 80% load, 300LFM, 40 °C Ta
Calculated MTBF (MIL-217)
1.1
106 Hrs. MIL-HDBK-217F; 80% load, 300LFM, 40 °C Ta
Field Demonstrated MTBF
106 Hrs. See our website for details
Note 1: The UVLO values represented here are typical of lighter load conditions. The unit may shut down under high load conditions before the typical
UVLO limits.
Note 2: For applications requiring reduced output voltage ripple and noise, consult SynQor applications support (e-mail: support@synqor.com)
Note 3: The module requires a minimum amount of capacitance (100μF) in order to ride through a No Load to Full Load transient (0.1A/μs)
without shutdown.
Note 4: Higher values of isolation capacitance can be added external to the module.


Similar Part No. - PQ60015EKX25

ManufacturerPart No.DatasheetDescription
SynQor Worldwide Headquarters
SynQor Worldwide Headqu...
PQ60015EGL20 SYNQOR-PQ60015EGL20 Datasheet
599Kb / 13P
   Thermal shutdown protects converter from abnormal environmental conditions
PQ60015EGL25 SYNQOR-PQ60015EGL25 Datasheet
539Kb / 13P
   No minimum load requirement means no preload resistors required
PQ60015EGw20xy SYNQOR-PQ60015EGw20xy Datasheet
539Kb / 13P
   No minimum load requirement means no preload resistors required
PQ60015EGw20xyS SYNQOR-PQ60015EGw20xyS Datasheet
534Kb / 13P
   Thermal shutdown protects converter from abnormal environmental conditions
PQ60015EGw20xyS SYNQOR-PQ60015EGw20xyS Datasheet
544Kb / 13P
   Industry standard eighth-brick pin-out configuration
More results

Similar Description - PQ60015EKX25

ManufacturerPart No.DatasheetDescription
SynQor Worldwide Headquarters
SynQor Worldwide Headqu...
PQ60120EKX04 SYNQOR-PQ60120EKX04 Datasheet
1Mb / 15P
   Output voltage trim permits custom voltages and voltage margining
PQ50050HPB50 SYNQOR-PQ50050HPB50 Datasheet
1Mb / 14P
   Output voltage trim permits custom voltages and voltage margining
Lineage Power Corporation
Lineage Power Corporati...
AN04-005 LINEAGEPOWER-AN04-005 Datasheet
187Kb / 4P
   Margining and Voltage Programming
Delta Electronics, Inc.
Delta Electronics, Inc.
DCS DELTA-DCS Datasheet
1Mb / 20P
   Voltage and resistor-based trim
NC15 DELTA-NC15 Datasheet
1Mb / 14P
   Voltage and resistor-based trim
DNM04SIP10 DELTA-DNM04SIP10 Datasheet
843Kb / 16P
   Voltage and resistor-based trim
DNK12SIP DELTA-DNK12SIP Datasheet
1,008Kb / 15P
   Voltage and resistor-based trim
DNS04SMD06 DELTA-DNS04SMD06 Datasheet
931Kb / 17P
   Voltage and resistor-based trim
DNS10SIP06 DELTA-DNS10SIP06 Datasheet
706Kb / 15P
   Voltage and resistor-based trim
NC06 DELTA-NC06 Datasheet
867Kb / 14P
   Voltage and resistor-based trim
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz