Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PQ60010EGw25xyz Datasheet(PDF) 11 Page - SynQor Worldwide Headquarters

Part # PQ60010EGw25xyz
Description  No minimum load requirement means no preload resistors required
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60010EGw25xyz Datasheet(HTML) 11 Page - SynQor Worldwide Headquarters

Back Button PQ60010EGw25xyz Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60010EGw25xyz Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60010EGw25xyz Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60010EGw25xyz Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60010EGw25xyz Datasheet HTML 9Page - SynQor Worldwide Headquarters PQ60010EGw25xyz Datasheet HTML 10Page - SynQor Worldwide Headquarters PQ60010EGw25xyz Datasheet HTML 11Page - SynQor Worldwide Headquarters PQ60010EGw25xyz Datasheet HTML 12Page - SynQor Worldwide Headquarters PQ60010EGw25xyz Datasheet HTML 13Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Product # PQ60015EGL25
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2EG651D Rev. B
1/22/08
Page 11
Input:
Input:
Output:
Output:
Current:
Current:
PPackage:
ackage:
35-75 V
35-75 V
1.5 V
1.5 V
25 A
25 A
Eighth-brick
Eighth-brick
T
Technical S
echnical Specification
pecification
APPLICATION CONSIDERATIONS
Input System Instability: This condition can occur because
any DC/DC converter appears incrementally as a negative
resistance load. A detailed application note titled “Input
System Instability” is available on the SynQor website which
provides an understanding of why this instability arises, and
shows the preferred solution for correcting it.
Application Circuits: Figure D provides a typical circuit dia-
gram which details the input filtering and voltage trimming.
Input Filtering and External Capacitance: Figure E pro-
vides a diagram showing the internal input filter components.
This filter dramatically reduces input terminal ripple current,
which otherwise could exceed the rating of an external elec-
trolytic input capacitor. The recommended external input capac-
itance is specified in the “Input Characteristics” section. More
detailed information is available in the application note titled
“EMI Characteristics” on the SynQor website.
Vin
External
Input
Filter
Trim
Vin(+)
Iload
Cload
L
C
Vout(+)
Rtrim-up
or
Rtrim-down
Vsense(+)
ON/OFF
Vin(_)
Vin(+)
Vin(_)
Vout(_)
Vsense(_)
Figure D: Typical application circuit (negative logic unit, permanently enabled).
Figure E: Internal Input Filter Diagram (component values listed on the specifications page).
Electrolytic
Capacitor
47µF


Similar Part No. - PQ60010EGw25xyz

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60010EGw25xyz SYNQOR-PQ60010EGw25xyz Datasheet
534Kb / 13P
   Thermal shutdown protects converter from abnormal environmental conditions
PQ60010EGw25xyz SYNQOR-PQ60010EGw25xyz Datasheet
544Kb / 13P
   Industry standard eighth-brick pin-out configuration
PQ60010EGw25xyz SYNQOR-PQ60010EGw25xyz Datasheet
5Mb / 13P
   Input under-voltage lockout disables converter at low
PQ60010EGw25xyz SYNQOR-PQ60010EGw25xyz Datasheet
4Mb / 13P
   Input under-voltage lockout disables converter at low input voltage conditions
PQ60010EGw25xyz SYNQOR-PQ60010EGw25xyz Datasheet
599Kb / 13P
   Thermal shutdown protects converter from abnormal environmental conditions
More results

Similar Description - PQ60010EGw25xyz

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60500HZX12 SYNQOR-PQ60500HZX12 Datasheet
3Mb / 16P
   No minimum load requirement means no preload resistors required
PQ60240HZX25 SYNQOR-PQ60240HZX25 Datasheet
3Mb / 16P
   No minimum load requirement means no preload resistors required
logo
Delta Electronics, Inc.
E48SC3R320 DELTA-E48SC3R320 Datasheet
539Kb / 15P
   No minimum load required
logo
Wurth Elektronik GmbH &...
177920524 WURTH-177920524 Datasheet
1Mb / 21P
   No minimum load required
logo
Delta Electronics, Inc.
D12S1R830 DELTA-D12S1R830 Datasheet
500Kb / 11P
   No minimum load required
DNT12SMD03 DELTA-DNT12SMD03 Datasheet
600Kb / 12P
   No minimum load required
NC40 DELTA-NC40 Datasheet
993Kb / 14P
   No minimum load required
DNL10SIP20 DELTA-DNL10SIP20 Datasheet
878Kb / 17P
   No minimum load required
logo
Minmax Technology Co., ...
MIW03 MINMAX-MIW03 Datasheet
482Kb / 5P
   No Minimum Load Requirement
logo
SynQor Worldwide Headqu...
PQ60120QEA25 SYNQOR-PQ60120QEA25 Datasheet
2Mb / 14P
   No minimum load requirement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com