Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS85-102R-P1G2 Datasheet(PDF) 2 Page - Copal Electronics

Part # PS85-102R-P1G2
Description  PRESSURE SWITCHES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PS85-102R-P1G2 Datasheet(HTML) 2 Page - Copal Electronics

  PS85-102R-P1G2 Datasheet HTML 1Page - Copal Electronics PS85-102R-P1G2 Datasheet HTML 2Page - Copal Electronics PS85-102R-P1G2 Datasheet HTML 3Page - Copal Electronics PS85-102R-P1G2 Datasheet HTML 4Page - Copal Electronics PS85-102R-P1G2 Datasheet HTML 5Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Pressure reference
Gauge
Absolute
− 100 ~ 100
− 100 ~ 350
− 100 ~ 1000
0 ~ 100 (abs)
kPa
Rated pressure range
Fitting
R2
(R 1/4)
NPN (Upper and upper limit mode)
NPN (Upper and lower limit mode)
PNP (Upper and upper limit mode)
PNP (Upper and lower limit mode)
NPN (Upper and upper limit mode)
NPN (Upper and lower limit mode)
PNP (Upper and upper limit mode)
PNP (Upper and lower limit mode)
NPN (Upper and upper limit mode)
NPN (Upper and lower limit mode)
PNP (Upper and upper limit mode)
PNP (Upper and lower limit mode)
GF
(G 3/8)
G2
(G 1/4)
LIST OF MODEL NUMBERS
PS85-102R-N1R2
PS85-352R-N1R2
PS85-103R-N1R2
PS85-102A-N1R2
PS85-102R-N2R2
PS85-352R-N2R2
PS85-103R-N2R2
PS85-102A-N2R2
PS85-102R-P1R2
PS85-352R-P1R2
PS85-103R-P1R2
PS85-102A-P1R2
PS85-102R-P2R2
PS85-352R-P2R2
PS85-103R-P2R2
PS85-102A-P2R2
PS85-102R-N1GF
PS85-352R-N1GF
PS85-103R-N1GF
PS85-102A-N1GF
PS85-102R-N2GF
PS85-352R-N2GF
PS85-103R-N2GF
PS85-102A-N2GF
PS85-102R-P1GF
PS85-352R-P1GF
PS85-103R-P1GF
PS85-102A-P1GF
PS85-102R-P2GF
PS85-352R-P2GF
PS85-103R-P2GF
PS85-102A-P2GF
PS85-102R-N1G2
PS85-352R-N1G2
PS85-103R-N1G2
PS85-102A-N1G2
PS85-102R-N2G2
PS85-352R-N2G2
PS85-103R-N2G2
PS85-102A-N2G2
PS85-102R-P1G2
PS85-352R-P1G2
PS85-103R-P1G2
PS85-102A-P1G2
PS85-102R-P2G2
PS85-352R-P2G2
PS85-103R-P2G2
PS85-102A-P2G2
Switch output
※ Verify the above model numbers when placing orders.
PS85
PRESSURE SWITCHES
STANDARD SPECIFICATIONS
Item
Pressure reference
Rated pressure range
Maximum pressure
Break-down pressure
Operating temp. range
Compensated temp. range
Storage temp.
Operating humidity
Pressure medium
Insulation resistance
Model number
PS85
102R
352R
103R
102A
Gauge
Absolute
− 100 ~ 100
− 100 ~ 350
− 100 ~ 1000
100 (abs)
200
700
2000
200 (abs)
300
1050
3000
300 (abs)
Corrosive gases/liquids compatible with SUS 316L
100 (500 V DC)
0 ~ 50
35 ~ 85No condensation
− 20 ~ 80Atmospheric pressure, humidity 65 %RH maximum
− 20 ~ 80
kPa
kPa
kPa
°C
°C
%RH
°C
M
Ω
minimum
O Unless otherwise specified, the specs are defined at an ambient temperature of 25±5 °C and excitation voltage of 12 V DC.


Similar Part No. - PS85-102R-P1G2

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS8501 CEL-PS8501 Datasheet
942Kb / 16P
   HIGH SPEED ANALOG OUTPUT TYPE 8 mm CREEPAGE 8-PIN PHOTOCOUPLER
logo
Renesas Technology Corp
PS8501 RENESAS-PS8501 Datasheet
293Kb / 18P
   HIGH SPEED ANALOG OUTPUT TYPE 8 mm CREEPAGE 8-PIN PHOTOCOUPLER
logo
California Eastern Labs
PS8501-AX CEL-PS8501-AX Datasheet
942Kb / 16P
   HIGH SPEED ANALOG OUTPUT TYPE 8 mm CREEPAGE 8-PIN PHOTOCOUPLER
PS8501-V CEL-PS8501-V Datasheet
942Kb / 16P
   HIGH SPEED ANALOG OUTPUT TYPE 8 mm CREEPAGE 8-PIN PHOTOCOUPLER
logo
Renesas Technology Corp
PS8501-V RENESAS-PS8501-V Datasheet
293Kb / 18P
   HIGH SPEED ANALOG OUTPUT TYPE 8 mm CREEPAGE 8-PIN PHOTOCOUPLER
More results

Similar Description - PS85-102R-P1G2

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PS40 COPAL-PS40_16 Datasheet
90Kb / 4P
   PRESSURE SWITCHES
PS8 COPAL-PS8_16 Datasheet
72Kb / 3P
   PRESSURE SWITCHES
PS83 COPAL-PS83_16 Datasheet
207Kb / 4P
   PRESSURE SWITCHES
PS91 COPAL-PS91_16 Datasheet
739Kb / 3P
   PRESSURE SWITCHES
PS86 COPAL-PS86 Datasheet
101Kb / 5P
   PRESSURE SWITCHES
PS20 COPAL-PS20_16 Datasheet
708Kb / 3P
   PRESSURE SWITCHES
PS83 COPAL-PS83 Datasheet
87Kb / 4P
   PRESSURE SWITCHES
logo
Systemsensor advanced i...
EPS120-1 SYSTEMSENSOR-EPS120-1 Datasheet
160Kb / 2P
   Supervisory Pressure Switches
logo
List of Unclassifed Man...
6819-01 ETC2-6819-01 Datasheet
848Kb / 20P
   Pressure & Vacuum Switches
PSW-200 ETC-PSW-200 Datasheet
273Kb / 2P
   INDUSTRIAL PRESSURE SWitCHes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com