Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PQ60015EGw25xyS Datasheet(PDF) 10 Page - SynQor Worldwide Headquarters

Part # PQ60015EGw25xyS
Description  Input under-voltage lockout disables converter at low
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60015EGw25xyS Datasheet(HTML) 10 Page - SynQor Worldwide Headquarters

Back Button PQ60015EGw25xyS Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60015EGw25xyS Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60015EGw25xyS Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60015EGw25xyS Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60015EGw25xyS Datasheet HTML 9Page - SynQor Worldwide Headquarters PQ60015EGw25xyS Datasheet HTML 10Page - SynQor Worldwide Headquarters PQ60015EGw25xyS Datasheet HTML 11Page - SynQor Worldwide Headquarters PQ60015EGw25xyS Datasheet HTML 12Page - SynQor Worldwide Headquarters PQ60015EGw25xyS Datasheet HTML 13Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Product # PQ60012EGL20
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2EG621G Rev. D
04/09/10
Page 10
Input:
Input:
Output:
Output:
Current:
Current:
PPackage:
ackage:
35-75 V
35-75 V
1.2 V
1.2 V
20 A
20 A
Eighth-brick
Eighth-brick
T
Technical S
echnical Specification
pecification
age across the output (pins 8 and 4) to determine when it should
trigger, not the voltage across the converter’s sense leads (pins 7
and 5). Therefore, the resistive drop on the board should be
small enough so that output OVP does not trigger, even during
load transients.
OUTPUT VOLTAGE TRIM (Pin 6): The TRIM input permits the
user to adjust the output voltage across the sense leads up or
down according to the trim range specifications.
To decrease the output voltage, the user should connect a resistor
between Pin 6 and Pin 5 (SENSE(-) input). To increase the output
voltage, the user should connect a resistor between Pin 6 and Pin
7 (SENSE(+) input). For a desired change of the nominal output
voltage, the value of the resistor should be
Figure C graphs the relationship between the trim resistor value
and Rtrim-up and Rtrim-down, showing the total range the output
voltage can be trimmed up or down (range from -20% to +10%).
Figure C: Trim Graph for 1.2Vout module
Note: The TRIM feature does not affect the voltage at which the
output over-voltage protection circuit is triggered. Trimming the
output voltage too high may cause the over-voltage protection cir-
cuit to engage, particularly during transients.
It is not necessary for the user to add capacitance at the Trim pin.
The node is internally bypassed to eliminate noise.
Alternative Trim Equation: When ordering this option (see
ordering information page) Tyco compatible trim equations are
applicable (range from -10% to +10%, see Figure D)
TRIM UP:
TRIM DOWN:
Where
Figure D: Alternative Trim Graph for 1.2Vout module
Total DC Variation of Vout: For the converter to meet its full
specifications, the maximum variation of the DC value of Vout,
due to both trimming and remote load voltage drops, should not
be greater than that specified for the output voltage trim range.
PROTECTION FEATURES
Input Under-Voltage Lockout: The converter is designed to
turn off when the input voltage is too low, helping avoid an input
system instability problem, described in more detail in the appli-
cation note titled “Input System Instability” available on the
SynQor website. The lockout circuitry is a comparator with DC
hysteresis. When the input voltage is rising, it must exceed the typ-
ical Turn-On Voltage Threshold value (listed on the specification
page) before the converter will turn on. Once the converter is on,
the input voltage must fall below the typical Turn-Off Voltage
Threshold value before the converter will turn off.
1
10
100
0.96
1.00
1.04
1.08
1.12
1.16
1.20
1.24
1.28
1.32
Desired Output Voltage
10
100
1000
1.08
1.12
1.16
1.20
1.24
1.28
1.32
Desired Output Voltage
Rtrim-up =
0.6 x D%
D%
5.1 x VNOM x (100 + D%) 510
10.2 (kW)
[]
Rtrim-down =
D%
510
10.2 (kW)
[]
VNOM
VDES – VNOM
x 100
D% =
Rtrim =
VNOM – VDES
– 1
VDES
where
VNOM = Nominal Voltage
VDES = Desired Voltage
(Vertical bars indicate absolute value)
(kW)


Similar Part No. - PQ60015EGw25xyS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60015EGw25xyS SYNQOR-PQ60015EGw25xyS Datasheet
534Kb / 13P
   Thermal shutdown protects converter from abnormal environmental conditions
PQ60015EGw25xyS SYNQOR-PQ60015EGw25xyS Datasheet
544Kb / 13P
   Industry standard eighth-brick pin-out configuration
PQ60015EGw25xyS SYNQOR-PQ60015EGw25xyS Datasheet
4Mb / 13P
   Input under-voltage lockout disables converter at low input voltage conditions
PQ60015EGw25xyS SYNQOR-PQ60015EGw25xyS Datasheet
599Kb / 13P
   Thermal shutdown protects converter from abnormal environmental conditions
More results

Similar Description - PQ60015EGw25xyS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ50090QGB11 SYNQOR-PQ50090QGB11 Datasheet
1Mb / 13P
   Input under-voltage lockout disables converter at low input voltage
PQ60012EGL25 SYNQOR-PQ60012EGL25 Datasheet
4Mb / 13P
   Input under-voltage lockout disables converter at low input voltage conditions
PQ60012SMX25 SYNQOR-PQ60012SMX25 Datasheet
930Kb / 15P
   Input under-voltage lockout
logo
Emerson Network Power
AVQ100-36S3V3 EMERSON-NETWORKPOWER-AVQ100-36S3V3 Datasheet
227Kb / 15P
   Input under voltage lockout
logo
Bel Fuse Inc.
0RQB-70N54 BEL-0RQB-70N54 Datasheet
468Kb / 13P
   Input Under-Voltage Lockout
0RQB-50Y15X BEL-0RQB-50Y15X Datasheet
1Mb / 25P
   Input Under-Voltage Lockout
logo
SynQor Worldwide Headqu...
SQ60060QPX55 SYNQOR-SQ60060QPX55 Datasheet
2Mb / 15P
   Input under-voltage lockout
logo
Bel Fuse Inc.
0RQB-60Q05X BEL-0RQB-60Q05X Datasheet
863Kb / 20P
   Input Under Voltage Lockout
0RQB-X0S10 BEL-0RQB-X0S10 Datasheet
980Kb / 26P
   Input Under-Voltage Lockout
0RQP-H5T12 BEL-0RQP-H5T12 Datasheet
1Mb / 28P
   Input Under-Voltage Lockout
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com