Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS85-103A-N1G2 Datasheet(PDF) 5 Page - Copal Electronics

Part # PS85-103A-N1G2
Description  PRESSURE SWITCHES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PS85-103A-N1G2 Datasheet(HTML) 5 Page - Copal Electronics

  PS85-103A-N1G2 Datasheet HTML 1Page - Copal Electronics PS85-103A-N1G2 Datasheet HTML 2Page - Copal Electronics PS85-103A-N1G2 Datasheet HTML 3Page - Copal Electronics PS85-103A-N1G2 Datasheet HTML 4Page - Copal Electronics PS85-103A-N1G2 Datasheet HTML 5Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Shield
Pressure
Load
S.Output1
Main circuit
Power
B
Sensor
Common
S.Output2
Load
2
LED Indicator
1
Shield
2
LED Indicator
1
Common
S.Output2
Power
B
Load
Load
Pressure
Main circuit
Sensor
S.Output1
OFF
Hysteresis
Hysteresis
Switch 2
Switch 1
–100 kPa
108 kPa
Absolute vacuum
Rated pressure
ON
OFF
ON
OFF
ON
Hysteresis
Switch 2
Switch 1
OFF
ON
OFF
Hysteresis
Hysteresis
Switch 2
Switch 1
Absolute vacuum
108 kPa
ON
OFF
ON
Hysteresis
Switch 2
Switch 1
OFF
ON
Hysteresis
Hysteresis
Rated pressure
–100 kPa
OFF
ON
PS85
PRESSURE SWITCHES
INTERNAL ELECTRICAL SCHEMATICS
SWITCH OUTPUT SCHEMATICS
O PS85- *** R- * 1 **
O PS85-102A- * 1 **
O PS85- *** R- * 2 **
O NPN
O PNP
O PS85-102A- * 2 **
2 switches show same performance.


Similar Part No. - PS85-103A-N1G2

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS8501 CEL-PS8501 Datasheet
942Kb / 16P
   HIGH SPEED ANALOG OUTPUT TYPE 8 mm CREEPAGE 8-PIN PHOTOCOUPLER
logo
Renesas Technology Corp
PS8501 RENESAS-PS8501 Datasheet
293Kb / 18P
   HIGH SPEED ANALOG OUTPUT TYPE 8 mm CREEPAGE 8-PIN PHOTOCOUPLER
logo
California Eastern Labs
PS8501-AX CEL-PS8501-AX Datasheet
942Kb / 16P
   HIGH SPEED ANALOG OUTPUT TYPE 8 mm CREEPAGE 8-PIN PHOTOCOUPLER
PS8501-V CEL-PS8501-V Datasheet
942Kb / 16P
   HIGH SPEED ANALOG OUTPUT TYPE 8 mm CREEPAGE 8-PIN PHOTOCOUPLER
logo
Renesas Technology Corp
PS8501-V RENESAS-PS8501-V Datasheet
293Kb / 18P
   HIGH SPEED ANALOG OUTPUT TYPE 8 mm CREEPAGE 8-PIN PHOTOCOUPLER
More results

Similar Description - PS85-103A-N1G2

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PS40 COPAL-PS40_16 Datasheet
90Kb / 4P
   PRESSURE SWITCHES
PS8 COPAL-PS8_16 Datasheet
72Kb / 3P
   PRESSURE SWITCHES
PS83 COPAL-PS83_16 Datasheet
207Kb / 4P
   PRESSURE SWITCHES
PS91 COPAL-PS91_16 Datasheet
739Kb / 3P
   PRESSURE SWITCHES
PS86 COPAL-PS86 Datasheet
101Kb / 5P
   PRESSURE SWITCHES
PS20 COPAL-PS20_16 Datasheet
708Kb / 3P
   PRESSURE SWITCHES
PS83 COPAL-PS83 Datasheet
87Kb / 4P
   PRESSURE SWITCHES
logo
Systemsensor advanced i...
EPS120-1 SYSTEMSENSOR-EPS120-1 Datasheet
160Kb / 2P
   Supervisory Pressure Switches
logo
List of Unclassifed Man...
6819-01 ETC2-6819-01 Datasheet
848Kb / 20P
   Pressure & Vacuum Switches
PSW-200 ETC-PSW-200 Datasheet
273Kb / 2P
   INDUSTRIAL PRESSURE SWitCHes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com