Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PQ50120HZB55PNS-G Datasheet(PDF) 11 Page - SynQor Worldwide Headquarters

Part # PQ50120HZB55PNS-G
Description  Delivers up to 55A of output current (660W)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ50120HZB55PNS-G Datasheet(HTML) 11 Page - SynQor Worldwide Headquarters

Back Button PQ50120HZB55PNS-G Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ50120HZB55PNS-G Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ50120HZB55PNS-G Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ50120HZB55PNS-G Datasheet HTML 9Page - SynQor Worldwide Headquarters PQ50120HZB55PNS-G Datasheet HTML 10Page - SynQor Worldwide Headquarters PQ50120HZB55PNS-G Datasheet HTML 11Page - SynQor Worldwide Headquarters PQ50120HZB55PNS-G Datasheet HTML 12Page - SynQor Worldwide Headquarters PQ50120HZB55PNS-G Datasheet HTML 13Page - SynQor Worldwide Headquarters PQ50120HZB55PNS-G Datasheet HTML 14Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Technical Specification
Product # PQ50120HZx55
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005483 Rev. 1
03/31/10
Page 11
Input:44-52V
Output:12V
Current:55A
Part No.:PQ50120HZB55
APPLICATION CONSIDERATIONS
Limited Output Voltage Resolution: The internal voltage
control feedback loop has limited resolution. Therefore, the output
voltage will exhibit discrete steps as the loop responds to changes
in line, load, trim, or remote sense. For instance, on close
examination, the startup ramp has a “stair-step” shape. Likewise,
a load transient response will be composed of multiple discrete
steps. The size of each step is well determined, and is shown in
Figure C. A close-up picture of a single step is shown in Figure D.
Stepping will not occur under steady state conditions.
Current share and active trim not recommended: It is
important to note that external feedback control using the sense
or trim pins will cause sustained stepping. External current
share or active trim circuits contain a separate reference voltage.
After this external feedback has taken control, the actual output
voltage can still differ from the external reference voltage by as
much as the step size. If the external feedback loop integrates
this error voltage, it will cause a limit cycle oscillation. For this
reason, external feedback using the sense and trim pins is not
recommended.
Input System Instability: This condition can occur because
any DC/DC converter appears incrementally as a negative
resistance load. A detailed application note titled “Input System
Instability” is available on the SynQor website which provides
an understanding of why this instability arises, and shows the
preferred solution for correcting it.
0
20
40
60
80
100
120
140
35
40
45
50
55
60
65
70
75
Vin (V)
= 12.0 Vout
= 10.0 Vout
≤ 8.75 Vout
Figure C: Output voltage resolution.
Figure D: Smallest possible Vout step at 48Vin and 12Vout.
* See Electrical Characteristics page.


Similar Part No. - PQ50120HZB55PNS-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ50180HTB10 SYNQOR-PQ50180HTB10 Datasheet
1Mb / 14P
   Delivers up to 180W of output power with minimal derating
PQ50180HTB10NNS SYNQOR-PQ50180HTB10NNS Datasheet
1Mb / 14P
   Delivers up to 180W of output power with minimal derating
More results

Similar Description - PQ50120HZB55PNS-G

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
AVE360-48S12 EMERSON-NETWORKPOWER-AVE360-48S12 Datasheet
552Kb / 19P
   Delivers up to 30A output current
logo
Maxim Integrated Produc...
MAX20079EVKIT MAXIM-MAX20079EVKIT Datasheet
1Mb / 10P
   Delivers Up to 3.5A Output Current
Rev 0; 10/18
logo
Emerson Network Power
ALQ25 EMERSON-NETWORKPOWER-ALQ25 Datasheet
104Kb / 2P
   Delivers up to 25 A output current
logo
SynQor Worldwide Headqu...
PQ50180HTB10 SYNQOR-PQ50180HTB10 Datasheet
1Mb / 14P
   Delivers up to 180W of output power with minimal derating
PQ60015SMX25 SYNQOR-PQ60015SMX25 Datasheet
935Kb / 15P
   Delivers up to 37W of output power with minimal derating
logo
Emerson Network Power
ALQ12 EMERSON-NETWORKPOWER-ALQ12 Datasheet
103Kb / 2P
   Delivers up to 12 A output current (6.3 A for the 8 Vo)
logo
DENSEI-LAMBDA
SR60 LAMBDA-SR60 Datasheet
374Kb / 4P
   Single output 20W ~ 660W?
logo
Bel Fuse Inc.
YS05S16 BEL-YS05S16 Datasheet
722Kb / 21P
   Delivers up to 16 A (58 W)
YS05S10 BEL-YS05S10 Datasheet
713Kb / 20P
   Delivers up to 10 A (36 W)
YNV12T16 BEL-YNV12T16 Datasheet
881Kb / 21P
   Delivers up to 16 A (88 W)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com