Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PQ50120HZB55 Datasheet(PDF) 5 Page - SynQor Worldwide Headquarters

Part # PQ50120HZB55
Description  Delivers up to 55A of output current (660W)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ50120HZB55 Datasheet(HTML) 5 Page - SynQor Worldwide Headquarters

  PQ50120HZB55 Datasheet HTML 1Page - SynQor Worldwide Headquarters PQ50120HZB55 Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ50120HZB55 Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ50120HZB55 Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ50120HZB55 Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ50120HZB55 Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ50120HZB55 Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ50120HZB55 Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ50120HZB55 Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Technical Specification
Product # PQ50120HZx55
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005483 Rev. 1
03/31/10
Page 5
Input:44-52V
Output:12V
Current:55A
Part No.:PQ50120HZB55
Standards and Qualifications
Parameter
Notes & Conditions
STANDARDS COMPLIANCE
UL 60950-1:2003
Basic Insulation
CAN/CSA-C22.2 No. 60950-1:2003
EN60950-1:2001
IEC 61000-4-2
ESD test, 8 kV - NP, 15 kV air - NP (Normal Performance)
Note: An external input fuse must always be used to meet these safety requirements. Contact SynQor for official safety certificates on new
releases or download from the SynQor website.
Parameter
# Units Test Conditions
QUALIFICATION TESTING
Life Test
32
95% rated Vin and load, units at derating point, 1000 hours
Vibration
5
10-55 Hz sweep, 0.060" total excursion, 1 min./sweep, 120 sweeps for 3 axis
Mechanical Shock
5
100g minimum, 2 drops in x and y axis, 1 drop in z axis
Temperature Cycling
10
-40 °C to 100 °C, unit temp. ramp 15 °C/min., 500 cycles
Power/Thermal Cycling
5
Toperating = min to max, Vin = min to max, full load, 100 cycles
Design Marginality
5
Tmin-10 °C to Tmax+10 °C, 5 °C steps, Vin = min to max, 0-105% load
Humidity
5
85 °C, 85% RH, 1000 hours, continuous Vin applied except 5 min/day
Solderability
15 pins
MIL-STD-883, method 2003


Similar Part No. - PQ50120HZB55

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ50180HTB10 SYNQOR-PQ50180HTB10 Datasheet
1Mb / 14P
   Delivers up to 180W of output power with minimal derating
PQ50180HTB10NNS SYNQOR-PQ50180HTB10NNS Datasheet
1Mb / 14P
   Delivers up to 180W of output power with minimal derating
More results

Similar Description - PQ50120HZB55

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
AVE360-48S12 EMERSON-NETWORKPOWER-AVE360-48S12 Datasheet
552Kb / 19P
   Delivers up to 30A output current
logo
Maxim Integrated Produc...
MAX20079EVKIT MAXIM-MAX20079EVKIT Datasheet
1Mb / 10P
   Delivers Up to 3.5A Output Current
Rev 0; 10/18
logo
Emerson Network Power
ALQ25 EMERSON-NETWORKPOWER-ALQ25 Datasheet
104Kb / 2P
   Delivers up to 25 A output current
logo
SynQor Worldwide Headqu...
PQ50180HTB10 SYNQOR-PQ50180HTB10 Datasheet
1Mb / 14P
   Delivers up to 180W of output power with minimal derating
PQ60015SMX25 SYNQOR-PQ60015SMX25 Datasheet
935Kb / 15P
   Delivers up to 37W of output power with minimal derating
logo
Emerson Network Power
ALQ12 EMERSON-NETWORKPOWER-ALQ12 Datasheet
103Kb / 2P
   Delivers up to 12 A output current (6.3 A for the 8 Vo)
logo
DENSEI-LAMBDA
SR60 LAMBDA-SR60 Datasheet
374Kb / 4P
   Single output 20W ~ 660W?
logo
Bel Fuse Inc.
YS05S16 BEL-YS05S16 Datasheet
722Kb / 21P
   Delivers up to 16 A (58 W)
YS05S10 BEL-YS05S10 Datasheet
713Kb / 20P
   Delivers up to 10 A (36 W)
YNV12T16 BEL-YNV12T16 Datasheet
881Kb / 21P
   Delivers up to 16 A (88 W)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com