Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS85-102A-P2GF Datasheet(PDF) 1 Page - Copal Electronics

Part # PS85-102A-P2GF
Description  PRESSURE SWITCHES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PS85-102A-P2GF Datasheet(HTML) 1 Page - Copal Electronics

  PS85-102A-P2GF Datasheet HTML 1Page - Copal Electronics PS85-102A-P2GF Datasheet HTML 2Page - Copal Electronics PS85-102A-P2GF Datasheet HTML 3Page - Copal Electronics PS85-102A-P2GF Datasheet HTML 4Page - Copal Electronics PS85-102A-P2GF Datasheet HTML 5Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
2
3
4
Part name
Material
Plastic cover
Housing
Stainless steel diaphragm
Fitting
4
1
2
3
SUS 316L
ABS (Acrylonitrle butadiene styrene)
+ PC (Polycarbonate)
SUS 316L
INTERNAL STRUCTURE (R 1/4)
O High corrosion resistance and drip-proof construction
Pressure port attachment made of SUS 316L
Proven IP-65 grade gauge body (IP-65 in accordance
with IEC)
O Standard product provides two switch outputs
O Absolute pressure type and compound pressure type
which can control negative to positive pressure with only
a single pressure gauge are all in line
O 3 standard types of joint are provided
R2: R 1/4 with M 5 female screw
GF: G 3/8 with flash diaphragm
G2: G 1/4 with M 5 female screw
FEATURES
MODEL NUMBER DESIGNATION
PRESSURE SWITCHES
PS85
※Please refer to the LIST OF MODEL NUMBERS when placing orders.
PS85 - 102 R - N1 R2
Series name
Pressure reference
Rated pressure range
R
:Compound
A
:Absolute
102
− 100 ~ 100 kPa
352
− 100 ~ 350 kPa
103
− 100 ~ 1000 kPa
102
:0 ~ 100 kPa abs
Fitting
R2
:R 1/4 with M 5 female screw
GF
:G 3/8 with flash diaphragm
G2
:G 1/4 with M 5 female screw
Switch output interface
N1
:NPN open collector (Upper and upper limit mode)
N2
:NPN open collector (Upper and lower limit mode)
P1
:PNP open collector (Upper and upper limit mode)
P2
:PNP open collector (Upper and lower limit mode)


Similar Part No. - PS85-102A-P2GF

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS8501 CEL-PS8501 Datasheet
942Kb / 16P
   HIGH SPEED ANALOG OUTPUT TYPE 8 mm CREEPAGE 8-PIN PHOTOCOUPLER
logo
Renesas Technology Corp
PS8501 RENESAS-PS8501 Datasheet
293Kb / 18P
   HIGH SPEED ANALOG OUTPUT TYPE 8 mm CREEPAGE 8-PIN PHOTOCOUPLER
logo
California Eastern Labs
PS8501-AX CEL-PS8501-AX Datasheet
942Kb / 16P
   HIGH SPEED ANALOG OUTPUT TYPE 8 mm CREEPAGE 8-PIN PHOTOCOUPLER
PS8501-V CEL-PS8501-V Datasheet
942Kb / 16P
   HIGH SPEED ANALOG OUTPUT TYPE 8 mm CREEPAGE 8-PIN PHOTOCOUPLER
logo
Renesas Technology Corp
PS8501-V RENESAS-PS8501-V Datasheet
293Kb / 18P
   HIGH SPEED ANALOG OUTPUT TYPE 8 mm CREEPAGE 8-PIN PHOTOCOUPLER
More results

Similar Description - PS85-102A-P2GF

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PS40 COPAL-PS40_16 Datasheet
90Kb / 4P
   PRESSURE SWITCHES
PS8 COPAL-PS8_16 Datasheet
72Kb / 3P
   PRESSURE SWITCHES
PS83 COPAL-PS83_16 Datasheet
207Kb / 4P
   PRESSURE SWITCHES
PS91 COPAL-PS91_16 Datasheet
739Kb / 3P
   PRESSURE SWITCHES
PS86 COPAL-PS86 Datasheet
101Kb / 5P
   PRESSURE SWITCHES
PS20 COPAL-PS20_16 Datasheet
708Kb / 3P
   PRESSURE SWITCHES
PS83 COPAL-PS83 Datasheet
87Kb / 4P
   PRESSURE SWITCHES
logo
Systemsensor advanced i...
EPS120-1 SYSTEMSENSOR-EPS120-1 Datasheet
160Kb / 2P
   Supervisory Pressure Switches
logo
List of Unclassifed Man...
6819-01 ETC2-6819-01 Datasheet
848Kb / 20P
   Pressure & Vacuum Switches
PSW-200 ETC-PSW-200 Datasheet
273Kb / 2P
   INDUSTRIAL PRESSURE SWitCHes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com