Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PQ50090QGB11NNS Datasheet(PDF) 2 Page - SynQor Worldwide Headquarters

Part No. PQ50090QGB11NNS
Description  Input under-voltage lockout disables converter at low input voltage
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ50090QGB11NNS Datasheet(HTML) 2 Page - SynQor Worldwide Headquarters

  PQ50090QGB11NNS Datasheet HTML 1Page - SynQor Worldwide Headquarters PQ50090QGB11NNS Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ50090QGB11NNS Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ50090QGB11NNS Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ50090QGB11NNS Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ50090QGB11NNS Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ50090QGB11NNS Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ50090QGB11NNS Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ50090QGB11NNS Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Technical Specification
Product # PQ50090QGB11
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005485 Rev. A
03/29/10
Page 2
Input:48V
Output:9.0V
Current:11A
Part No.:PQ50090QGB11
MECHANICAL DIAGRAM (base-plated)
MECHANICAL DIAGRAM (base-plated)
NOTES
1)
M3 screws used to bolt unit’s baseplate to other surfaces (such as a
heatsink) must not exceed 0.100" (2.54 mm) depth below the surface
of the baseplate.
2)
Applied torque per screw should not exceed 6in-lb. (0.7 Nm).
3)
Baseplate flatness tolerance is 0.004" (.10mm) TIR for surface.
4)
Pins 1-3, 5-7 are 0.040” (1.02mm) diameter, with 0.080” (2.03mm)
diameter standoff shoulders.
5)
Pins 4 and 8 are 0.062” (1.57 mm) diameter with 0.100" (2.54 mm)
diameter standoff shoulders.
6)
Other Pin extension lengths available
7)
All Pins: Material - Copper Alloy
- Finish (RoHS 6/6) - Matte Tin over Nickel plate
8)
Undimensioned components are shown for visual reference only.
9)
Weight: 2.1oz (58g) typical
10) All dimensions in inches (mm)
Tolerances: x.xx +/-0.02 in. (x.x +/-0.5mm)
x.xxx +/-0.010 in. (x.xx +/-0.25mm)
PIN DESIGNATIONS
Pin
Name
Function
1
Vin(+)
Positive input voltage
2
ON/OFF
TTL input to turn converter on and off,
referenced to Vin(–), with internal pull up.
3
Vin(–)
Negative input voltage
4
Vout(–)
Negative output voltage
5
SENSE(–)
Negative remote sense; see note 1
6
TRIM
Output voltage trim; see note 2
7
SENSE(+)
Positive remote sense; see note 3
8
Vout(+)
Positive output voltage
Notes:
1) Pin 5 must be connected to Vout(-).
2) Leave Pin 6 open for nominal output voltage.
3) Pin 7 must be connected to Vout(+).


Similar Part No. - PQ50090QGB11NNS

ManufacturerPart No.DatasheetDescription
SynQor Worldwide Headquarters
SynQor Worldwide Headqu...
PQ50050HPB50 SYNQOR-PQ50050HPB50 Datasheet
1Mb / 14P
   Output voltage trim permits custom voltages and voltage margining
PQ50050HPB50NNS SYNQOR-PQ50050HPB50NNS Datasheet
1Mb / 14P
   Output voltage trim permits custom voltages and voltage margining
PQ50073HZB60 SYNQOR-PQ50073HZB60 Datasheet
2Mb / 12P
   Active back bias limit
PQ50073HZB60NNS-G SYNQOR-PQ50073HZB60NNS-G Datasheet
2Mb / 12P
   Active back bias limit
More results

Similar Description - PQ50090QGB11NNS

ManufacturerPart No.DatasheetDescription
SynQor Worldwide Headquarters
SynQor Worldwide Headqu...
PQ60012EGL20 SYNQOR-PQ60012EGL20 Datasheet
5Mb / 13P
   Input under-voltage lockout disables converter at low
PQ60012EGL25 SYNQOR-PQ60012EGL25 Datasheet
4Mb / 13P
   Input under-voltage lockout disables converter at low input voltage conditions
PQ60012SMX25 SYNQOR-PQ60012SMX25 Datasheet
930Kb / 15P
   Input under-voltage lockout
Emerson Network Power
Emerson Network Power
AVQ100-36S3V3 EMERSON-NETWORKPOWER-AVQ100-36S3V3 Datasheet
227Kb / 15P
   Input under voltage lockout
Bel Fuse Inc.
Bel Fuse Inc.
0RQB-50Y15X BEL-0RQB-50Y15X Datasheet
1Mb / 25P
   Input Under-Voltage Lockout
0RQB-70N54 BEL-0RQB-70N54 Datasheet
468Kb / 13P
   Input Under-Voltage Lockout
SynQor Worldwide Headquarters
SynQor Worldwide Headqu...
SQ60060QPX55 SYNQOR-SQ60060QPX55 Datasheet
2Mb / 15P
   Input under-voltage lockout
Bel Fuse Inc.
Bel Fuse Inc.
0RQB-60Q05X BEL-0RQB-60Q05X Datasheet
863Kb / 20P
   Input Under Voltage Lockout
0RQB-X0S10 BEL-0RQB-X0S10 Datasheet
980Kb / 26P
   Input Under-Voltage Lockout
0RQP-H5T12 BEL-0RQP-H5T12 Datasheet
1Mb / 28P
   Input Under-Voltage Lockout
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz