Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PQ50090QGB11NNS Datasheet(PDF) 12 Page - SynQor Worldwide Headquarters

Part No. PQ50090QGB11NNS
Description  Input under-voltage lockout disables converter at low input voltage
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ50090QGB11NNS Datasheet(HTML) 12 Page - SynQor Worldwide Headquarters

Back Button PQ50090QGB11NNS Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ50090QGB11NNS Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ50090QGB11NNS Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ50090QGB11NNS Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ50090QGB11NNS Datasheet HTML 9Page - SynQor Worldwide Headquarters PQ50090QGB11NNS Datasheet HTML 10Page - SynQor Worldwide Headquarters PQ50090QGB11NNS Datasheet HTML 11Page - SynQor Worldwide Headquarters PQ50090QGB11NNS Datasheet HTML 12Page - SynQor Worldwide Headquarters PQ50090QGB11NNS Datasheet HTML 13Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Technical Specification
Product # PQ50090QGB11
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005485 Rev. A
03/29/10
Page 12
Input:48V
Output:9.0V
Current:11A
Part No.:PQ50090QGB11
Startup Inhibit Period: The Startup Inhibit Period ensures that
the converter will remain off for approximately 200ms when it is
shut down for any reason. When an output short is present, this
generates a 5Hz “hiccup mode,” which prevents the converter
from overheating. In all, there are seven ways that the converter
can be shut down, initiating a Startup Inhibit Period:
• Input Under-Voltage Lockout
• Input Over-Voltage Shutdown (not present in Quarter-brick)
• Output Over-Voltage Protection
• Over Temperature Shutdown
• Current Limit
• Short Circuit Protection
• Turned off by the ON/OFF input
Figure F shows three turn-on scenarios, where a Startup Inhibit
Period is initiated at t0, t1, and t2:
Before time t0, when the input voltage is below the UVL threshold,
the unit is disabled by the Input Under-Voltage Lockout feature.
When the input voltage rises above the UVL threshold, the Input
Under-Voltage Lockout is released, and a Startup Inhibit Period is
initiated. At the end of this delay, the ON/OFF pin is evaluated,
and since it is active, the unit turns on.
At time t1, the unit is disabled by the ON/OFF pin, and it cannot
be enabled again until the Startup Inhibit Period has elapsed.
When the ON/OFF pin goes high after t2, the Startup Inhibit
Period has elapsed, and the output turns on within the typical
Turn-On Time.
Figure F: Startup Inhibit Period (turn-on time not to scale)
Under-Voltage
Lockout Turn-
On Threshold
ON/OFF
(neg logic)
Vout
Vin
200ms
200ms
200ms
(typical start-up
inhibit period)
t0
t1
t2
t
8ms (typical
turn on time)
ON
ON
ON
OFF
OFF


Similar Part No. - PQ50090QGB11NNS

ManufacturerPart No.DatasheetDescription
SynQor Worldwide Headquarters
SynQor Worldwide Headqu...
PQ50050HPB50 SYNQOR-PQ50050HPB50 Datasheet
1Mb / 14P
   Output voltage trim permits custom voltages and voltage margining
PQ50050HPB50NNS SYNQOR-PQ50050HPB50NNS Datasheet
1Mb / 14P
   Output voltage trim permits custom voltages and voltage margining
PQ50073HZB60 SYNQOR-PQ50073HZB60 Datasheet
2Mb / 12P
   Active back bias limit
PQ50073HZB60NNS-G SYNQOR-PQ50073HZB60NNS-G Datasheet
2Mb / 12P
   Active back bias limit
More results

Similar Description - PQ50090QGB11NNS

ManufacturerPart No.DatasheetDescription
SynQor Worldwide Headquarters
SynQor Worldwide Headqu...
PQ60012EGL20 SYNQOR-PQ60012EGL20 Datasheet
5Mb / 13P
   Input under-voltage lockout disables converter at low
PQ60012EGL25 SYNQOR-PQ60012EGL25 Datasheet
4Mb / 13P
   Input under-voltage lockout disables converter at low input voltage conditions
PQ60012SMX25 SYNQOR-PQ60012SMX25 Datasheet
930Kb / 15P
   Input under-voltage lockout
Emerson Network Power
Emerson Network Power
AVQ100-36S3V3 EMERSON-NETWORKPOWER-AVQ100-36S3V3 Datasheet
227Kb / 15P
   Input under voltage lockout
Bel Fuse Inc.
Bel Fuse Inc.
0RQB-50Y15X BEL-0RQB-50Y15X Datasheet
1Mb / 25P
   Input Under-Voltage Lockout
0RQB-70N54 BEL-0RQB-70N54 Datasheet
468Kb / 13P
   Input Under-Voltage Lockout
SynQor Worldwide Headquarters
SynQor Worldwide Headqu...
SQ60060QPX55 SYNQOR-SQ60060QPX55 Datasheet
2Mb / 15P
   Input under-voltage lockout
Bel Fuse Inc.
Bel Fuse Inc.
0RQB-60Q05X BEL-0RQB-60Q05X Datasheet
863Kb / 20P
   Input Under Voltage Lockout
0RQB-X0S10 BEL-0RQB-X0S10 Datasheet
980Kb / 26P
   Input Under-Voltage Lockout
0RQP-H5T12 BEL-0RQP-H5T12 Datasheet
1Mb / 28P
   Input Under-Voltage Lockout
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz