Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PQ50090QGB11NNS Datasheet(PDF) 11 Page - SynQor Worldwide Headquarters

Part No. PQ50090QGB11NNS
Description  Input under-voltage lockout disables converter at low input voltage
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ50090QGB11NNS Datasheet(HTML) 11 Page - SynQor Worldwide Headquarters

Back Button PQ50090QGB11NNS Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ50090QGB11NNS Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ50090QGB11NNS Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ50090QGB11NNS Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ50090QGB11NNS Datasheet HTML 9Page - SynQor Worldwide Headquarters PQ50090QGB11NNS Datasheet HTML 10Page - SynQor Worldwide Headquarters PQ50090QGB11NNS Datasheet HTML 11Page - SynQor Worldwide Headquarters PQ50090QGB11NNS Datasheet HTML 12Page - SynQor Worldwide Headquarters PQ50090QGB11NNS Datasheet HTML 13Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Technical Specification
Product # PQ50090QGB11
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005485 Rev. A
03/29/10
Page 11
Input:48V
Output:9.0V
Current:11A
Part No.:PQ50090QGB11
APPLICATION CONSIDERATIONS
Input System Instability: This condition can occur because
any DC/DC converter appears incrementally as a negative
resistance load. A detailed application note titled “Input
System Instability” is available on the SynQor website which
provides an understanding of why this instability arises, and
shows the preferred solution for correcting it.
Application Circuits: Figure D below provides a typical circuit
diagram which details the input filtering and voltage trimming.
Input Filtering and External Capacitance: Figure E below
provides a diagram showing the internal input filter components.
This filter dramatically reduces input terminal ripple current, which
otherwise could exceed the rating of an external electrolytic
input capacitor. The recommended external input capacitance
is specified in the “Input Characteristics” section. More detailed
information is available in the application note titled “EMI
Characteristics” on the SynQor website.
Vin
External
Input
Filter
Trim
Vin(+)
Iload
Cload
L
C
Vout(+)
Rtrim-up
or
Rtrim-down
Vsense(+)
ON/OFF
Vin(_)
Vin(+)
Vin(_)
Vout(_)
Vsense(_)
Electrolytic
Capacitor
47µF
Figure D: Typical application circuit (negative logic unit, permanently enabled).
Figure E: Internal Input Filter Diagram (component values listed on page 3).


Similar Part No. - PQ50090QGB11NNS

ManufacturerPart No.DatasheetDescription
SynQor Worldwide Headquarters
SynQor Worldwide Headqu...
PQ50050HPB50 SYNQOR-PQ50050HPB50 Datasheet
1Mb / 14P
   Output voltage trim permits custom voltages and voltage margining
PQ50050HPB50NNS SYNQOR-PQ50050HPB50NNS Datasheet
1Mb / 14P
   Output voltage trim permits custom voltages and voltage margining
PQ50073HZB60 SYNQOR-PQ50073HZB60 Datasheet
2Mb / 12P
   Active back bias limit
PQ50073HZB60NNS-G SYNQOR-PQ50073HZB60NNS-G Datasheet
2Mb / 12P
   Active back bias limit
More results

Similar Description - PQ50090QGB11NNS

ManufacturerPart No.DatasheetDescription
SynQor Worldwide Headquarters
SynQor Worldwide Headqu...
PQ60012EGL20 SYNQOR-PQ60012EGL20 Datasheet
5Mb / 13P
   Input under-voltage lockout disables converter at low
PQ60012EGL25 SYNQOR-PQ60012EGL25 Datasheet
4Mb / 13P
   Input under-voltage lockout disables converter at low input voltage conditions
PQ60012SMX25 SYNQOR-PQ60012SMX25 Datasheet
930Kb / 15P
   Input under-voltage lockout
Emerson Network Power
Emerson Network Power
AVQ100-36S3V3 EMERSON-NETWORKPOWER-AVQ100-36S3V3 Datasheet
227Kb / 15P
   Input under voltage lockout
Bel Fuse Inc.
Bel Fuse Inc.
0RQB-50Y15X BEL-0RQB-50Y15X Datasheet
1Mb / 25P
   Input Under-Voltage Lockout
0RQB-70N54 BEL-0RQB-70N54 Datasheet
468Kb / 13P
   Input Under-Voltage Lockout
SynQor Worldwide Headquarters
SynQor Worldwide Headqu...
SQ60060QPX55 SYNQOR-SQ60060QPX55 Datasheet
2Mb / 15P
   Input under-voltage lockout
Bel Fuse Inc.
Bel Fuse Inc.
0RQB-60Q05X BEL-0RQB-60Q05X Datasheet
863Kb / 20P
   Input Under Voltage Lockout
0RQB-X0S10 BEL-0RQB-X0S10 Datasheet
980Kb / 26P
   Input Under-Voltage Lockout
0RQP-H5T12 BEL-0RQP-H5T12 Datasheet
1Mb / 28P
   Input Under-Voltage Lockout
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz