Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PQ50090QGB11NNS Datasheet(PDF) 5 Page - SynQor Worldwide Headquarters

Part No. PQ50090QGB11NNS
Description  Input under-voltage lockout disables converter at low input voltage
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ50090QGB11NNS Datasheet(HTML) 5 Page - SynQor Worldwide Headquarters

  PQ50090QGB11NNS Datasheet HTML 1Page - SynQor Worldwide Headquarters PQ50090QGB11NNS Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ50090QGB11NNS Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ50090QGB11NNS Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ50090QGB11NNS Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ50090QGB11NNS Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ50090QGB11NNS Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ50090QGB11NNS Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ50090QGB11NNS Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Technical Specification
Product # PQ50090QGB11
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005485 Rev. A
03/29/10
Page 5
Input:48V
Output:9.0V
Current:11A
Part No.:PQ50090QGB11
PQ50 Standards and Qualifications
Parameter
Notes & Conditions
STANDARDS COMPLIANCE
Pending
UL 60950-1:2003
Basic Insulation
CAN/CSA-C22.2 No. 60950-1:2003
EN60950-1:2001
Needle Flame Test (IEC 695-2-2)
Test on entire assembly; board & plastic components UL94V-0 compliant
IEC 61000-4-2
ESD test, 8 kV - NP, 15 kV air - NP (Normal Performance)
Note: An external input fuse must always be used to meet these safety requirements. Contact SynQor for official safety certificates on new releases or
download from the SynQor website.
Parameter
# Units Test Conditions
QUALIFICATION TESTING
Life Test
32
95% rated Vin and load, units at derating point, 1000 hours
Vibration
5
10-55 Hz sweep, 0.060” total excursion, 1 min./sweep, 120 sweeps for 3 axis
Mechanical Shock
5
100g minimum, 2 drops in x and y axis, 1 drop in z axis
Temperature Cycling
10
-40 °C to 100 °C, unit temp. ramp 15 °C/min., 500 cycles
Power/Thermal Cycling
5
Toperating = min to max, Vin = min to max, full load, 100 cycles
Design Marginality
5
Tmin-10 °C to Tmax+10 °C, 5 °C steps, Vin = min to max, 0-105% load
Humidity
5
85 °C, 85% RH, 1000 hours, continuous Vin applied except 5 min/day
Solderability
15 pins
MIL-STD-883, method 2003


Similar Part No. - PQ50090QGB11NNS

ManufacturerPart No.DatasheetDescription
SynQor Worldwide Headquarters
SynQor Worldwide Headqu...
PQ50050HPB50 SYNQOR-PQ50050HPB50 Datasheet
1Mb / 14P
   Output voltage trim permits custom voltages and voltage margining
PQ50050HPB50NNS SYNQOR-PQ50050HPB50NNS Datasheet
1Mb / 14P
   Output voltage trim permits custom voltages and voltage margining
PQ50073HZB60 SYNQOR-PQ50073HZB60 Datasheet
2Mb / 12P
   Active back bias limit
PQ50073HZB60NNS-G SYNQOR-PQ50073HZB60NNS-G Datasheet
2Mb / 12P
   Active back bias limit
More results

Similar Description - PQ50090QGB11NNS

ManufacturerPart No.DatasheetDescription
SynQor Worldwide Headquarters
SynQor Worldwide Headqu...
PQ60012EGL20 SYNQOR-PQ60012EGL20 Datasheet
5Mb / 13P
   Input under-voltage lockout disables converter at low
PQ60012EGL25 SYNQOR-PQ60012EGL25 Datasheet
4Mb / 13P
   Input under-voltage lockout disables converter at low input voltage conditions
PQ60012SMX25 SYNQOR-PQ60012SMX25 Datasheet
930Kb / 15P
   Input under-voltage lockout
Emerson Network Power
Emerson Network Power
AVQ100-36S3V3 EMERSON-NETWORKPOWER-AVQ100-36S3V3 Datasheet
227Kb / 15P
   Input under voltage lockout
Bel Fuse Inc.
Bel Fuse Inc.
0RQB-50Y15X BEL-0RQB-50Y15X Datasheet
1Mb / 25P
   Input Under-Voltage Lockout
0RQB-70N54 BEL-0RQB-70N54 Datasheet
468Kb / 13P
   Input Under-Voltage Lockout
SynQor Worldwide Headquarters
SynQor Worldwide Headqu...
SQ60060QPX55 SYNQOR-SQ60060QPX55 Datasheet
2Mb / 15P
   Input under-voltage lockout
Bel Fuse Inc.
Bel Fuse Inc.
0RQB-60Q05X BEL-0RQB-60Q05X Datasheet
863Kb / 20P
   Input Under Voltage Lockout
0RQB-X0S10 BEL-0RQB-X0S10 Datasheet
980Kb / 26P
   Input Under-Voltage Lockout
0RQP-H5T12 BEL-0RQP-H5T12 Datasheet
1Mb / 28P
   Input Under-Voltage Lockout
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz