Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PQ50090QGB11 Datasheet(PDF) 8 Page - SynQor Worldwide Headquarters

Part No. PQ50090QGB11
Description  Input under-voltage lockout disables converter at low input voltage
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ50090QGB11 Datasheet(HTML) 8 Page - SynQor Worldwide Headquarters

Back Button PQ50090QGB11 Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ50090QGB11 Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ50090QGB11 Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ50090QGB11 Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ50090QGB11 Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ50090QGB11 Datasheet HTML 9Page - SynQor Worldwide Headquarters PQ50090QGB11 Datasheet HTML 10Page - SynQor Worldwide Headquarters PQ50090QGB11 Datasheet HTML 11Page - SynQor Worldwide Headquarters PQ50090QGB11 Datasheet HTML 12Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Technical Specification
Product # PQ50090QGB11
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005485 Rev. A
03/29/10
Page 8
Input:48V
Output:9.0V
Current:11A
Part No.:PQ50090QGB11
4
5
6
7
8
9
10
0
2
4
6
8
10
12
14
16
Load Current (A)
44Vin
48Vin
52Vin
48 Vin
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
100
1,000
10,000
100,000
Hz
48 Vin
48 Vin
0.0001
0.001
0.01
0.1
1
10
100
1,000
10,000
100,000
Hz
48 Vin
48 Vin
0.1
1
10
100
10
100
1,000
10,000
100,000
Hz
48 Vin
48 Vin
-55
-45
-35
-25
-15
-5
5
10
100
1,000
10,000
100,000
Hz
48 Vin
Figure 13: Load current (5A/div; 100μs/div) as a function of time when the
converter attempts to turn on into a 1mOhm short circuit.
Figure 14: Output voltage versus load current showing typical current limit
curves.
Figure 15: Magnitude of incremental output impedance
(Zout = Vout/Iout) for nominal input voltage at full rated power.
Figure 16: Magnitude of incremental forward transmission
(FT = Vout/Vin) for nominal input voltage at full rated power.
Figure 17: Magnitude of incremental reverse transmission
(RT = Iin/Iout) for nominal input voltage at full load
Figure 18: Magnitude of incremental input impedance
(Zint = Vin/Iin) for nominal input voltage at full load


Similar Part No. - PQ50090QGB11

ManufacturerPart No.DatasheetDescription
SynQor Worldwide Headquarters
SynQor Worldwide Headqu...
PQ50050HPB50 SYNQOR-PQ50050HPB50 Datasheet
1Mb / 14P
   Output voltage trim permits custom voltages and voltage margining
PQ50050HPB50NNS SYNQOR-PQ50050HPB50NNS Datasheet
1Mb / 14P
   Output voltage trim permits custom voltages and voltage margining
PQ50073HZB60 SYNQOR-PQ50073HZB60 Datasheet
2Mb / 12P
   Active back bias limit
PQ50073HZB60NNS-G SYNQOR-PQ50073HZB60NNS-G Datasheet
2Mb / 12P
   Active back bias limit
More results

Similar Description - PQ50090QGB11

ManufacturerPart No.DatasheetDescription
SynQor Worldwide Headquarters
SynQor Worldwide Headqu...
PQ60012EGL20 SYNQOR-PQ60012EGL20 Datasheet
5Mb / 13P
   Input under-voltage lockout disables converter at low
PQ60012EGL25 SYNQOR-PQ60012EGL25 Datasheet
4Mb / 13P
   Input under-voltage lockout disables converter at low input voltage conditions
PQ60012SMX25 SYNQOR-PQ60012SMX25 Datasheet
930Kb / 15P
   Input under-voltage lockout
Emerson Network Power
Emerson Network Power
AVQ100-36S3V3 EMERSON-NETWORKPOWER-AVQ100-36S3V3 Datasheet
227Kb / 15P
   Input under voltage lockout
Bel Fuse Inc.
Bel Fuse Inc.
0RQB-50Y15X BEL-0RQB-50Y15X Datasheet
1Mb / 25P
   Input Under-Voltage Lockout
0RQB-70N54 BEL-0RQB-70N54 Datasheet
468Kb / 13P
   Input Under-Voltage Lockout
SynQor Worldwide Headquarters
SynQor Worldwide Headqu...
SQ60060QPX55 SYNQOR-SQ60060QPX55 Datasheet
2Mb / 15P
   Input under-voltage lockout
Bel Fuse Inc.
Bel Fuse Inc.
0RQB-60Q05X BEL-0RQB-60Q05X Datasheet
863Kb / 20P
   Input Under Voltage Lockout
0RQB-X0S10 BEL-0RQB-X0S10 Datasheet
980Kb / 26P
   Input Under-Voltage Lockout
0RQP-H5T12 BEL-0RQP-H5T12 Datasheet
1Mb / 28P
   Input Under-Voltage Lockout
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz