Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PQ50090QGB11 Datasheet(PDF) 6 Page - SynQor Worldwide Headquarters

Part No. PQ50090QGB11
Description  Input under-voltage lockout disables converter at low input voltage
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ50090QGB11 Datasheet(HTML) 6 Page - SynQor Worldwide Headquarters

Back Button PQ50090QGB11 Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ50090QGB11 Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ50090QGB11 Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ50090QGB11 Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ50090QGB11 Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ50090QGB11 Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ50090QGB11 Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ50090QGB11 Datasheet HTML 9Page - SynQor Worldwide Headquarters PQ50090QGB11 Datasheet HTML 10Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Technical Specification
Product # PQ50090QGB11
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005485 Rev. A
03/29/10
Page 6
Input:48V
Output:9.0V
Current:11A
Part No.:PQ50090QGB11
0
2
4
6
8
10
12
25
40
55
70
85
Ambient Air Temperature(°C)
400LFM(2.0m/s)
300LFM(1.5m/s)
200LFM(1.0m/s)
100LFM(0.5 m/S)
Semiconductor junction temperature is
within 1°C of surface temperature
PQ50090QGB11 Datasheet Figures
60
65
70
75
80
85
90
95
100
0
1
2
3
4
5
6
7
8
9
10
11
Load Current (A)
44 Vin
48 Vin
52 Vin
0
2
4
6
8
10
12
14
0
1
2
3
4
5
6
7
8
9
10
11
Load Current (A)
44 Vin
48 Vin
52 Vin
Figure 1: Efficiency at nominal output voltage vs. load current for minimum,
nominal, and maximum input voltage at 25°C.
Figure 2: Power dissipation at nominal output voltage vs. load current for
minimum, nominal, and maximum input voltage at 25°C.
Figure 3: Maximum output power-derating curve vs. ambient air temperature
for airflow rates of 100LFM through 400LFM with air flowing from pin 3 to pin
1 (nominal input voltage).
Figure 4: Thermal plot of converter at 11A load current (99W) with 70°C
baseplate temperature. Air is flowing across the converter from pin 3 to pin 1
(nominal input voltage).
Figure 5: Turn-on transient at full load (resistive load) (4 ms/div).
Ch 1: Vout (2 V/div)
Ch 2: ON/OFF input (5 V/div)
Figure 6: Turn-on transient at zero load (4ms/div).
Ch 1: Vout (2V/div)
Ch 2: ON/OFF input (5V/div)


Similar Part No. - PQ50090QGB11

ManufacturerPart No.DatasheetDescription
SynQor Worldwide Headquarters
SynQor Worldwide Headqu...
PQ50050HPB50 SYNQOR-PQ50050HPB50 Datasheet
1Mb / 14P
   Output voltage trim permits custom voltages and voltage margining
PQ50050HPB50NNS SYNQOR-PQ50050HPB50NNS Datasheet
1Mb / 14P
   Output voltage trim permits custom voltages and voltage margining
PQ50073HZB60 SYNQOR-PQ50073HZB60 Datasheet
2Mb / 12P
   Active back bias limit
PQ50073HZB60NNS-G SYNQOR-PQ50073HZB60NNS-G Datasheet
2Mb / 12P
   Active back bias limit
More results

Similar Description - PQ50090QGB11

ManufacturerPart No.DatasheetDescription
SynQor Worldwide Headquarters
SynQor Worldwide Headqu...
PQ60012EGL20 SYNQOR-PQ60012EGL20 Datasheet
5Mb / 13P
   Input under-voltage lockout disables converter at low
PQ60012EGL25 SYNQOR-PQ60012EGL25 Datasheet
4Mb / 13P
   Input under-voltage lockout disables converter at low input voltage conditions
PQ60012SMX25 SYNQOR-PQ60012SMX25 Datasheet
930Kb / 15P
   Input under-voltage lockout
Emerson Network Power
Emerson Network Power
AVQ100-36S3V3 EMERSON-NETWORKPOWER-AVQ100-36S3V3 Datasheet
227Kb / 15P
   Input under voltage lockout
Bel Fuse Inc.
Bel Fuse Inc.
0RQB-50Y15X BEL-0RQB-50Y15X Datasheet
1Mb / 25P
   Input Under-Voltage Lockout
0RQB-70N54 BEL-0RQB-70N54 Datasheet
468Kb / 13P
   Input Under-Voltage Lockout
SynQor Worldwide Headquarters
SynQor Worldwide Headqu...
SQ60060QPX55 SYNQOR-SQ60060QPX55 Datasheet
2Mb / 15P
   Input under-voltage lockout
Bel Fuse Inc.
Bel Fuse Inc.
0RQB-60Q05X BEL-0RQB-60Q05X Datasheet
863Kb / 20P
   Input Under Voltage Lockout
0RQB-X0S10 BEL-0RQB-X0S10 Datasheet
980Kb / 26P
   Input Under-Voltage Lockout
0RQP-H5T12 BEL-0RQP-H5T12 Datasheet
1Mb / 28P
   Input Under-Voltage Lockout
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz