Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PQ50073HZB60NNS-G Datasheet(PDF) 1 Page - SynQor Worldwide Headquarters

Part No. PQ50073HZB60NNS-G
Description  Active back bias limit
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ50073HZB60NNS-G Datasheet(HTML) 1 Page - SynQor Worldwide Headquarters

  PQ50073HZB60NNS-G Datasheet HTML 1Page - SynQor Worldwide Headquarters PQ50073HZB60NNS-G Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ50073HZB60NNS-G Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ50073HZB60NNS-G Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ50073HZB60NNS-G Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ50073HZB60NNS-G Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ50073HZB60NNS-G Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ50073HZB60NNS-G Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ50073HZB60NNS-G Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Product # PQ50073HZB60
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005484 Rev. B
10/25/12
Page 1
Technical
Specification
PQ50073HZB60
Contents
Operational Features
• High efficiency, 93% at full rated load current
• Delivers 438W of output power with minimal derating
• Operating input voltage range: 44-52Vdc
• Fixed frequency switching provides predictable EMI
Output voltage trim range of -50%, +10%
Protection Features
• Input under-voltage lockout
• Output current limit and short circuit protection
• Active back bias limit
• Output over-voltage protection
• Protection from permanent damage and hazardous conditions
• Thermal shutdown
PQ50073HZB60 Model
Mechanical Features
• Industry standard half brick pin-out configuration
• Standard Size Baseplated:2.40" x 2.30" (60.6 x 63.1mm)
• Total height only 0.495” (12.6mm)
• Baseplated Weight: 4.3oz (123g) typical
• Flanged pins designed to permit surface mount soldering
(avoid wave solder) using FPiP technique
The PQ50073HZB60 PowerQor Zeta Half-Brick
converter is a next-generation, board-mountable,
isolated, fixed switching frequency DC/DC converter.
The Zeta series offers industry leading power density
for standard isolated DC/DC converters with both a
wide input range and a tightly regulated output.
Targeted for use in intermediate bus architectures,
this module supplies an isolated step down voltage
from 44-52V to 7.3V and provides 2,250Vdc isolation,
tolerance of output current transients up to 85A, and
more available power and higher efficiency than most
competitive bus converters. RoHS compliant (see last
page).
Safety Features
• UL 60950-1:2007
• CAN/CSA-C22.2 No. 60950-1:2007
• EN60950-1:A12:2011
Page No.
Electrical Characteristics. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
Standards & Qualifications . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
Technical Figures. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Applications Section. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Ordering Information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Control Features
• On/Off control referenced to input side
44-52V
7.3V
60A
438W
2250V dc
Half-Brick
Input
Output
Current
Max Power
Isolation
DC-DC Converter


Similar Part No. - PQ50073HZB60NNS-G

ManufacturerPart No.DatasheetDescription
SynQor Worldwide Headquarters
SynQor Worldwide Headqu...
PQ50050HPB50 SYNQOR-PQ50050HPB50 Datasheet
1Mb / 14P
   Output voltage trim permits custom voltages and voltage margining
PQ50050HPB50NNS SYNQOR-PQ50050HPB50NNS Datasheet
1Mb / 14P
   Output voltage trim permits custom voltages and voltage margining
PQ50090QGB11 SYNQOR-PQ50090QGB11 Datasheet
1Mb / 13P
   Input under-voltage lockout disables converter at low input voltage
PQ50090QGB11NNS SYNQOR-PQ50090QGB11NNS Datasheet
1Mb / 13P
   Input under-voltage lockout disables converter at low input voltage
More results

Similar Description - PQ50073HZB60NNS-G

ManufacturerPart No.DatasheetDescription
SynQor Worldwide Headquarters
SynQor Worldwide Headqu...
PQ60012EML15 SYNQOR-PQ60012EML15 Datasheet
616Kb / 13P
   Active back bias limit prevents damage to converter from external load induced pre-bias
Analog Devices
Analog Devices
HMC981 AD-HMC981 Datasheet
871Kb / 18P
   ACTIVE BIAS CONTROLLER
Hittite Microwave Corporation
Hittite Microwave Corpo...
HMC981 HITTITE-HMC981 Datasheet
755Kb / 18P
   ACTIVE BIAS CONTROLLER
Analog Devices
Analog Devices
HMC981LP3E AD-HMC981LP3E Datasheet
980Kb / 17P
   ACTIVE BIAS CONTROLLER
Infineon Technologies AG
Infineon Technologies A...
BCR410W INFINEON-BCR410W_07 Datasheet
170Kb / 6P
   Active Bias Controller
2007-05-29
BCR400W INFINEON-BCR400W Datasheet
60Kb / 7P
   Active Bias Controller
Aug-07-2001
BCR410W INFINEON-BCR410W Datasheet
127Kb / 4P
   Active Bias Controller
Dec-21-2001
Analog Devices
Analog Devices
HMC920LP5E AD-HMC920LP5E Datasheet
1Mb / 26P
   ACTIVE BIAS CONTROLLER
Infineon Technologies AG
Infineon Technologies A...
BCR400W INFINEON-BCR400W_07 Datasheet
174Kb / 9P
   Active Bias Controller
2007-05-29
Hittite Microwave Corporation
Hittite Microwave Corpo...
HMC980 HITTITE-HMC980_12 Datasheet
1Mb / 20P
   Active Bias Controller
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz