Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PQ50073HZB60NNS-G Datasheet(PDF) 7 Page - SynQor Worldwide Headquarters

Part No. PQ50073HZB60NNS-G
Description  Active back bias limit
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ50073HZB60NNS-G Datasheet(HTML) 7 Page - SynQor Worldwide Headquarters

Back Button PQ50073HZB60NNS-G Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ50073HZB60NNS-G Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ50073HZB60NNS-G Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ50073HZB60NNS-G Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ50073HZB60NNS-G Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ50073HZB60NNS-G Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ50073HZB60NNS-G Datasheet HTML 9Page - SynQor Worldwide Headquarters PQ50073HZB60NNS-G Datasheet HTML 10Page - SynQor Worldwide Headquarters PQ50073HZB60NNS-G Datasheet HTML 11Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Input:
44-52V
Output:
7.3V
Current:
60A
Package:
Half-Brick
Product # PQ50073HZB60
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005484 Rev. B
10/25/12
Page 7
Input:
44-52V
Output:
7.3V
Current:
60A
Package:
Half-Brick
Figure 7: Output voltage response to step-change in load current (50%-
75%-50% of Iout(max); dI/dt = 0.1A/μs). Load cap: 5000μF, ceramic output
capacitance. Top trace: Vout (200mV/div). Bottom trace: Iout (10A/div).
Figure 8: Output voltage response to step-change in load current (0% - 100%
of Iout(max): dI/dt = 5A/μs). Load cap: 5000μF, electrolytic output capacitance.
Top trace: Vout (200mV/div). Bottom trace: Iout (20A/div).
Figure 9: Test set-up diagram showing measurement points for Input Terminal
Ripple Current (Figure 10), Input Reflected Ripple Current (Figure 11) and
Output Voltage Ripple (Figure 12).
Figure 10: Input Terminal Ripple Current, ic, at full rated output current and
55V input voltage with 4.7μH source impedance and 330μF electrolytic capacitor
(Ch1 500mA/div). (See Figure 9).
Figure 11: Input reflected ripple current, is, through a 4.7 μH source inductor at
55V input voltage and rated load current (20 mA/div). (See Figure 9).
Figure 12: Output voltage ripple at nominal input voltage and rated load current
(200 mV/div). Load capacitance: two 1.0μF ceramic capacitors and 5000μF
electrolytic capacitor. Bandwidth: 20 MHz. (See Figure 9).
Technical Figures


Similar Part No. - PQ50073HZB60NNS-G

ManufacturerPart No.DatasheetDescription
SynQor Worldwide Headquarters
SynQor Worldwide Headqu...
PQ50050HPB50 SYNQOR-PQ50050HPB50 Datasheet
1Mb / 14P
   Output voltage trim permits custom voltages and voltage margining
PQ50050HPB50NNS SYNQOR-PQ50050HPB50NNS Datasheet
1Mb / 14P
   Output voltage trim permits custom voltages and voltage margining
PQ50090QGB11 SYNQOR-PQ50090QGB11 Datasheet
1Mb / 13P
   Input under-voltage lockout disables converter at low input voltage
PQ50090QGB11NNS SYNQOR-PQ50090QGB11NNS Datasheet
1Mb / 13P
   Input under-voltage lockout disables converter at low input voltage
More results

Similar Description - PQ50073HZB60NNS-G

ManufacturerPart No.DatasheetDescription
SynQor Worldwide Headquarters
SynQor Worldwide Headqu...
PQ60012EML15 SYNQOR-PQ60012EML15 Datasheet
616Kb / 13P
   Active back bias limit prevents damage to converter from external load induced pre-bias
Analog Devices
Analog Devices
HMC981 AD-HMC981 Datasheet
871Kb / 18P
   ACTIVE BIAS CONTROLLER
Hittite Microwave Corporation
Hittite Microwave Corpo...
HMC981 HITTITE-HMC981 Datasheet
755Kb / 18P
   ACTIVE BIAS CONTROLLER
Analog Devices
Analog Devices
HMC981LP3E AD-HMC981LP3E Datasheet
980Kb / 17P
   ACTIVE BIAS CONTROLLER
Infineon Technologies AG
Infineon Technologies A...
BCR410W INFINEON-BCR410W_07 Datasheet
170Kb / 6P
   Active Bias Controller
2007-05-29
BCR400W INFINEON-BCR400W Datasheet
60Kb / 7P
   Active Bias Controller
Aug-07-2001
BCR410W INFINEON-BCR410W Datasheet
127Kb / 4P
   Active Bias Controller
Dec-21-2001
Analog Devices
Analog Devices
HMC920LP5E AD-HMC920LP5E Datasheet
1Mb / 26P
   ACTIVE BIAS CONTROLLER
Infineon Technologies AG
Infineon Technologies A...
BCR400W INFINEON-BCR400W_07 Datasheet
174Kb / 9P
   Active Bias Controller
2007-05-29
Hittite Microwave Corporation
Hittite Microwave Corpo...
HMC980 HITTITE-HMC980_12 Datasheet
1Mb / 20P
   Active Bias Controller
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz