Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PQ40150QGw07xyz-G Datasheet(PDF) 9 Page - SynQor Worldwide Headquarters

Part # PQ40150QGw07xyz-G
Description  Output over-voltage protection protects load from damaging voltages
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ40150QGw07xyz-G Datasheet(HTML) 9 Page - SynQor Worldwide Headquarters

Back Button PQ40150QGw07xyz-G Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ40150QGw07xyz-G Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ40150QGw07xyz-G Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ40150QGw07xyz-G Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ40150QGw07xyz-G Datasheet HTML 9Page - SynQor Worldwide Headquarters PQ40150QGw07xyz-G Datasheet HTML 10Page - SynQor Worldwide Headquarters PQ40150QGw07xyz-G Datasheet HTML 11Page - SynQor Worldwide Headquarters PQ40150QGw07xyz-G Datasheet HTML 12Page - SynQor Worldwide Headquarters PQ40150QGw07xyz-G Datasheet HTML 13Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Product # PQ40120QGx08
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2QG128D Rev. C
11/13/12
Page 9
Input:
Output:
Current:
Package:
18-75V
12V
8.33A
Quarter-brick
8
9
10
11
12
13
0
1
2
3
4
5
6
7
8
9
10
11
Load Current (A)
18 Vin
48 Vin
75 Vin
0.001
0.01
0.1
1
10
10
100
1,000
10,000
100,000
Hz
18 Vin
48 Vin
75 Vin
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
100
1,000
10,000
100,000
Hz
18 Vin
48 Vin
75 Vin
Figure 19: Input reflected ripple current, is, through a 10 µH source inductor at
nominal input voltage and rated load current (10 mA/div). See Figure 17.
Figure 20:Output voltage ripple at nominal input voltage and rated load current
(20 mV/div). Load capacitance: 1µF ceramic capacitor and 10µF tantalum
capacitor. Bandwidth: 20 MHz. See Figure 17.
Figure 21: Output voltage vs. load current showing typical current limit curves
and converter shutdown points.
Figure 22: Load current (5A/div) as a function of time when the converter
attempts to turn on into a 10 mW short circuit. Top trace (40ms/div) is an
expansion of the on-time portion of the bottom trace.
Figure 23: Magnitude of incremental output impedance (Zout = vout/iout) for
minimum, nominal, and maximum input voltage at full rated power.
Technical Figures
Figure 24: Magnitude of incremental forward transmission (FT = vout/vin) for
minimum, nominal, and maximum input voltage at full rated power.


Similar Part No. - PQ40150QGw07xyz-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ40150QGw07xyz SYNQOR-PQ40150QGw07xyz Datasheet
2Mb / 16P
   Output over-voltage protection protects load from damaging voltages
More results

Similar Description - PQ40150QGw07xyz-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ40150QGX07 SYNQOR-PQ40150QGX07 Datasheet
2Mb / 16P
   Output over-voltage protection protects load from damaging voltages
logo
AIMTEC
AM6CW-FZ AIMTEC-AM6CW-FZ Datasheet
156Kb / 3P
   Over Load and Over Voltage protection
logo
Shanghai awinic technol...
AW33801 AWINIC-AW33801 Datasheet
951Kb / 20P
   Over-Voltage Protection Load Switch
logo
ON Semiconductor
FPF2280 ONSEMI-FPF2280 Datasheet
655Kb / 7P
   Over-Voltage Protection Load Switch
August-2017 Rev. 2
FPF2281 ONSEMI-FPF2281 Datasheet
284Kb / 7P
   Over-Voltage Protection Load Switch
November-2017,Rev. 2
FPF2290 ONSEMI-FPF2290 Datasheet
528Kb / 8P
   Over-Voltage Protection Load Switch
September-2017, Rev. 2
logo
Will Semiconductor Ltd.
WS3220 WILLSEMI-WS3220 Datasheet
794Kb / 10P
   Over-Voltage Protection Load Switch
logo
Shanghai awinic technol...
AW33201 AWINIC-AW33201 Datasheet
931Kb / 17P
   Over-Voltage Protection Load Switch
logo
Will Semiconductor Ltd.
WS3210 WILLSEMI-WS3210 Datasheet
904Kb / 9P
   Over-Voltage Protection Load Switch
WS3213 WILLSEMI-WS3213 Datasheet
413Kb / 9P
   Over-Voltage Protection Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com