Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PQ50050HPB50 Datasheet(PDF) 3 Page - SynQor Worldwide Headquarters

Part No. PQ50050HPB50
Description  Output voltage trim permits custom voltages and voltage margining
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ50050HPB50 Datasheet(HTML) 3 Page - SynQor Worldwide Headquarters

  PQ50050HPB50 Datasheet HTML 1Page - SynQor Worldwide Headquarters PQ50050HPB50 Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ50050HPB50 Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ50050HPB50 Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ50050HPB50 Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ50050HPB50 Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ50050HPB50 Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ50050HPB50 Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ50050HPB50 Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Product # PQ50050HPB50
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005487 Rev. A
03/18/10
Page 3
Input:
Output:
Current:
Part No.:
PQ50050HPB50 Electrical Characteristics
Ta = 25 °C, airflow rate = 300 LFM, Vin = 48V dc unless otherwise noted; full operating temperature range is -40 °C to +70 °C baseplate temperature
with appropriate power derating. Specifications subject to change without notice.
Parameter
Min.
Typ.
Max. Units Notes & Conditions
Notes & Conditions
ABSOLUTE MAXIMUM RATINGS
Input Voltage
Non-Operating
100
V
Continuous
Operating
52
V
Continuous
Isolation Voltage
Input to Output
2000
V dc
Basic insulation level, Pollution degree 2
Operating Temperature
-40
100
°C
Baseplate temperature
Storage Temperature
-55
125
°C
Voltage at ON/OFF input pin
-2
18
V
INPUT CHARACTERISTICS
Operating Input Voltage Range
44
48
52
V
Input Under-Voltage Lockout
Turn-On Voltage Threshold
31.5
33.3
34.4
V
Turn-Off Voltage Threshold
29.5
31
32.4
V
Lockout Voltage Hysteresis
2.2
2.3
2.4
V
Input Over-Voltage Lockout
Turn-On Voltage Threshold
58.2
59.7
61.3
V
Turn-Off Voltage Threshold
56.6
58.1
59.2
V
Lockout Voltage Hysteresis
1.5
1.6
1.8
V
Maximum Input Current
6.0
A
100% Load, 44 Vin
100% Load, 44 Vin
No-Load Input Current
No-Load Input Current
100
120
mA
Disabled Input Current
2
5
mA
Inrush Current Transient Rating
Inrush Current Transient Rating
0.04
A
Response to Input Transient
350.0
mV
1000V/ms input transient
Input Reflected Ripple Current
Input Reflected Ripple Current
5
mA
RMS thru 10μH inductor; Figs. 11 & 13
RMS thru 10μH inductor; Figs. 11 & 13
Input Terminal Ripple Current
200
mA
RMS: Figs. 11 & 12
RMS: Figs. 11 & 12
Recommended Input Fuse
Recommended Input Fuse
20
A
fast blow external fuse recommended
Input Filter Component Values (C1\L\C2)
1\3\6.4
µF\µH\µF internal values, see Figure E
internal values, see Figure E
Recommended External Input Capacitance
Recommended External Input Capacitance
47
µF
Typical ESR 0.1-0.2 Ω, See Figure 11
Typical ESR 0.1-0.2 Ω, See Figure 11
OUTPUT CHARACTERISTICS
Output Voltage Set Point
Output Voltage Set Point
4.95
5.00
5.05
V
Factory pre-set with Sense(+), Sense(-) open
Output Voltage Regulation
Over Line
±0.05 \ 3
±0.1 \ 5 % \ mV
Over Load
±0.1 \ 5
+0.2 \ 10 % \ mV
Over Temperature
±15
±30
mV
Total Output Voltage Range
4.85
5.15
V
Over sample, line, load, temperature & life
Output Voltage Ripple and Noise
20 MHz bandwidth; Figs. 11 & 14
Peak-to-Peak
30
60
mV
Full load, see Figures 11 & 14
RMS
5
10
mV
Full load, see Figures 11 & 14
Operating Output Current Range
0
50
A
Subject to thermal derating; Fig. 5
Output DC Current-Limit Inception
53.7
57.9
62.1
A
Output voltage 10% Low; Fig. 6
Output DC Current-Limit Shutdown Voltage
3.5
V
Back-Drive Current Limit while Enabled
1.5
2.5
3.8
A
Negative current drawn from output
Back-Drive Current Limit while Disabled
0
20
50
mA
Negative current drawn from output
Maximum Output Capacitance Ceramic
34,000
µF
5Vout at 50A (Resistive Load)
EFFICIENCY
100% Load
92
%
Figures 1-4
50% Load
93
%
Figures 1-4


Similar Part No. - PQ50050HPB50

ManufacturerPart No.DatasheetDescription
SynQor Worldwide Headquarters
SynQor Worldwide Headqu...
PQ50073HZB60 SYNQOR-PQ50073HZB60 Datasheet
2Mb / 12P
   Active back bias limit
PQ50073HZB60NNS-G SYNQOR-PQ50073HZB60NNS-G Datasheet
2Mb / 12P
   Active back bias limit
PQ50090QGB11 SYNQOR-PQ50090QGB11 Datasheet
1Mb / 13P
   Input under-voltage lockout disables converter at low input voltage
PQ50090QGB11NNS SYNQOR-PQ50090QGB11NNS Datasheet
1Mb / 13P
   Input under-voltage lockout disables converter at low input voltage
More results

Similar Description - PQ50050HPB50

ManufacturerPart No.DatasheetDescription
SynQor Worldwide Headquarters
SynQor Worldwide Headqu...
PQ60120EKX04 SYNQOR-PQ60120EKX04 Datasheet
1Mb / 15P
   Output voltage trim permits custom voltages and voltage margining
PQ60015EKX25 SYNQOR-PQ60015EKX25 Datasheet
1Mb / 15P
   Output voltage trim permits custom voltages and voltage margining
Lineage Power Corporation
Lineage Power Corporati...
AN04-005 LINEAGEPOWER-AN04-005 Datasheet
187Kb / 4P
   Margining and Voltage Programming
Delta Electronics, Inc.
Delta Electronics, Inc.
DCS DELTA-DCS Datasheet
1Mb / 20P
   Voltage and resistor-based trim
NC15 DELTA-NC15 Datasheet
1Mb / 14P
   Voltage and resistor-based trim
DNM04SIP10 DELTA-DNM04SIP10 Datasheet
843Kb / 16P
   Voltage and resistor-based trim
DNK12SIP DELTA-DNK12SIP Datasheet
1,008Kb / 15P
   Voltage and resistor-based trim
DNS04SMD06 DELTA-DNS04SMD06 Datasheet
931Kb / 17P
   Voltage and resistor-based trim
DNS10SIP06 DELTA-DNS10SIP06 Datasheet
706Kb / 15P
   Voltage and resistor-based trim
NC06 DELTA-NC06 Datasheet
867Kb / 14P
   Voltage and resistor-based trim
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz