Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PQ50050HPB50 Datasheet(PDF) 14 Page - SynQor Worldwide Headquarters

Part No. PQ50050HPB50
Description  Output voltage trim permits custom voltages and voltage margining
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ50050HPB50 Datasheet(HTML) 14 Page - SynQor Worldwide Headquarters

Back Button PQ50050HPB50 Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ50050HPB50 Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ50050HPB50 Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ50050HPB50 Datasheet HTML 9Page - SynQor Worldwide Headquarters PQ50050HPB50 Datasheet HTML 10Page - SynQor Worldwide Headquarters PQ50050HPB50 Datasheet HTML 11Page - SynQor Worldwide Headquarters PQ50050HPB50 Datasheet HTML 12Page - SynQor Worldwide Headquarters PQ50050HPB50 Datasheet HTML 13Page - SynQor Worldwide Headquarters PQ50050HPB50 Datasheet HTML 14Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
Product # PQ50050HPB50
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005487 Rev. A
03/18/10
Page 14
Input:
Output:
Current:
Part No.:
PART NUMBERING SYSTEM
The part numbering system for SynQor’s dc-dc converters
follows the format shown in the example below.
The first 12 characters comprise the base part number and
the last 3 characters indicate available options. The “-G”
suffix indicates 6/6 RoHS compliance.
Application Notes
A variety of application notes and technical white papers can
be downloaded in pdf format from our website.
RoHS Compliance: The EU led RoHS (Restriction of Hazardous
Substances) Directive bans the use of Lead, Cadmium,
Hexavalent Chromium, Mercury, Polybrominated Biphenyls
(PBB), and Polybrominated Diphenyl Ether (PBDE) in Electrical
and Electronic Equipment. This SynQor product is 6/6 RoHS
compliant.
For more information please refer to SynQor’s
RoHS addendum available at our RoHS Compliance / Lead Free
RoHS Compliance / Lead Free
Initiative web page
Initiative web page or e-mail us at rohs@synqor.com.
ORDERING INFORMATION
The tables below show the valid model numbers and ordering
options for converters in this product family. When ordering
SynQor converters, please ensure that you use the complete
15 character part number consisting of the 12 character base
part number and the additional 3 characters for options.
Add “-G” to the model number for 6/6 RoHS compliance.
w x y z
Not all combinations make valid part numbers, please contact
SynQor for availability. See the Product Summary web page for
more options. Many operational functions of this converter are
programmable. Contact the factory regarding customizing.
Warranty
Warranty
SynQor offers a three (3) year limited warranty. Complete warranty
information is listed on our website or is available upon request from SynQor.
Information furnished by SynQor is believed to be accurate and reliable.
However, no responsibility is assumed by SynQor for its use, nor for any
infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any
patent or patent rights of SynQor.
Product Family
Package Size
Performance Level
Thermal Design
Output Current
6/6 RoHS
Options (see
Ordering Information)
Input Voltage
Output Voltage
Contact SynQor for further information:
Phone:
978-849-0600
Toll Free: 888-567-9596
Fax:
978-849-0602
E-mail:
power@synqor.com
Web:
www.synqor.com
Address: 155 Swanson Road
Boxborough, MA 01719
USA
PQ 50 050 H P B 50 N N S - G
Model Number
Input
Voltage
Output
Voltage
Max Output
Current
PQ50050HPB50NNS
44-52V
5.0V
50A
The following options must be included in place of the
The following options must be included in place of the
Options Description: w x y z
Thermal Design
Enable Logic
Pin Style
Feature Set
B - Baseplated
N - Negative
N - 0.145"
S - Standard
PATENTS
SynQor holds the following U.S. patents, one or more of which
SynQor holds the following U.S. patents, one or more of which
apply to each product listed in this document. Additional patent
apply to each product listed in this document. Additional patent
applications may be pending or filed in the future.
5,999,417 6,222,742 6,545,890 6,577,109 6,594,159
6,731,520 6,894,468 6,896,526 6,927,987 7,050,309
7,072,190 7,085,146 7,119,524 7,269,034 7,272,021
7,272,023 7,558,083 7,564,702


Similar Part No. - PQ50050HPB50

ManufacturerPart No.DatasheetDescription
SynQor Worldwide Headquarters
SynQor Worldwide Headqu...
PQ50073HZB60 SYNQOR-PQ50073HZB60 Datasheet
2Mb / 12P
   Active back bias limit
PQ50073HZB60NNS-G SYNQOR-PQ50073HZB60NNS-G Datasheet
2Mb / 12P
   Active back bias limit
PQ50090QGB11 SYNQOR-PQ50090QGB11 Datasheet
1Mb / 13P
   Input under-voltage lockout disables converter at low input voltage
PQ50090QGB11NNS SYNQOR-PQ50090QGB11NNS Datasheet
1Mb / 13P
   Input under-voltage lockout disables converter at low input voltage
More results

Similar Description - PQ50050HPB50

ManufacturerPart No.DatasheetDescription
SynQor Worldwide Headquarters
SynQor Worldwide Headqu...
PQ60120EKX04 SYNQOR-PQ60120EKX04 Datasheet
1Mb / 15P
   Output voltage trim permits custom voltages and voltage margining
PQ60015EKX25 SYNQOR-PQ60015EKX25 Datasheet
1Mb / 15P
   Output voltage trim permits custom voltages and voltage margining
Lineage Power Corporation
Lineage Power Corporati...
AN04-005 LINEAGEPOWER-AN04-005 Datasheet
187Kb / 4P
   Margining and Voltage Programming
Delta Electronics, Inc.
Delta Electronics, Inc.
DCS DELTA-DCS Datasheet
1Mb / 20P
   Voltage and resistor-based trim
NC15 DELTA-NC15 Datasheet
1Mb / 14P
   Voltage and resistor-based trim
DNM04SIP10 DELTA-DNM04SIP10 Datasheet
843Kb / 16P
   Voltage and resistor-based trim
DNK12SIP DELTA-DNK12SIP Datasheet
1,008Kb / 15P
   Voltage and resistor-based trim
DNS04SMD06 DELTA-DNS04SMD06 Datasheet
931Kb / 17P
   Voltage and resistor-based trim
DNS10SIP06 DELTA-DNS10SIP06 Datasheet
706Kb / 15P
   Voltage and resistor-based trim
NC06 DELTA-NC06 Datasheet
867Kb / 14P
   Voltage and resistor-based trim
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz