Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PQ50050HPB50 Datasheet(PDF) 13 Page - SynQor Worldwide Headquarters

Part No. PQ50050HPB50
Description  Output voltage trim permits custom voltages and voltage margining
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ50050HPB50 Datasheet(HTML) 13 Page - SynQor Worldwide Headquarters

Back Button PQ50050HPB50 Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ50050HPB50 Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ50050HPB50 Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ50050HPB50 Datasheet HTML 9Page - SynQor Worldwide Headquarters PQ50050HPB50 Datasheet HTML 10Page - SynQor Worldwide Headquarters PQ50050HPB50 Datasheet HTML 11Page - SynQor Worldwide Headquarters PQ50050HPB50 Datasheet HTML 12Page - SynQor Worldwide Headquarters PQ50050HPB50 Datasheet HTML 13Page - SynQor Worldwide Headquarters PQ50050HPB50 Datasheet HTML 14Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Product # PQ50050HPB50
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005487 Rev. A
03/18/10
Page 13
Input:
Output:
Current:
Part No.:
Startup Inhibit Period: The Startup Inhibit Period ensures that
the converter will remain off for approximately 200ms when it is
shut down for any reason. When an output short is present, this
generates a 5Hz “hiccup mode,” which prevents the converter from
overheating. In all, there are seven ways that the converter can be
shut down, initiating a Startup Inhibit Period:
• Input Under-Voltage Lockout
• Input Over-Voltage Shutdown (not present in Quarter-brick)
• Output Over-Voltage Protection
• Over Temperature Shutdown
• Current Limit
• Short Circuit Protection
• Turned off by the ON/OFF input
Figure F shows three turn-on scenarios, where a Startup Inhibit
Period is initiated at t0, t1, and t2:
Before time t0, when the input voltage is below the UVL threshold,
the unit is disabled by the Input Under-Voltage Lockout feature.
When the input voltage rises above the UVL threshold, the Input
Under-Voltage Lockout is released, and a Startup Inhibit Period is
initiated. At the end of this delay, the ON/OFF pin is evaluated,
and since it is active, the unit turns on.
At time t1, the unit is disabled by the ON/OFF pin, and it cannot be
enabled again until the Startup Inhibit Period has elapsed.
When the ON/OFF pin goes high after t2, the Startup Inhibit
Period has elapsed, and the output turns on within the typical Turn-
On Time.
Figure F: Startup Inhibit Period (turn-on time not
to scale)
200ms
Under-Voltage
Lockout Turn-On
Threshold
ON/OFF
(Positive
logic)
Vout
Vin
200ms
t0
t1
t2
t
ON
ON
OFF
OFF
25 ms
(typical turn on time)
200ms
(typical turn
start-up inhibit
period time)
ON


Similar Part No. - PQ50050HPB50

ManufacturerPart No.DatasheetDescription
SynQor Worldwide Headquarters
SynQor Worldwide Headqu...
PQ50073HZB60 SYNQOR-PQ50073HZB60 Datasheet
2Mb / 12P
   Active back bias limit
PQ50073HZB60NNS-G SYNQOR-PQ50073HZB60NNS-G Datasheet
2Mb / 12P
   Active back bias limit
PQ50090QGB11 SYNQOR-PQ50090QGB11 Datasheet
1Mb / 13P
   Input under-voltage lockout disables converter at low input voltage
PQ50090QGB11NNS SYNQOR-PQ50090QGB11NNS Datasheet
1Mb / 13P
   Input under-voltage lockout disables converter at low input voltage
More results

Similar Description - PQ50050HPB50

ManufacturerPart No.DatasheetDescription
SynQor Worldwide Headquarters
SynQor Worldwide Headqu...
PQ60120EKX04 SYNQOR-PQ60120EKX04 Datasheet
1Mb / 15P
   Output voltage trim permits custom voltages and voltage margining
PQ60015EKX25 SYNQOR-PQ60015EKX25 Datasheet
1Mb / 15P
   Output voltage trim permits custom voltages and voltage margining
Lineage Power Corporation
Lineage Power Corporati...
AN04-005 LINEAGEPOWER-AN04-005 Datasheet
187Kb / 4P
   Margining and Voltage Programming
Delta Electronics, Inc.
Delta Electronics, Inc.
DCS DELTA-DCS Datasheet
1Mb / 20P
   Voltage and resistor-based trim
NC15 DELTA-NC15 Datasheet
1Mb / 14P
   Voltage and resistor-based trim
DNM04SIP10 DELTA-DNM04SIP10 Datasheet
843Kb / 16P
   Voltage and resistor-based trim
DNK12SIP DELTA-DNK12SIP Datasheet
1,008Kb / 15P
   Voltage and resistor-based trim
DNS04SMD06 DELTA-DNS04SMD06 Datasheet
931Kb / 17P
   Voltage and resistor-based trim
DNS10SIP06 DELTA-DNS10SIP06 Datasheet
706Kb / 15P
   Voltage and resistor-based trim
NC06 DELTA-NC06 Datasheet
867Kb / 14P
   Voltage and resistor-based trim
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz