Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PQ50050HPB50 Datasheet(PDF) 1 Page - SynQor Worldwide Headquarters

Part No. PQ50050HPB50
Description  Output voltage trim permits custom voltages and voltage margining
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ50050HPB50 Datasheet(HTML) 1 Page - SynQor Worldwide Headquarters

  PQ50050HPB50 Datasheet HTML 1Page - SynQor Worldwide Headquarters PQ50050HPB50 Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ50050HPB50 Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ50050HPB50 Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ50050HPB50 Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ50050HPB50 Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ50050HPB50 Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ50050HPB50 Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ50050HPB50 Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Product # PQ50050HPB50
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005487 Rev. A
03/18/10
Page 1
PQ50050HPB50
Protection Features
Mechanical Features
Page No.
Page No.
MECHANICAL DIAGRAM (base-plated)......................... 2
Electrical Characteristics................................... 3
Standards and Qualifications................................ 5
Figures ............................................... 7
Application Section ..................................... 10
Ordering Information .................................... 14
Control Features
Contents
Operational Features
Safety Features
• Industry standard pin-out configuration
• Size: 2.3” x 2.4” (58.4 x 61.0mm)
• Total height only 0.50” (12.7mm)
• Total weight: 4.3oz. (123 grams)
• Ultra-high efficiency, 92% at full rated load
• Delivers up to 250W of output power with minimal derating
• Operating input voltage range: 44-52V
• Fixed frequency switching provides predictable EMI performance
• Input under-voltage lockout disables converter at low input
voltage conditions
• Output current limit and short circuit protection
• Active back bias limit prevents damage to converter from external load
induced pre-bias
• Output over-voltage protection
• Thermal shutdown
• On/Off control referenced to input side
(positive and negative logic options are available)
• Remote sense for the output voltage compensates for output
distribution drops
• Output voltage trim permits custom voltages and voltage margining
• Output voltage trim range of -20%, +10%
The PQ50050HPB50 PowerQor Peta half-
brick converter is a next-generation, board-
mountable, isolated, fixed switching frequency
DC/DC converter that uses synchronous
rectification
to
achieve
extremely
high
conversion efficiency.The Peta series converters
offer industry leading output current for a
standard half-brick module. RoHS compliant (see
last page).
Pending
• 2000V, 30MΩ input-to-output isolation
• UL 60950-1 recognized (US & Canada), basic insulation rating
• TUV certified to EN60950-1
• Meets UL94V-0 flammability requirements


Similar Part No. - PQ50050HPB50

ManufacturerPart No.DatasheetDescription
SynQor Worldwide Headquarters
SynQor Worldwide Headqu...
PQ50073HZB60 SYNQOR-PQ50073HZB60 Datasheet
2Mb / 12P
   Active back bias limit
PQ50073HZB60NNS-G SYNQOR-PQ50073HZB60NNS-G Datasheet
2Mb / 12P
   Active back bias limit
PQ50090QGB11 SYNQOR-PQ50090QGB11 Datasheet
1Mb / 13P
   Input under-voltage lockout disables converter at low input voltage
PQ50090QGB11NNS SYNQOR-PQ50090QGB11NNS Datasheet
1Mb / 13P
   Input under-voltage lockout disables converter at low input voltage
More results

Similar Description - PQ50050HPB50

ManufacturerPart No.DatasheetDescription
SynQor Worldwide Headquarters
SynQor Worldwide Headqu...
PQ60120EKX04 SYNQOR-PQ60120EKX04 Datasheet
1Mb / 15P
   Output voltage trim permits custom voltages and voltage margining
PQ60015EKX25 SYNQOR-PQ60015EKX25 Datasheet
1Mb / 15P
   Output voltage trim permits custom voltages and voltage margining
Lineage Power Corporation
Lineage Power Corporati...
AN04-005 LINEAGEPOWER-AN04-005 Datasheet
187Kb / 4P
   Margining and Voltage Programming
Delta Electronics, Inc.
Delta Electronics, Inc.
DCS DELTA-DCS Datasheet
1Mb / 20P
   Voltage and resistor-based trim
NC15 DELTA-NC15 Datasheet
1Mb / 14P
   Voltage and resistor-based trim
DNM04SIP10 DELTA-DNM04SIP10 Datasheet
843Kb / 16P
   Voltage and resistor-based trim
DNK12SIP DELTA-DNK12SIP Datasheet
1,008Kb / 15P
   Voltage and resistor-based trim
DNS04SMD06 DELTA-DNS04SMD06 Datasheet
931Kb / 17P
   Voltage and resistor-based trim
DNS10SIP06 DELTA-DNS10SIP06 Datasheet
706Kb / 15P
   Voltage and resistor-based trim
NC06 DELTA-NC06 Datasheet
867Kb / 14P
   Voltage and resistor-based trim
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz