Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PQ40120QGw08xyz Datasheet(PDF) 10 Page - SynQor Worldwide Headquarters

Part # PQ40120QGw08xyz
Description  Output over-voltage protection protects load from damaging voltages
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ40120QGw08xyz Datasheet(HTML) 10 Page - SynQor Worldwide Headquarters

Back Button PQ40120QGw08xyz Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ40120QGw08xyz Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ40120QGw08xyz Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ40120QGw08xyz Datasheet HTML 9Page - SynQor Worldwide Headquarters PQ40120QGw08xyz Datasheet HTML 10Page - SynQor Worldwide Headquarters PQ40120QGw08xyz Datasheet HTML 11Page - SynQor Worldwide Headquarters PQ40120QGw08xyz Datasheet HTML 12Page - SynQor Worldwide Headquarters PQ40120QGw08xyz Datasheet HTML 13Page - SynQor Worldwide Headquarters PQ40120QGw08xyz Datasheet HTML 14Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Product # PQ40150QGx07
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2QG157D Rev. C
11/27/12
Page 10
Input:
Output:
Current:
Package:
18-75V
15V
6.25A
Quarter-brick
-90
-85
-80
-75
-70
-65
-60
-55
-50
-45
-40
10
100
1,000
10,000
100,000
1,000,000
Hz
18 Vin
48 Vin
75 Vin
0.1
1
10
100
10
100
1,000
10,000
100,000
Hz
18 Vin
48 Vin
75 Vin
2
3
4
5
6
7
8
9
10
11
12
23.0
22.5
22.0
21.5
21.0
20.5
20.0
19.5
19.0
18.5
18.0
Input Voltage (V)
+80 ºC
+25 ºC
-40 ºC
Figure 25: Magnitude of incremental reverse transmission (RT = iin/iout) for
minimum, nominal, and maximum input voltage at full rated power.
Figure 26: Magnitude of incremental input impedance (Zin = vin/iin) for
minimum, nominal, and maximum input voltage at full rated power.
Figure 27: Achievable trim-up percentage vs. input voltage at +85°C, +25°C
and -40°C (all at full load). Full trim-up percentage is achieved at loads of 50%
or less across full temperature and input voltage range.


Similar Part No. - PQ40120QGw08xyz

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ40120QGw08xyz-G SYNQOR-PQ40120QGw08xyz-G Datasheet
2Mb / 16P
   Output over-voltage protection protects load from damaging voltages
More results

Similar Description - PQ40120QGw08xyz

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ40120QGX08 SYNQOR-PQ40120QGX08 Datasheet
2Mb / 16P
   Output over-voltage protection protects load from damaging voltages
logo
AIMTEC
AM6CW-FZ AIMTEC-AM6CW-FZ Datasheet
156Kb / 3P
   Over Load and Over Voltage protection
logo
Shanghai awinic technol...
AW33801 AWINIC-AW33801 Datasheet
951Kb / 20P
   Over-Voltage Protection Load Switch
logo
ON Semiconductor
FPF2280 ONSEMI-FPF2280 Datasheet
655Kb / 7P
   Over-Voltage Protection Load Switch
August-2017 Rev. 2
FPF2281 ONSEMI-FPF2281 Datasheet
284Kb / 7P
   Over-Voltage Protection Load Switch
November-2017,Rev. 2
FPF2290 ONSEMI-FPF2290 Datasheet
528Kb / 8P
   Over-Voltage Protection Load Switch
September-2017, Rev. 2
logo
Will Semiconductor Ltd.
WS3220 WILLSEMI-WS3220 Datasheet
794Kb / 10P
   Over-Voltage Protection Load Switch
logo
Shanghai awinic technol...
AW33201 AWINIC-AW33201 Datasheet
931Kb / 17P
   Over-Voltage Protection Load Switch
logo
Will Semiconductor Ltd.
WS3210 WILLSEMI-WS3210 Datasheet
904Kb / 9P
   Over-Voltage Protection Load Switch
WS3213 WILLSEMI-WS3213 Datasheet
413Kb / 9P
   Over-Voltage Protection Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com