Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PQ40150QGX07 Datasheet(PDF) 5 Page - SynQor Worldwide Headquarters

Part # PQ40150QGX07
Description  Output over-voltage protection protects load from damaging voltages
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ40150QGX07 Datasheet(HTML) 5 Page - SynQor Worldwide Headquarters

  PQ40150QGX07 Datasheet HTML 1Page - SynQor Worldwide Headquarters PQ40150QGX07 Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ40150QGX07 Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ40150QGX07 Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ40150QGX07 Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ40150QGX07 Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ40150QGX07 Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ40150QGX07 Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ40150QGX07 Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Product # PQ40150QGx07
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2QG157D Rev. C
11/27/12
Page 5
Input:
Output:
Current:
Package:
18-75V
15V
6.25A
Quarter-brick
PQ40150QGx07 Electrical Characteristics (continued)
Ta = 25 °C, airflow rate = 300 LFM, Vin = 48V dc unless otherwise noted; full operating temperature range is -40 °C to +100 °C baseplate temperature
with appropriate power derating. Specifications subject to change without notice.
Parameter
Min.
Typ.
Max.
Units Notes & Conditions
DYNAMIC CHARACTERISTICS
Input Voltage Ripple rejection
45.00
dB
120 Hz; Figure 24
Output Voltage Current Transient
For a Step Change in Output Current (0.1A/μs)
190
mV
50% to 75% to 50% Iout max; Figure 15
For a Step Change in Output Current (4A/μs)
190
mV
50% to 75% to 50% Iout max; Figure 16
Settling Time
700
μs
To within 1% Vout nom
Turn-On Transient
Turn-On Time
4
8
16
ms
Full load, Vout=90% nom.; Figures 13 & 14
Start-Up Inhibit Period
180
200
240
ms
-40°C to +125°C; Figure F
Output Voltage Overshoot
0
%
TEMPERATURE LIMITS FOR POWER DERATING CURVES
Semiconductor Junction Temperature
125
°C
Package rated to 150°C
Board Temperature
125
°C
UL rated max operating temp 130°C
Transformer Temperature
125
°C
Figures 5 - 12 for derating curves
ISOLATION CHARACTERISTICS
Isolation Voltage
2000
V
Isolation Resistance
10
Isolation Capacitance
470
pF
FEATURE CHARACTERISTICS
Switching Frequency
291
315
340
kHz
ON/OFF Control (Option P)
Off-Stage Voltage
-2
0.8
V
On-Stage Voltage
2.4
18
V
ON/OFF Control (Option N)
Off-Stage Voltage
2.4
18
V
On-Stage Voltage
-2
0.8
V
ON/OFF Control (Either Option)
Figures A & B
Pull-up Voltage
Vin/4.25
17.7
V
Pull-up Resistance
33
Across Pins 8 & 4; Figure C; Figure 27
Output Voltage Trim Range
-20
+10
%
Across Pins 8 & 4; Figure 27
Output Over-Voltage Protection
117
122
127
%
Over full temp range; % of nominal Vout
Over-Tempperature Shutdown
125
°C
Average PCB Temperature
Load Current Scale Factor
10
°C
Load Current Scale Factor
1000
See Output Load Current app. note on our web
RELIABILITY CHARACTERISTICS
Calculated MTBF (Telcordia)
2.50
106 Hrs. TR-NWT-000332; 80% load, 300LFM, 40°C Ta
Calculated MTBF (MIL-217)
1.56
106 Hrs. MIL-HDBK-217F; 80% load, 300LFM, 40°C Ta
Field Demonstrated MTBF
106 Hrs. See our website for details
Note 1: For applications requiring reduced output voltage ripple and noise, consult SynQor applications support (e-mail: support@synqor.com)
Note 2: Higher values of isolation capacitance can be added external to the module.
Technical Specifications


Similar Part No. - PQ40150QGX07

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ40150QGA07 SYNQOR-PQ40150QGA07 Datasheet
590Kb / 14P
   Quarter-brick DC/DC Converter
PQ40150QGA07NKS SYNQOR-PQ40150QGA07NKS Datasheet
590Kb / 14P
   Quarter-brick DC/DC Converter
PQ40150QGA07NNS SYNQOR-PQ40150QGA07NNS Datasheet
590Kb / 14P
   Quarter-brick DC/DC Converter
PQ40150QGA07NRS SYNQOR-PQ40150QGA07NRS Datasheet
590Kb / 14P
   Quarter-brick DC/DC Converter
PQ40150QGA07NYS SYNQOR-PQ40150QGA07NYS Datasheet
590Kb / 14P
   Quarter-brick DC/DC Converter
More results

Similar Description - PQ40150QGX07

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ40120QGX08 SYNQOR-PQ40120QGX08 Datasheet
2Mb / 16P
   Output over-voltage protection protects load from damaging voltages
logo
AIMTEC
AM6CW-FZ AIMTEC-AM6CW-FZ Datasheet
156Kb / 3P
   Over Load and Over Voltage protection
logo
Shanghai awinic technol...
AW33801 AWINIC-AW33801 Datasheet
951Kb / 20P
   Over-Voltage Protection Load Switch
logo
ON Semiconductor
FPF2280 ONSEMI-FPF2280 Datasheet
655Kb / 7P
   Over-Voltage Protection Load Switch
August-2017 Rev. 2
FPF2281 ONSEMI-FPF2281 Datasheet
284Kb / 7P
   Over-Voltage Protection Load Switch
November-2017,Rev. 2
FPF2290 ONSEMI-FPF2290 Datasheet
528Kb / 8P
   Over-Voltage Protection Load Switch
September-2017, Rev. 2
logo
Will Semiconductor Ltd.
WS3220 WILLSEMI-WS3220 Datasheet
794Kb / 10P
   Over-Voltage Protection Load Switch
logo
Shanghai awinic technol...
AW33201 AWINIC-AW33201 Datasheet
931Kb / 17P
   Over-Voltage Protection Load Switch
logo
Will Semiconductor Ltd.
WS3210 WILLSEMI-WS3210 Datasheet
904Kb / 9P
   Over-Voltage Protection Load Switch
WS3213 WILLSEMI-WS3213 Datasheet
413Kb / 9P
   Over-Voltage Protection Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com