Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PQ40120QGX08 Datasheet(PDF) 2 Page - SynQor Worldwide Headquarters

Part # PQ40120QGX08
Description  Output over-voltage protection protects load from damaging voltages
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ40120QGX08 Datasheet(HTML) 2 Page - SynQor Worldwide Headquarters

  PQ40120QGX08 Datasheet HTML 1Page - SynQor Worldwide Headquarters PQ40120QGX08 Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ40120QGX08 Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ40120QGX08 Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ40120QGX08 Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ40120QGX08 Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ40120QGX08 Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ40120QGX08 Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ40120QGX08 Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Product # PQ40120QGx08
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2QG128D Rev. C
11/13/12
Page 2
Input:
Output:
Current:
Package:
18-75V
12V
8.33A
Quarter-brick
Mechanical Diagrams
Open Frame Mechanical Diagram
8 7 6 5 4
1
2
3
TOP VIEW
SIDE VIEW
.600 [15.24]
.600 [15.24]
.300 [7.62]
.450 [11.43]
.300 [7.62]
.150 [3.81]
2.32
[58.9]
.14 [3.6]
.43 [10.8]
.031 ± .027
[0.79 ± 0.68]
Bottomside
Clearance
.397 ± .015
[10.08 ± 0.38]
Overall Height
.180
[4.57]
See Note 6
2.00
[50.8]
1.45 [36.8]
NOTES
1) Pins 1-3, 5-7 are 0.040” (1.02mm) diameter, with 0.080” (2.03mm)
diameter standoff shoulders.
Pins 4 and 8 are 0.062” (1.57 mm) diameter with 0.100” (2.54 mm)
2) diameter standoff shoulders.
3) Other pin extension lengths available.
4) All Pins: Material - Copper Alloy- Finish - Matte Tin over Nickel plate
Undimensioned components are shown for visual reference only.
5) Weight: 1.32 oz. (37.5 grams)
All dimensions in inches (mm)
6)
Tolerances: x.xx in +/-0.02 in. (x.xmm +/-0.5 mm)
x.xxx in +/-0.010 in. (x.xxmm +/-0.25 mm)
PIN DESIGNATIONS
Pin
Name
Function
1
Vin(+)
Positive input voltage
2
ON/OFF
TTL input to turn converter on and off,
referenced to Vin(–), with internal pull up.
3
Vin(–)
Negative input voltage
4
Vout(-)
Negative output voltage
5
SENSE(–)
Negative remote sense (See note 1)
6
TRIM
Output voltage trim (See note 2)
7
SENSE(+)
Positive remote sense (See note 3)
8
Vout(+)
Positive output voltage
Notes:
1)
SENSE(–) should be connected to Vout(–) either remotely or
at the converter.
2)
Leave TRIM pin open for nominal output voltage.
3)
SENSE(+) should be connected to Vout(+) either remotely or at the
converter.


Similar Part No. - PQ40120QGX08

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ40120QGA08 SYNQOR-PQ40120QGA08 Datasheet
588Kb / 14P
   Quarter-brick DC/DC Converter
PQ40120QGA08NKS SYNQOR-PQ40120QGA08NKS Datasheet
588Kb / 14P
   Quarter-brick DC/DC Converter
PQ40120QGA08NNS SYNQOR-PQ40120QGA08NNS Datasheet
588Kb / 14P
   Quarter-brick DC/DC Converter
PQ40120QGA08NRS SYNQOR-PQ40120QGA08NRS Datasheet
588Kb / 14P
   Quarter-brick DC/DC Converter
PQ40120QGA08NYS SYNQOR-PQ40120QGA08NYS Datasheet
588Kb / 14P
   Quarter-brick DC/DC Converter
More results

Similar Description - PQ40120QGX08

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ40150QGX07 SYNQOR-PQ40150QGX07 Datasheet
2Mb / 16P
   Output over-voltage protection protects load from damaging voltages
logo
AIMTEC
AM6CW-FZ AIMTEC-AM6CW-FZ Datasheet
156Kb / 3P
   Over Load and Over Voltage protection
logo
Shanghai awinic technol...
AW33801 AWINIC-AW33801 Datasheet
951Kb / 20P
   Over-Voltage Protection Load Switch
logo
ON Semiconductor
FPF2280 ONSEMI-FPF2280 Datasheet
655Kb / 7P
   Over-Voltage Protection Load Switch
August-2017 Rev. 2
FPF2281 ONSEMI-FPF2281 Datasheet
284Kb / 7P
   Over-Voltage Protection Load Switch
November-2017,Rev. 2
FPF2290 ONSEMI-FPF2290 Datasheet
528Kb / 8P
   Over-Voltage Protection Load Switch
September-2017, Rev. 2
logo
Will Semiconductor Ltd.
WS3220 WILLSEMI-WS3220 Datasheet
794Kb / 10P
   Over-Voltage Protection Load Switch
logo
Shanghai awinic technol...
AW33201 AWINIC-AW33201 Datasheet
931Kb / 17P
   Over-Voltage Protection Load Switch
logo
Will Semiconductor Ltd.
WS3210 WILLSEMI-WS3210 Datasheet
904Kb / 9P
   Over-Voltage Protection Load Switch
WS3213 WILLSEMI-WS3213 Datasheet
413Kb / 9P
   Over-Voltage Protection Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com