Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PQ40120QGX08 Datasheet(PDF) 6 Page - SynQor Worldwide Headquarters

Part # PQ40120QGX08
Description  Output over-voltage protection protects load from damaging voltages
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ40120QGX08 Datasheet(HTML) 6 Page - SynQor Worldwide Headquarters

Back Button PQ40120QGX08 Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ40120QGX08 Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ40120QGX08 Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ40120QGX08 Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ40120QGX08 Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ40120QGX08 Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ40120QGX08 Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ40120QGX08 Datasheet HTML 9Page - SynQor Worldwide Headquarters PQ40120QGX08 Datasheet HTML 10Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Product # PQ40120QGx08
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2QG128D Rev. C
11/13/12
Page 6
Input:
Output:
Current:
Package:
18-75V
12V
8.33A
Quarter-brick
60
65
70
75
80
85
90
95
100
0
1
2
3
4
5
6
7
8
Load Current (A)
18 Vin
48 Vin
75 Vin
87
88
89
90
91
92
100
200
300
400
Air Flow (LFM)
25 ºC
40 ºC
55 ºC
0
2
4
6
8
10
12
14
0
1
2
3
4
5
6
7
8
Load Current (A)
18 Vin
48 Vin
75 Vin
3
4
5
6
7
100
200
300
400
Air Flow (LFM)
25 ºC
40 ºC
55 ºC
2
3
4
5
6
7
8
9
0
25
40
55
70
85
Ambient Air Temperature (°C)
400 LFM (2.0 m/s)
300 LFM (1.5 m/s)
200 LFM (1.0 m/s)
100 LFM (0.5 m/s)
Figures
Figure 1: Efficiency at nominal output voltage vs. load current for 18V, 48V and
75V input at 25°C.
Figure 2: Efficiency at nominal output voltage and 60% rated power vs. airflow
rate for ambient air temperatures of 25°C, 40°C, and 55°C (nominal input
voltage).
Figure 3: Power dissipation at nominal output voltage vs. load current for 18V,
48V and 75V input at 25°C.
Figure 4: Power dissipation at nominal output voltage and 60% rated power
vs. airflow rate for ambient air temperatures of 25°C, 40°C, and 55°C (nominal
input voltage, 48V input).
Figure 5: Maximum output power derating curves vs. ambient air temperature
for airflow rates of 100 LFM through 400 LFM with air flowing from pin 3 to pin
1 (24V input).
Figure 6: Thermal plot of converter 8.33 amp load current with 55°C air flowing
at the rate of 200 LFM. Air is flowing across the converter sideways from pin 3
to pin 1 (24V input).
Technical Figures


Similar Part No. - PQ40120QGX08

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ40120QGA08 SYNQOR-PQ40120QGA08 Datasheet
588Kb / 14P
   Quarter-brick DC/DC Converter
PQ40120QGA08NKS SYNQOR-PQ40120QGA08NKS Datasheet
588Kb / 14P
   Quarter-brick DC/DC Converter
PQ40120QGA08NNS SYNQOR-PQ40120QGA08NNS Datasheet
588Kb / 14P
   Quarter-brick DC/DC Converter
PQ40120QGA08NRS SYNQOR-PQ40120QGA08NRS Datasheet
588Kb / 14P
   Quarter-brick DC/DC Converter
PQ40120QGA08NYS SYNQOR-PQ40120QGA08NYS Datasheet
588Kb / 14P
   Quarter-brick DC/DC Converter
More results

Similar Description - PQ40120QGX08

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ40150QGX07 SYNQOR-PQ40150QGX07 Datasheet
2Mb / 16P
   Output over-voltage protection protects load from damaging voltages
logo
AIMTEC
AM6CW-FZ AIMTEC-AM6CW-FZ Datasheet
156Kb / 3P
   Over Load and Over Voltage protection
logo
Shanghai awinic technol...
AW33801 AWINIC-AW33801 Datasheet
951Kb / 20P
   Over-Voltage Protection Load Switch
logo
ON Semiconductor
FPF2280 ONSEMI-FPF2280 Datasheet
655Kb / 7P
   Over-Voltage Protection Load Switch
August-2017 Rev. 2
FPF2281 ONSEMI-FPF2281 Datasheet
284Kb / 7P
   Over-Voltage Protection Load Switch
November-2017,Rev. 2
FPF2290 ONSEMI-FPF2290 Datasheet
528Kb / 8P
   Over-Voltage Protection Load Switch
September-2017, Rev. 2
logo
Will Semiconductor Ltd.
WS3220 WILLSEMI-WS3220 Datasheet
794Kb / 10P
   Over-Voltage Protection Load Switch
logo
Shanghai awinic technol...
AW33201 AWINIC-AW33201 Datasheet
931Kb / 17P
   Over-Voltage Protection Load Switch
logo
Will Semiconductor Ltd.
WS3210 WILLSEMI-WS3210 Datasheet
904Kb / 9P
   Over-Voltage Protection Load Switch
WS3213 WILLSEMI-WS3213 Datasheet
413Kb / 9P
   Over-Voltage Protection Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com