Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NQ04T33VMA16 Datasheet(PDF) 19 Page - SynQor Worldwide Headquarters

Part # NQ04T33VMA16
Description  On-board input and output filter capacitor
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

NQ04T33VMA16 Datasheet(HTML) 19 Page - SynQor Worldwide Headquarters

Back Button NQ04T33VMA16 Datasheet HTML 12Page - SynQor Worldwide Headquarters NQ04T33VMA16 Datasheet HTML 13Page - SynQor Worldwide Headquarters NQ04T33VMA16 Datasheet HTML 14Page - SynQor Worldwide Headquarters NQ04T33VMA16 Datasheet HTML 15Page - SynQor Worldwide Headquarters NQ04T33VMA16 Datasheet HTML 16Page - SynQor Worldwide Headquarters NQ04T33VMA16 Datasheet HTML 17Page - SynQor Worldwide Headquarters NQ04T33VMA16 Datasheet HTML 18Page - SynQor Worldwide Headquarters NQ04T33VMA16 Datasheet HTML 19Page - SynQor Worldwide Headquarters NQ04T33VMA16 Datasheet HTML 20Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
For horizontal mount applications (NQ0xxxxHMA parts),
where the inductor and power devices are facing down, the
preferred airflow direction is into the leading edge opposite the
pin header edge, such that air flowing under the
NiQor PCB
flows out between the pins and the inductor. With this airflow
direction, and with the inductor firmly contacting the applica-
tion board, the user can apply the thermal derating curves pro-
vided herein (measured using 6 layer 2oz copper board) for
vertical mount with airflow from pin 11 to pin 1. Airflows in
other directions across the horizontally mounted
NiQor will
result in temperatures that are higher by about 5 OC with pin 11
to pin 1 airflow and about 10 OC with pin 1 to pin 11 airflow.
Also, temperature increases of up to 10 OC (2 Amp lower der-
ating) can be expected if the inductor thermal interface does
not make good contact to the customer's circuit board.
Layout Suggestion: When using a fixed output NiQor con-
verter, the designer may chose to use the trim function and
would thus be required to reserve board space for a trim resis-
tor. It is suggested that even if the designer does not plan to use
the trim function, additional space should be reserved on the
board for a trim resistor. This will allow the flexibility to use the
wide output voltage trim range
NiQor module at a later date.
Any trim resistor should connect to the ground or output node
at one of the respective pins of the
NiQor, so as to prevent the
trim level from being affected by load drops through the ground
or power planes.
OPTIONAL FEATURES
REMOTE SENSE(+) (Pin 3 - Optional): The optional
SENSE(+) input corrects for voltage drops along the conductors
that connect the converter’s output pins to the load.
Pin 3 should be connected to Vout(+) at the point on the board
where regulation is desired. A remote connection at the load
can adjust for a voltage drop only as large as that specified in
this datasheet, that is
Vout(+) – SENSE(+) < Sense Range % x Vout
Pin 3 must be connected for proper regulation of the output volt-
age. If these connections are not made, the converter will deliv-
er an output voltage that is slightly higher than its specified
value.
Note: the output over-voltage protection circuit senses the volt-
age across the output (pins 1, 2 and 4) to determine when it
should trigger, not the voltage across the converter’s sense lead
(pin 3).
CURRENT SHARE (Pin A - Optional): Additional informa-
tion on the current share feature will be provided in a future
revision of this technical specification. Please contact SynQor
engineering support for further details.
Product # NQ04T33VMA16
Phone 1-888-567-9596
Doc.# 005-2NV4T3E Rev. B
7/6/04
Page 19
 
3.0 - 5.5Vin 16A
Non-Isolated
Non-Isolated
SIP Converter
SIP Converter
Product#NQ04T33VMA16
Phone1-888-567-9596
www.synqor.com
Doc.#005-2NV4T3E
Rev.C
03/22/2010
Page19


Similar Part No. - NQ04T33VMA16

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
NQ04T33VMA16NRN SYNQOR-NQ04T33VMA16NRN Datasheet
1Mb / 20P
   16Amp, wide ouput range, Non-Isolated DC/DC Converter
NQ04T33VMA16NRS SYNQOR-NQ04T33VMA16NRS Datasheet
1Mb / 20P
   16Amp, wide ouput range, Non-Isolated DC/DC Converter
NQ04T33VMA16NVN SYNQOR-NQ04T33VMA16NVN Datasheet
1Mb / 20P
   16Amp, wide ouput range, Non-Isolated DC/DC Converter
NQ04T33VMA16NVS SYNQOR-NQ04T33VMA16NVS Datasheet
1Mb / 20P
   16Amp, wide ouput range, Non-Isolated DC/DC Converter
NQ04T33VMA16ORN SYNQOR-NQ04T33VMA16ORN Datasheet
1Mb / 20P
   16Amp, wide ouput range, Non-Isolated DC/DC Converter
More results

Similar Description - NQ04T33VMA16

ManufacturerPart #DatasheetDescription
logo
SHENZHEN KYL COMMUNICAT...
KYL-812 KYL-KYL-812_1 Datasheet
70Kb / 5P
   wireless ON-OFF input and output module
logo
Maxim Integrated Produc...
MAX11103EVKIT MAXIM-MAX11103EVKIT Datasheet
6Mb / 39P
   On-Board Input Buffers
Rev 0; 1/11
logo
Bothhand USA, LP.
ST1LF BOTHHAND-ST1LF Datasheet
186Kb / 2P
   Input Filter With Internal Capacitor
logo
STMicroelectronics
X-NUCLEO-PLC01A1 STMICROELECTRONICS-X-NUCLEO-PLC01A1 Datasheet
271Kb / 7P
   Industrial input/output expansion board based on VNI8200XP and CLT01-38SQ7 for STM32 Nucleo
July 2015 Rev 1
logo
List of Unclassifed Man...
EQ6-40 ETC-EQ6-40 Datasheet
836Kb / 4P
   Matched 50 Ohm Impedance on Input and Output Ports
logo
Marki Microwave
EQ6-26 MARKIMICROWAVE-EQ6-26 Datasheet
850Kb / 4P
   Matched 50 Ohm Impedance on Input and Output Ports
EQ3-26 MARKIMICROWAVE-EQ3-26 Datasheet
869Kb / 4P
   Matched 50 Ohm Impedance on Input and Output Ports
EQ3-40 MARKIMICROWAVE-EQ3-40 Datasheet
903Kb / 4P
   Matched 50 Ohm Impedance on Input and Output Ports
logo
AIMTEC
AMES15-MAZ AIMTEC-AMES15-MAZ_16 Datasheet
543Kb / 5P
   Screw Terminals on Input & Output
AMES15-MAZ-1 AIMTEC-AMES15-MAZ-1_16 Datasheet
543Kb / 5P
   Screw Terminals on Input & Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com