Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SIC645 Datasheet(PDF) 17 Page - Vishay Siliconix

Part No. SIC645
Description  60 A VRPower Smart Power Stage (SPS) Module with Integrated High-Accuracy Current and Temperature Monitors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC645 Datasheet(HTML) 17 Page - Vishay Siliconix

Back Button SIC645 Datasheet HTML 10Page - Vishay Siliconix SIC645 Datasheet HTML 11Page - Vishay Siliconix SIC645 Datasheet HTML 12Page - Vishay Siliconix SIC645 Datasheet HTML 13Page - Vishay Siliconix SIC645 Datasheet HTML 14Page - Vishay Siliconix SIC645 Datasheet HTML 15Page - Vishay Siliconix SIC645 Datasheet HTML 16Page - Vishay Siliconix SIC645 Datasheet HTML 17Page - Vishay Siliconix SIC645 Datasheet HTML 18Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
PAD Pattern
www.vishay.com
Vishay Siliconix
Revision: 20-Sep-16
1
Document Number: 77768
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Recommended Land Pattern PowerPAK® MLP55-32L
All dimensions are in millimeters
(D2-1)
1.50
(K3)
2.30
(K2)
0.20
(K1)
0.20
(b)
0.25
5.00
0.75
0.30
0.5 x 7= 3.50
0.75
0.30
1.60
0.30
0.50
(D2-2)
2.00
(D2-3)
4.50
0.40
1.35
(K4) 0.75
0.40
2.15
0.75
0.30
3.10
0.50
1.25
0.20
0.5 x 8 = 4.00
Component for MLP55-32L
Top side transparent view
(no bottom view)
Land pattern for MLP55-32L
Land pattern for MLP55-32L
Component for MLP55-32L
8
32
16
9
1
23
17
24
8
32
16
9
1
23
17
24
8
32
16
9
1
23
17
24
Component and land pattern
for MLP55-32L


Similar Part No. - SIC645

ManufacturerPart No.DatasheetDescription
Vishay Siliconix
Vishay Siliconix
SIC645 VISHAY-SIC645 Datasheet
363Kb / 18P
   60 A VRPower짰 Smart Power Stage (SPS) Module with Integrated High Accuracy Current and Temperature Monitors
01-Jan-2022
SIC645A VISHAY-SIC645A Datasheet
363Kb / 18P
   60 A VRPower짰 Smart Power Stage (SPS) Module with Integrated High Accuracy Current and Temperature Monitors
01-Jan-2022
SIC645 VISHAY-SIC645_V01 Datasheet
363Kb / 18P
   60 A VRPower짰 Smart Power Stage (SPS) Module with Integrated High Accuracy Current and Temperature Monitors
01-Jan-2022
More results

Similar Description - SIC645

ManufacturerPart No.DatasheetDescription
Vishay Siliconix
Vishay Siliconix
SIC645 VISHAY-SIC645_V01 Datasheet
363Kb / 18P
   60 A VRPower짰 Smart Power Stage (SPS) Module with Integrated High Accuracy Current and Temperature Monitors
01-Jan-2022
Renesas Technology Corp
Renesas Technology Corp
ISL99227 RENESAS-ISL99227 Datasheet
886Kb / 17P
   Smart Power Stage (SPS) Module with Integrated High Accuracy Current and Temperature Monitors
Vishay Siliconix
Vishay Siliconix
SIC648 VISHAY-SIC648 Datasheet
126Kb / 3P
   60 A VRPower짰 Smart Power Stage (SPS) Module
ON Semiconductor
ON Semiconductor
FDMF5820DC ONSEMI-FDMF5820DC Datasheet
1Mb / 26P
   Smart Power Stage (SPS) Module with Integrated Temperature Monitor
May 2016 Rev. 1.7
FDMF5821 ONSEMI-FDMF5821 Datasheet
1Mb / 26P
   Smart Power Stage (SPS) Module with Integrated Temperature Monitor
October 2016 Rev. 1.0
Fairchild Semiconductor
Fairchild Semiconductor
FDMF5820DCCT-ND FAIRCHILD-FDMF5820DCCT-ND Datasheet
1Mb / 25P
   FDMF5820DC-Smart Power Stage (SPS) Module with Integrated Temperature Monitor
FDMF5821DCCT-ND FAIRCHILD-FDMF5821DCCT-ND Datasheet
1Mb / 25P
   FDMF5821DC . Smart Power Stage (SPS) Module with Integrated Temperature Monitor
FDMF5826DCCT-ND FAIRCHILD-FDMF5826DCCT-ND Datasheet
1Mb / 25P
   FDMF5826DC-Smart Power Stage (SPS) Module with Integrated Temperature Monitor
Vishay Siliconix
Vishay Siliconix
SIC620R VISHAY-SIC620R Datasheet
322Kb / 18P
   60 A VRPower Integrated Power Stage
SIC620 VISHAY-SIC620 Datasheet
316Kb / 20P
   60 A VRPower Integrated Power Stage
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz