Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SIC645 Datasheet(PDF) 16 Page - Vishay Siliconix

Part No. SIC645
Description  60 A VRPower Smart Power Stage (SPS) Module with Integrated High-Accuracy Current and Temperature Monitors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC645 Datasheet(HTML) 16 Page - Vishay Siliconix

Back Button SIC645 Datasheet HTML 10Page - Vishay Siliconix SIC645 Datasheet HTML 11Page - Vishay Siliconix SIC645 Datasheet HTML 12Page - Vishay Siliconix SIC645 Datasheet HTML 13Page - Vishay Siliconix SIC645 Datasheet HTML 14Page - Vishay Siliconix SIC645 Datasheet HTML 15Page - Vishay Siliconix SIC645 Datasheet HTML 16Page - Vishay Siliconix SIC645 Datasheet HTML 17Page - Vishay Siliconix SIC645 Datasheet HTML 18Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
Package Information
www.vishay.com
Vishay Siliconix
Revision: 24-Oct-16
1
Document Number: 77713
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PowerPAK® MLP55-32 Double Cooling Case Outline
Notes
• Use millimeters as the primary measurement.
• Dimensioning and tolerances conform to ASME Y14.5M-1994.
• The pin 1 identifier must be existed on the top surface of the package by using indentation mark or other feature of package body.
• Exact shape and size of this feature is optional
• Package warpage max. 0.08 mm.
(1) N is the number of terminals. Nd1 and Nd3 is the number of terminals in each y-direction. Nd2 and Nd4 is the number of terminals in each
x-direction.
(2) Dimensions b applies to plated terminal and is measured between 0.20 mm and 0.25 mm from terminal tip.
(3) Applied only for terminals.
DIM.
MILLIMETERS
INCHES
MIN.
NOM.
MAX.
MIN.
NOM.
MAX.
A (3)
0.56
0.61
0.66
0.022
0.024
0.026
A1
0.00
-
0.05
0.000
-
0.002
A2
0.20 ref.
0.008 ref.
b (2)
0.20
0.25
0.30
0.078
0.098
0.011
D
5.00 BSC
0.196 BSC
D2-1
1.45
1.50
1.55
0.057
0.059
0.061
D2-2
1.95
2.00
2.05
0.077
0.079
0.081
D2-3
4.25
4.30
4.35
0.167
0.169
0.171
e
0.50 BSC
0.020 BSC
E
5.00 BSC
0.197 BSC
E2-1
1.10
1.15
1.20
0.043
0.045
0.047
E2-2
1.80
1.85
1.90
0.071
0.073
0.075
E2-3
1.10
1.15
1.20
0.043
0.045
0.047
K1
0.55 BSC
0.022 BSC
K2
0.15 BSC
0.006 BSC
L
0.35
0.40
0.45
0.014
0.016
0.018
L1
0.25
0.30
0.35
0.010
0.012
0.014
P1
3.95
4.00
4.05
0.1555
0.1575
0.1595
P2
0.75
-
1.15
0.030
-
0.045
O1
2.05
2.10
2.15
0.046
0.048
0.050
O2
1.30
1.35
1.40
0.049
0.051
0.053
N (1)
31
31
Nd1 (1)
8 (pin 1 to pin 8)
8 (pin 1 to pin 8)
Nd2 (1)
8 (pin 9 to pin 15)
8 (pin 9 to pin 15)
Nd3 (1)
7 (pin 16 to pin 22)
7 (pin 16 to pin 22)
Nd4 (1)
9 (pin 23 to pin 31)
9 (pin 23 to pin 31)
ECN: T16-0611-Rev. A, 24-Oct-16
DWG: 6054
A
D
Pin 1 dot
by marking
B
A
0.10 C A
2 x
MLP55-32L
(5 mm x 5 mm)
Top view
A1
A2
0.08 C
C
Side view
8
1
23
17
P1
0.2
0.2
D2-1
D2-2
D2-3
L
L1
(Nd4-1) x e
ref.
(Nd2-1) x e
ref.
Bottom view
P2


Similar Part No. - SIC645

ManufacturerPart No.DatasheetDescription
Vishay Siliconix
Vishay Siliconix
SIC645 VISHAY-SIC645 Datasheet
363Kb / 18P
   60 A VRPower짰 Smart Power Stage (SPS) Module with Integrated High Accuracy Current and Temperature Monitors
01-Jan-2022
SIC645A VISHAY-SIC645A Datasheet
363Kb / 18P
   60 A VRPower짰 Smart Power Stage (SPS) Module with Integrated High Accuracy Current and Temperature Monitors
01-Jan-2022
SIC645 VISHAY-SIC645_V01 Datasheet
363Kb / 18P
   60 A VRPower짰 Smart Power Stage (SPS) Module with Integrated High Accuracy Current and Temperature Monitors
01-Jan-2022
More results

Similar Description - SIC645

ManufacturerPart No.DatasheetDescription
Vishay Siliconix
Vishay Siliconix
SIC645 VISHAY-SIC645_V01 Datasheet
363Kb / 18P
   60 A VRPower짰 Smart Power Stage (SPS) Module with Integrated High Accuracy Current and Temperature Monitors
01-Jan-2022
Renesas Technology Corp
Renesas Technology Corp
ISL99227 RENESAS-ISL99227 Datasheet
886Kb / 17P
   Smart Power Stage (SPS) Module with Integrated High Accuracy Current and Temperature Monitors
Vishay Siliconix
Vishay Siliconix
SIC648 VISHAY-SIC648 Datasheet
126Kb / 3P
   60 A VRPower짰 Smart Power Stage (SPS) Module
ON Semiconductor
ON Semiconductor
FDMF5820DC ONSEMI-FDMF5820DC Datasheet
1Mb / 26P
   Smart Power Stage (SPS) Module with Integrated Temperature Monitor
May 2016 Rev. 1.7
FDMF5821 ONSEMI-FDMF5821 Datasheet
1Mb / 26P
   Smart Power Stage (SPS) Module with Integrated Temperature Monitor
October 2016 Rev. 1.0
Fairchild Semiconductor
Fairchild Semiconductor
FDMF5820DCCT-ND FAIRCHILD-FDMF5820DCCT-ND Datasheet
1Mb / 25P
   FDMF5820DC-Smart Power Stage (SPS) Module with Integrated Temperature Monitor
FDMF5821DCCT-ND FAIRCHILD-FDMF5821DCCT-ND Datasheet
1Mb / 25P
   FDMF5821DC . Smart Power Stage (SPS) Module with Integrated Temperature Monitor
FDMF5826DCCT-ND FAIRCHILD-FDMF5826DCCT-ND Datasheet
1Mb / 25P
   FDMF5826DC-Smart Power Stage (SPS) Module with Integrated Temperature Monitor
Vishay Siliconix
Vishay Siliconix
SIC620R VISHAY-SIC620R Datasheet
322Kb / 18P
   60 A VRPower Integrated Power Stage
SIC620 VISHAY-SIC620 Datasheet
316Kb / 20P
   60 A VRPower Integrated Power Stage
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz