Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SIC645 Datasheet(PDF) 15 Page - Vishay Siliconix

Part No. SIC645
Description  60 A VRPower Smart Power Stage (SPS) Module with Integrated High-Accuracy Current and Temperature Monitors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC645 Datasheet(HTML) 15 Page - Vishay Siliconix

Back Button SIC645 Datasheet HTML 10Page - Vishay Siliconix SIC645 Datasheet HTML 11Page - Vishay Siliconix SIC645 Datasheet HTML 12Page - Vishay Siliconix SIC645 Datasheet HTML 13Page - Vishay Siliconix SIC645 Datasheet HTML 14Page - Vishay Siliconix SIC645 Datasheet HTML 15Page - Vishay Siliconix SIC645 Datasheet HTML 16Page - Vishay Siliconix SIC645 Datasheet HTML 17Page - Vishay Siliconix SIC645 Datasheet HTML 18Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
SiC645
www.vishay.com
Vishay Siliconix
S16-2233-Rev. B, 31-Oct-16
15
Document Number: 65424
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Use millimeters as the primary measurement.
(2) Dimensioning and tolerances conform to ASME Y14.5M-1994.
(3) N is the number of terminals. Nd1 and Nd3 is the number of terminals in Y-direction and Nd2 and Nd4 is the number of terminals in
X-direction.
(4) Dimension b applies to plated terminal and is measured between 0.20 mm and 0.25 mm from terminal trip.
(5) The configuration of the pin #1 identifier is optimal, but must be located within the zone indicated. The pin #1 identifier may be either a mold
or mark feature.
(6) Exact shape and size of this feature is optional.
(7) Package warpage max 0.08 mm.
(8) Applied only for terminals.
(9) Tiebar shown (if present) is a non-functional feature.
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see www.vishay.com/ppg?65424.
DIM.
MILLIMETERS
MIN.
NOM.
MAX.
A (8)
0.56
0.61
0.66
A1
0.00
-
0.05
A2
0.20 ref.
b (4)
0.20
0.25
0.30
D
5.00 BSC
D2-1
1.45
1.50
1.55
D2-2
1.95
2.00
2.05
D2-3
4.25
4.30
4.35
e
0.50 BSC
E
5.00 BSC
E2-1
1.10
1.15
1.20
E2-2
1.80
1.85
1.90
E2-3
1.10
1.15
1.20
K1
0.55 BSC
K2
0.15 BSC
L
0.35
0.40
0.45
L1
0.25
0.30
0.35
P1
3.95
4.00
4.05
P2
0.75
-
1.15
Q1
2.05
2.10
2.15
Q2
1.30
1.35
1.40
N (3)
32
Nd1 (3)
8 (pin 1 to pin 8)
Nd2 (3)
8 (pin 9 to pin 16)
Nd3 (3)
7 (pin 17 to pin 23)
Nd4 (3)
9 (pin 24 to pin 32)


Similar Part No. - SIC645

ManufacturerPart No.DatasheetDescription
Vishay Siliconix
Vishay Siliconix
SIC645 VISHAY-SIC645 Datasheet
363Kb / 18P
   60 A VRPower짰 Smart Power Stage (SPS) Module with Integrated High Accuracy Current and Temperature Monitors
01-Jan-2022
SIC645A VISHAY-SIC645A Datasheet
363Kb / 18P
   60 A VRPower짰 Smart Power Stage (SPS) Module with Integrated High Accuracy Current and Temperature Monitors
01-Jan-2022
SIC645 VISHAY-SIC645_V01 Datasheet
363Kb / 18P
   60 A VRPower짰 Smart Power Stage (SPS) Module with Integrated High Accuracy Current and Temperature Monitors
01-Jan-2022
More results

Similar Description - SIC645

ManufacturerPart No.DatasheetDescription
Vishay Siliconix
Vishay Siliconix
SIC645 VISHAY-SIC645_V01 Datasheet
363Kb / 18P
   60 A VRPower짰 Smart Power Stage (SPS) Module with Integrated High Accuracy Current and Temperature Monitors
01-Jan-2022
Renesas Technology Corp
Renesas Technology Corp
ISL99227 RENESAS-ISL99227 Datasheet
886Kb / 17P
   Smart Power Stage (SPS) Module with Integrated High Accuracy Current and Temperature Monitors
Vishay Siliconix
Vishay Siliconix
SIC648 VISHAY-SIC648 Datasheet
126Kb / 3P
   60 A VRPower짰 Smart Power Stage (SPS) Module
ON Semiconductor
ON Semiconductor
FDMF5820DC ONSEMI-FDMF5820DC Datasheet
1Mb / 26P
   Smart Power Stage (SPS) Module with Integrated Temperature Monitor
May 2016 Rev. 1.7
FDMF5821 ONSEMI-FDMF5821 Datasheet
1Mb / 26P
   Smart Power Stage (SPS) Module with Integrated Temperature Monitor
October 2016 Rev. 1.0
Fairchild Semiconductor
Fairchild Semiconductor
FDMF5820DCCT-ND FAIRCHILD-FDMF5820DCCT-ND Datasheet
1Mb / 25P
   FDMF5820DC-Smart Power Stage (SPS) Module with Integrated Temperature Monitor
FDMF5821DCCT-ND FAIRCHILD-FDMF5821DCCT-ND Datasheet
1Mb / 25P
   FDMF5821DC . Smart Power Stage (SPS) Module with Integrated Temperature Monitor
FDMF5826DCCT-ND FAIRCHILD-FDMF5826DCCT-ND Datasheet
1Mb / 25P
   FDMF5826DC-Smart Power Stage (SPS) Module with Integrated Temperature Monitor
Vishay Siliconix
Vishay Siliconix
SIC620R VISHAY-SIC620R Datasheet
322Kb / 18P
   60 A VRPower Integrated Power Stage
SIC620 VISHAY-SIC620 Datasheet
316Kb / 20P
   60 A VRPower Integrated Power Stage
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz