Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SIC645 Datasheet(PDF) 14 Page - Vishay Siliconix

Part No. SIC645
Description  60 A VRPower Smart Power Stage (SPS) Module with Integrated High-Accuracy Current and Temperature Monitors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC645 Datasheet(HTML) 14 Page - Vishay Siliconix

Back Button SIC645 Datasheet HTML 10Page - Vishay Siliconix SIC645 Datasheet HTML 11Page - Vishay Siliconix SIC645 Datasheet HTML 12Page - Vishay Siliconix SIC645 Datasheet HTML 13Page - Vishay Siliconix SIC645 Datasheet HTML 14Page - Vishay Siliconix SIC645 Datasheet HTML 15Page - Vishay Siliconix SIC645 Datasheet HTML 16Page - Vishay Siliconix SIC645 Datasheet HTML 17Page - Vishay Siliconix SIC645 Datasheet HTML 18Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
SiC645
www.vishay.com
Vishay Siliconix
S16-2233-Rev. B, 31-Oct-16
14
Document Number: 65424
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 18 - Multi-Phase PCB Layout Example Bottom Layer
PACKAGE OUTLINE DRAWING Dual cooled PowerPAK MLP55-32L
V
IN decoupling
capacitors
Keep out area
Side view
Top view
Detail "X"
Bottom view
Pin 1 index area
D
2X
0.10 CA
A
B
E
Q1
Q2
P2
P1
See detail “X”
A
A1
A2
0.08 C
C
(Nd4-1) x e
ref.
D2-2
0.2
D2-1
0.2
1
8
(Nd2-1) x e
ref.
D2-3
L
L1
L
e
23
L
17
9
0.2 ref.
0.00 min.
0.05 max.
C
Typical recommended land pattern
(4.80)
(4.00)
(0.40)
(2.00)
(1.50)
(2 x 1.15)
(0.40)
(1.85)
(0.70)
(27 x 0.50)
(3 x 3.50)
(4.80)
(3.00)
(32 x 0.25)
(22 x 0.60)
Pin 1 index area
5
5


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn